Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B45198P0157M306 Datasheet(PDF) 8 Page - Kemet Corporation

Part # B45198P0157M306
Description  Tantalum Chip Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

B45198P0157M306 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button B45198P0157M306 Datasheet HTML 4Page - Kemet Corporation B45198P0157M306 Datasheet HTML 5Page - Kemet Corporation B45198P0157M306 Datasheet HTML 6Page - Kemet Corporation B45198P0157M306 Datasheet HTML 7Page - Kemet Corporation B45198P0157M306 Datasheet HTML 8Page - Kemet Corporation B45198P0157M306 Datasheet HTML 9Page - Kemet Corporation B45198P0157M306 Datasheet HTML 10Page - Kemet Corporation B45198P0157M306 Datasheet HTML 11Page - Kemet Corporation B45198P0157M306 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Technical data and ordering codes
CR
(20
°C, 120 Hz)
µF
Case size
DFmax
(20
°C, 120 Hz)
%
Ileak,max
(20
°C, V
R,
5 min)
µA
Zmax
(20
°C,
100 kHz)
Ordering code
q Preliminary Data
* =
Code number for reel diameter
+ =
Capacitance tolerance
6 = 330-mm reel
9 = 180-mm reel
M =
±20%
K =
±10%
VR,85 = 4 VDC, VR,125 = 2.5 VDC, VR,150 = 2 VDC
3.3
A
4.5
0.5
5.9
B45196P0335+10*
4.7
A
4.5
0.5
4.6
B45196P0475+10*
6.8
A
4.5
0.5
3.9
B45196P0685+10*
10
A
4.5
0.5
2.9
B45196P0106+10*
10
B
4.5
0.5
2.7
B45196P0106+20*
15
A
4.5
0.6
2.7
B45196P0156+10*
15
B
4.5
0.6
2.6
B45196P0156+20*
22
B
4.5
0.9
1.8
B45196P0226+20*
22
C
4.5
0.9
1.7
B45196P0226+30*
33
B
4.5
1.3
1.5
B45196P0336+20*
33
C
4.5
1.3
1.5
B45196P0336+30*
47
C
4.5
1.9
1.1
B45196P0476+30*
68
C
4.5
2.7
0.9
B45196P0686+30*
68
D
4.5
2.7
0.8
B45196P0686+40*
100
D
6
4.0
0.6
B45196P0107+40*
150
D
6
6.0
0.6
B45196P0157+40*
VR,85 = 6.3 VDC, VR,125 = 4 VDC, VR,150 = 3.2 VDC
2.2
A
4.5
0.5
6.5
B45196P1225+10*
3.3
A
4.5
0.5
4.6
B45196P1335+10*
4.7
A
4.5
0.5
3.6
B45196P1475+10*
6.8
A
4.5
0.5
2.9
B45196P1685+10*
6.8
B
4.5
0.5
2.7
B45196P1685+20*
10
A
4.5
0.6
2.7
B45196P1106+10*
10
B
4.5
0.6
2.1
B45196P1106+20*
15
B
4.5
0.9
1.8
B45196P1156+20*
15
C
4.5
1.0
1.7
B45196P1156+30*
22
B
4.5
1.4
1.5
B45196P1226+20*
22
C
4.5
1.4
1.3
B45196P1226+30*
33
C
4.5
2.1
1.1
B45196P1336+30*
47
C
4.5
3.0
0.8
B45196P1476+30*
47
D
4.5
3.0
0.8
B45196P1476+40*
68
C
4.5
4.3
0.8
B45196P1686+30*
Tantalum chip capacitors
B45196P, B45198P
Performance, High Reliability 150
°C
Page 8 of 15
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B45198P0157M306

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45198P1225+106 EPCOS-B45198P1225+106 Datasheet
128Kb / 11P
   Tantalum Chip Capacitors
B45198P1225+109 EPCOS-B45198P1225+109 Datasheet
128Kb / 11P
   Tantalum Chip Capacitors
B45198P1225+206 EPCOS-B45198P1225+206 Datasheet
128Kb / 11P
   Tantalum Chip Capacitors
B45198P1225+209 EPCOS-B45198P1225+209 Datasheet
128Kb / 11P
   Tantalum Chip Capacitors
B45198P1225+306 EPCOS-B45198P1225+306 Datasheet
128Kb / 11P
   Tantalum Chip Capacitors
More results

Similar Description - B45198P0157M306

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com