Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B45196T7157K206 Datasheet(PDF) 10 Page - Kemet Corporation

Part # B45196T7157K206
Description  Tantalum chip capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

B45196T7157K206 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button B45196T7157K206 Datasheet HTML 5Page - Kemet Corporation B45196T7157K206 Datasheet HTML 6Page - Kemet Corporation B45196T7157K206 Datasheet HTML 7Page - Kemet Corporation B45196T7157K206 Datasheet HTML 8Page - Kemet Corporation B45196T7157K206 Datasheet HTML 9Page - Kemet Corporation B45196T7157K206 Datasheet HTML 10Page - Kemet Corporation B45196T7157K206 Datasheet HTML 11Page - Kemet Corporation B45196T7157K206 Datasheet HTML 12Page - Kemet Corporation B45196T7157K206 Datasheet HTML 13Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CR
(20
°C, 120 Hz)
µF
Case size
DFmax
(20
°C, 120 Hz)
%
Ileak,max
(20
°C, V
R,
5 min)
µA
Zmax
(20
°C,
100 kHz)
Ordering code
q Preliminary Data
* =
Code number for reel diameter
+ =
Capacitance tolerance
6 = 330-mm reel
9 = 180-mm reel
M =
±20%
K =
±10%
VR,85 = 25 VDC, VR,125 = 16.0 VDC, VR,150 = 12.5 VDC, VR,175 = 8.3 VDC
0.47
A
3.0
0.5
7.8
B45196T5474+10*
0.68
A
3.0
0.5
5.9
B45196T5684+10*
1.0
A
3.0
0.5
5.2
B45196T5105+10*
1.5
B
4.5
0.5
4.2
B45196T5155+20*
2.2
B
4.5
0.6
3.0
B45196T5225+20*
3.3
C
4.5
0.8
2.0
B45196T5335+30*
4.7
C
4.5
1.2
1.6
B45196T5475+30*
6.8
C
4.5
1.7
1.4
B45196T5685+30*
6.8
D
4.5
1.7
1.1
B45196T5685+40*
10
D
4.5
2.5
0.9
B45196T5106+40*
15
D
4.5
3.8
0.7
B45196T5156+40*
22
D
4.5
5.5
0.6
B45196T5226+40*
33
D
4.5
8.3
0.6
B45196T5336+40* q
VR,85 = 35 VDC, VR,125 = 23.0 VDC, VR,150 = 17.5 VDC, VR,175 = 11.7 VDC
0.15
A
3.0
0.5
23.0
B45196T6154+10*
0.22
A
3.0
0.5
15.0
B45196T6224+10*
0.33
A
3.0
0.5
11.0
B45196T6334+10*
0.47
B
3.0
0.5
8.0
B45196T6474+20*
0.68
B
3.0
0.5
5.5
B45196T6684+20*
1.0
B
3.0
0.5
4.4
B45196T6105+20*
1.5
C
4.5
0.5
3.3
B45196T6155+30*
2.2
C
4.5
0.8
2.2
B45196T6225+30*
3.3
C
4.5
1.2
1.7
B45196T6335+30*
4.7
C
4.5
1.6
1.3
B45196T6475+30*
4.7
D
4.5
1.6
1.0
B45196T6475+40*
6.8
D
4.5
2.4
0.9
B45196T6685+40*
10
D
4.5
3.5
0.7
B45196T6106+40*
Tantalum chip capacitors
B45196T, B45198T
Performance, High Temperature 175
°C
Page 10 of 13
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B45196T7157K206

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B45196T KEMET-B45196T Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45196T KEMET-B45196T Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45196T KEMET-B45196T Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
More results

Similar Description - B45196T7157K206

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com