Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B45197A6157M206 Datasheet(PDF) 7 Page - Kemet Corporation

Part # B45197A6157M206
Description  SpeedPower, Low ESR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

B45197A6157M206 Datasheet(HTML) 7 Page - Kemet Corporation

Back Button B45197A6157M206 Datasheet HTML 3Page - Kemet Corporation B45197A6157M206 Datasheet HTML 4Page - Kemet Corporation B45197A6157M206 Datasheet HTML 5Page - Kemet Corporation B45197A6157M206 Datasheet HTML 6Page - Kemet Corporation B45197A6157M206 Datasheet HTML 7Page - Kemet Corporation B45197A6157M206 Datasheet HTML 8Page - Kemet Corporation B45197A6157M206 Datasheet HTML 9Page - Kemet Corporation B45197A6157M206 Datasheet HTML 10Page - Kemet Corporation B45197A6157M206 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Tantalum chip capacitors
B450
SpeedPower, Low ESR
Page 7 of 26
Please read Important notes and
Cautions and warnings at the end of this document.
VR (VDC)
2.5
4
6.3
10
16
20
25
35
50
ESR (mW)
40
E(680*)
E(330*)
45
D(330*)
E(470* 680*)
50
D(150* 220*)
E(330*)
D(100* 150*
220*)
E (220* 330*
470*)
E(150*)
55
E (100*)
60
E(470 680*)
1000*)
E(470 680*)
D(100*)
65
D(150*)
D(100*)
70
D(68*)
D(68*)
E(47*)
80
D(150)
E(220 330)
D(100)
E (220 330
470)
D(47*)
E(220*)
E(47*)
100
C(220 330*)
D(150 220
330 470
680 1000*)
E(330)
C(220*)
D(150 220
330 470)
E(150 220
330 470
680 1000*)
C(100*)
D(47 68 100
150 220
330)
E(100 150
220 330
470 680)
D(68 100
150*)
E(100 150
220 330*)
D(47*)
E(100*)
D(33* 47*)
E(33*)
D(15*)
E(33*)
120
E(47)
130
D(100)
D(100 150)
E(47 68)
D(47)
E(68*)
D(10*)
E(22*)
150
C(68 100)
C(68 100
150*)
D(470 680)
D(68 330
470*)
D(47 68
100 150)
E(68)
D(47 68)
E(47 68
100)
D(33 47)
D(6.8*)
180
D(68)
C(100)
C(68)
D(47)
E(33)
E(22)
200
C(150)
C(68 150
220 330*)
C(68 100
150*)
D(47)
C(68 100*)
D(33)
C(22 33)
D(22 33 47
68 100*)
E(33 68)
D(22 33)
E(33 47 68)
D(22 33*)
E10 22 47*)
220
D(220*)
230
C(33)
D(15 22 33)
E(22)
E(47)
250
C(47)
B(100* 150*)
B(33* 47* 68*
100*)
C(47)
B(33* 47* 68*
C(68* 100)
C(22 68)
D(47)
D(47)
E(15 33)
E(15*)
260
D(10 15
22)
E(10 15 22
33)
280
C(22)
300
B(100)
C(33)
B(100)
B(100)
C(33 47)
C(22* 33 47) C(22 33 47) D(68)
C(10 15)
D(4.7 6.8)
E(6.8)
D(4.7 6.8)
E(6.8 10 15)
330
C(47)
350
B(68)
C(33)
B(68*)
C(22)
B(33*)
C(22)
C(6.8 15*)
380
C(22)
B(22*)
C(22)
C(22 33)


Similar Part No. - B45197A6157M206

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B45197A KEMET-B45197A Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45197A-R KEMET-B45197A-R Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45197A-R KEMET-B45197A-R Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45197A2477K509 KEMET-B45197A2477K509 Datasheet
38Kb / 1P
   Capacitor, tantalum, 470 uF, 10per Tol, 10V 85C, E
B45197A3227K509 KEMET-B45197A3227K509 Datasheet
57Kb / 1P
   Capacitor, Tantalum, SMD, Molded, Low ESR, Surge Robust, 220 uF, 7343, /-10% Tol, 16V@85C
More results

Similar Description - B45197A6157M206

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSX157M010R0100 AVX-TPSX157M010R0100 Datasheet
146Kb / 11P
   Low ESR
TPSB226K016R0400 AVX-TPSB226K016R0400 Datasheet
146Kb / 11P
   Low ESR
TPSV107M020R0085 AVX-TPSV107M020R0085 Datasheet
159Kb / 11P
   Low ESR
TPSC107K002R0100V AVX-TPSC107K002R0100V Datasheet
137Kb / 11P
   Low ESR
logo
Nichicon corporation
RR7 NICHICON-RR7 Datasheet
652Kb / 2P
   Low ESR
logo
AVX Corporation
TPSC336M016R0225 AVX-TPSC336M016R0225 Datasheet
199Kb / 16P
   Low ESR
TPSA476K006R0800 AVX-TPSA476K006R0800 Datasheet
146Kb / 11P
   Low ESR
TPSE227M010R0100 AVX-TPSE227M010R0100 Datasheet
159Kb / 11P
   Low ESR
TPS AVX-TPS Datasheet
1Mb / 13P
   Low ESR
TPSD227K010R0100 AVX-TPSD227K010R0100 Datasheet
163Kb / 11P
   Low ESR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com