Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B45198R6157M206 Datasheet(PDF) 2 Page - Kemet Corporation

Part # B45198R6157M206
Description  SpeedPower, Low ESR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

B45198R6157M206 Datasheet(HTML) 2 Page - Kemet Corporation

  B45198R6157M206 Datasheet HTML 1Page - Kemet Corporation B45198R6157M206 Datasheet HTML 2Page - Kemet Corporation B45198R6157M206 Datasheet HTML 3Page - Kemet Corporation B45198R6157M206 Datasheet HTML 4Page - Kemet Corporation B45198R6157M206 Datasheet HTML 5Page - Kemet Corporation B45198R6157M206 Datasheet HTML 6Page - Kemet Corporation B45198R6157M206 Datasheet HTML 7Page - Kemet Corporation B45198R6157M206 Datasheet HTML 8Page - Kemet Corporation B45198R6157M206 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Construction
Polar tantalum capacitors with solid electrolyte
Conventional, optimized TaMnO2 technology
Flame-retardant plastic case (UL 94 V-0)
Optionally tinned or gold-plated terminals
Features
Wide variety of Low ESR values
High ripple current capability
High volumetric efficiency
Excellent solderability
Stable temperature and frequency characteristics
Low leakage current, low dissipation factor
Low self-inductance
High resistance to shock and vibration
Suitable for use without series resistor
(special operating conditions recommended)
Lead-free and material content compatible with RoHS
Some partnumbers are only available in M (
±20%) tolerance; these types have a maximum
capacitance drift at +125
°C of +20%
Applications
Telecommunications (e.g. mobile phones, infrastructure)
Data processing (e.g. laptops, mainframes)
Measuring and control engineering (e.g. voltage regulators)
Automotive electronics (e.g. navigation systems, electronic control units)
Medical engineering
DC/DC converters
Soldering
Suitable for reflow soldering (IR and vapor phase, in compliance with JEDEC J-STD-020 C) and
wave soldering
Delivery mode
Taped and reeled in accordance with IEC 60286-3
Tantalum chip capacitors
B45197A, B45198R, B450, B451
SpeedPower, Low ESR
Page 2 of 26
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B45198R6157M206

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45198RA4226+206 EPCOS-B45198RA4226+206 Datasheet
126Kb / 11P
   Tantalum Chip Capacitors
B45198RA4226+209 EPCOS-B45198RA4226+209 Datasheet
126Kb / 11P
   Tantalum Chip Capacitors
B45198RA4226+306 EPCOS-B45198RA4226+306 Datasheet
126Kb / 11P
   Tantalum Chip Capacitors
B45198RA4226+309 EPCOS-B45198RA4226+309 Datasheet
126Kb / 11P
   Tantalum Chip Capacitors
B45198RA4226+506 EPCOS-B45198RA4226+506 Datasheet
126Kb / 11P
   Tantalum Chip Capacitors
More results

Similar Description - B45198R6157M206

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSX157M010R0100 AVX-TPSX157M010R0100 Datasheet
146Kb / 11P
   Low ESR
TPSB226K016R0400 AVX-TPSB226K016R0400 Datasheet
146Kb / 11P
   Low ESR
TPSV107M020R0085 AVX-TPSV107M020R0085 Datasheet
159Kb / 11P
   Low ESR
TPSC107K002R0100V AVX-TPSC107K002R0100V Datasheet
137Kb / 11P
   Low ESR
logo
Nichicon corporation
RR7 NICHICON-RR7 Datasheet
652Kb / 2P
   Low ESR
logo
AVX Corporation
TPSC336M016R0225 AVX-TPSC336M016R0225 Datasheet
199Kb / 16P
   Low ESR
TPSA476K006R0800 AVX-TPSA476K006R0800 Datasheet
146Kb / 11P
   Low ESR
TPSE227M010R0100 AVX-TPSE227M010R0100 Datasheet
159Kb / 11P
   Low ESR
TPS AVX-TPS Datasheet
1Mb / 13P
   Low ESR
TPSD227K010R0100 AVX-TPSD227K010R0100 Datasheet
163Kb / 11P
   Low ESR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com