Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZ5U471F200T2 Datasheet(PDF) 5 Page - Sharma Electro Components,Inc

Part # SZ5U471F200T2
Description  Sharma Ceramic Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SZ5U471F200T2 Datasheet(HTML) 5 Page - Sharma Electro Components,Inc

  SZ5U471F200T2 Datasheet HTML 1Page - Sharma Electro Components,Inc SZ5U471F200T2 Datasheet HTML 2Page - Sharma Electro Components,Inc SZ5U471F200T2 Datasheet HTML 3Page - Sharma Electro Components,Inc SZ5U471F200T2 Datasheet HTML 4Page - Sharma Electro Components,Inc SZ5U471F200T2 Datasheet HTML 5Page - Sharma Electro Components,Inc SZ5U471F200T2 Datasheet HTML 6Page - Sharma Electro Components,Inc SZ5U471F200T2 Datasheet HTML 7Page - Sharma Electro Components,Inc SZ5U471F200T2 Datasheet HTML 8Page - Sharma Electro Components,Inc SZ5U471F200T2 Datasheet HTML 9Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SX7R Series
APPLICATION:
FEATURES:
GENERAL SPECIFICATIONS:
The SX7R series has a moderate K temperature
• Stable electrical characteristics
Operating temperature: -55 to +125 °C
compensating type of capacitance dielectric and is
Temperature coefficient: ±15% value change
temperature stable. It shows moderate change
• High capacitance and miniature size
Capacitance tolerance: ±10% standard,
in electrical properties under changing temperature,
±20% optional
voltage and frequency conditions. The series is suitable
• Available in bulk and tape & reel
Capacitance range: 10pF to 4.7uF
for by-passing, coupling, and frequency discriminating
packaging
Voltage range: 6.3V to 4KV DC
circuit applications.
Dielectric withstanding voltage: 2 times
Typically used in computer and data processing
• Low and high voltage options
the working VDC for 5 seconds
products and equipment. It offers
Case code range: 0402 to 3035
relatively stable characteristics at a lower cost
• Consistent dimensions and surface finish
consideration than the SNPO series. This series has
higher capacitance range options than the SNPO range.
• Nickel barrier terminations
Note: See Reliability and Test Conditions
page for more specifications
X7R DIELECTRIC CAPACITANCE RANGE Tolerance: (K) standard Optional: (M)
Voltage(DC)
0402
0603
0805
1206
1210
1808
1812
2220
2225
3012
3035
6.3V
.001-.0068uF
.0082-1uF
1-4.7uF
10V
150pF-.033uF
.12-.22uF
.1-.47uF
1-4.7uF
16V
150pF-.033uF
.12-.22uF
.1-.47uF
1000pF-1uF
10pF-2.2uF
25V
150pF-.022uF
.01-.1uF
220pF-1uF
1000pF-1uF
10pF-2.2uF
.01-.47uF
.01-1uF
.01-2.2uF
50V
150pF-.01uF
150pF-.056uF
10pF-1uF
330pF-1uF
10pF-2uF
.01-.33uF
.01-1uF
.01-2.2uF
100V
100pF-.01uF
10pF-.1uF
10pF-.33uF
10pF-.22uF
150pF-.22uF
150pF-.47uF
150pF-1.2uF 6800pF-1uF
.01-1uF
200V
100pF-.068uF 10pF-.022uF 10pF-.068uF
10pF-.1uF
150pF-.1uF
150pF-.22uF
150pF-.47uF 6800pF-1uF
250V
100-4700pF
10pF-.022uF 10pF-.047uF
10pF-.1uF
150pF-.1uF
150pF-.15uF
150pF-.47uF 6800pF-1uF
500V
10pF-.01uF 10pF-.026uF 150pF-.068uF 150pF-.047uF
150pF-.1uF
150pF-.39uF 1000pF-1uF
1KV
10pF-.01uF
150pF-.015uF 150pF-.022uF 150pF-.027uF
150pF-.056uF .0027-.047uF
2KV
10pF-.027uF
150pF-.01uF
150pF-.01uF
150pF-.01uF
150pF-.047uF .001-.022uF
3KV
150-4700pF
150-2200pF
150-6800pF 1000-6800pF
4KV
150-2000pF
150-1500pF
150-3900pF .001-.01uF
Note: Extended capacitance range values, optional case codes, special tolerances may be available based on factory approval.
Voltage/Case Code Options
X7R is a moderately stable dielectric under changing temperature, voltage and
frequency conditions.
This dielectric has moderate value of temperature coefficient. The temperature
coefficient characteristics is illustrated in Figure 2.1. Figure 2.2 illustrates the variation
pattern of Dissipation Factor with respect to temperature.
The DC Voltage coefficient and AC Voltage coefficient are illustrated in Figure 2.3 and
2.4 respectively.
X7R Characteristic Graphs
FIGURE 2.1
FIGURE 2.2
FIGURE 2.3
FIGURE 2.4
Sharma Ceramic Capacitors
Page 5
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Part No. - SZ5U471F200T2

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SZ5U471F200T2 SHARMA-SZ5U471F200T2 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
More results

Similar Description - SZ5U471F200T2

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SCY1 SHARMA-SCY1 Datasheet
536Kb / 3P
   Sharma Ceramic Capacitors
SMT SHARMA-SMT Datasheet
857Kb / 6P
   Sharma Multilayer Ceramic Capacitors
MKT100 SHARMA-MKT100_1 Datasheet
318Kb / 2P
   Sharma Film Capacitors
MKT075 SHARMA-MKT075_1 Datasheet
315Kb / 1P
   Sharma Film Capacitors
MKTD05 SHARMA-MKTD05 Datasheet
315Kb / 4P
   Sharma Film Capacitors
TDA SHARMA-TDA Datasheet
447Kb / 2P
   Sharma Tantalum Capacitors
WIW1012 SHARMA-WIW1012 Datasheet
702Kb / 1P
   Sharma Potentiometers
SNPO471J050T2 SHARMA-SNPO471J050T2 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
logo
Vishay Siliconix
1C10Z5U103M050B VISHAY-1C10Z5U103M050B Datasheet
64Kb / 5P
   Ceramic Capacitors
Revision 25-Sep-00
logo
TDK Electronics
C4532X7R1E106MT TDK-C4532X7R1E106MT Datasheet
169Kb / 4P
   Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com