Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLQ5221B Datasheet(PDF) 1 Page - Dc Components

Part # DLQ5221B
Description  TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

DLQ5221B Datasheet(HTML) 1 Page - Dc Components

  DLQ5221B Datasheet HTML 1Page - Dc Components DLQ5221B Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
DLQ5221B
THRU
DLQ5259B
Dimensions in inches(millimeters)
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
SYMBOL
VALUE
UNITS
Zener Current see Table "Characterisitics"
Power Dissipation at Tamb=25oC
Ptot
500(1)
mW
Junction Temperature
Tj
175
o
C
Storage Temperature Range
Tstg
-55 to + 175
o
C
K/mW
Thermal Resistance
RthA
-
Typ.
Junction to Ambient Air
-
Min.
0.3(1)
Max.
Volts
Forward Voltage
VF
-
Typ.
at IF=100mA
-
Min.
1
Max.
1)Valid Provided that leads are kept at ambient temperature at a distance of 10 mm from case.
NOTE: Suffix "B" indicates Zener Voltage Tolerance ± 5%
FEATURES
* Voltage Range:2.4V to 39V
* Double slug type construction
Quadro Melf
.063(1.6)
.055(1.4)
.146(3.7)
.130(3.3)
.020(0.5)
.012(0.3)
CATHODE MARK
.020(0.5)
.012(0.3)
* Case: Glass sealed case Quadro Melf
* Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026 guaranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.05 grams Approx.
MECHANICAL DATA


Similar Part No. - DLQ5221B

ManufacturerPart #DatasheetDescription
logo
Dc Components
DLQ103A DCCOM-DLQ103A Datasheet
246Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES VOLTAGE RANGE - 20 to 40 Volts
DLQ103B DCCOM-DLQ103B Datasheet
246Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES VOLTAGE RANGE - 20 to 40 Volts
DLQ103C DCCOM-DLQ103C Datasheet
246Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES VOLTAGE RANGE - 20 to 40 Volts
DLQ4148 DCCOM-DLQ4148 Datasheet
236Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SWITCHING DIODES
DLQ4448 DCCOM-DLQ4448 Datasheet
236Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SWITCHING DIODES
More results

Similar Description - DLQ5221B

ManufacturerPart #DatasheetDescription
logo
Dc Components
DL4728A DCCOM-DL4728A Datasheet
188Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZX55C2V4 DCCOM-BZX55C2V4 Datasheet
199Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZM55C2V4 DCCOM-BZM55C2V4 Datasheet
245Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
1N5221B DCCOM-1N5221B Datasheet
230Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZQ55C2V4 DCCOM-BZQ55C2V4 Datasheet
236Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
1N4728A DCCOM-1N4728A Datasheet
214Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
DL5221B DCCOM-DL5221B Datasheet
220Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZV55C2V4 DCCOM-BZV55C2V4 Datasheet
238Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
DLM5221B DCCOM-DLM5221B Datasheet
245Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
MMSZ5221BS DCCOM-MMSZ5221BS Datasheet
245Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com