Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX2010GSX Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPX2010GSX
Description  10 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX2010GSX Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPX2010GSX Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX2010GSX Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX2010GSX Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX2010GSX Datasheet HTML 9Page - Freescale Semiconductor, Inc MPX2010GSX Datasheet HTML 10Page - Freescale Semiconductor, Inc MPX2010GSX Datasheet HTML 11Page - Freescale Semiconductor, Inc MPX2010GSX Datasheet HTML 12Page - Freescale Semiconductor, Inc MPX2010GSX Datasheet HTML 13Page - Freescale Semiconductor, Inc MPX2010GSX Datasheet HTML 14Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MPX2010
Sensors
Freescale Semiconductor
11
PACKAGE DIMENSIONS
CASE 1369-01
ISSUE B
SMALL OUTLINE PACKAGE
PAGE 1 OF 2


Similar Part No. - MPX2010GSX

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2010GSX MOTOROLA-MPX2010GSX Datasheet
314Kb / 12P
   10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
MPX2010GSX MOTOROLA-MPX2010GSX Datasheet
6Mb / 670P
   Sensor
logo
Freescale Semiconductor...
MPX2010GSX FREESCALE-MPX2010GSX Datasheet
352Kb / 17P
   10 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2010GSX NXP-MPX2010GSX Datasheet
420Kb / 17P
   10 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 13, 10/2008
More results

Similar Description - MPX2010GSX

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2010 MOTOROLA-MPX2010 Datasheet
314Kb / 12P
   10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPXM2010 FREESCALE-MPXM2010 Datasheet
259Kb / 9P
   10 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
logo
Motorola, Inc
MPXM2010 MOTOROLA-MPXM2010 Datasheet
91Kb / 8P
   10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
logo
NXP Semiconductors
MPX2010 NXP-MPX2010 Datasheet
420Kb / 17P
   10 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 13, 10/2008
logo
Freescale Semiconductor...
MPX2010 FREESCALE-MPX2010_08 Datasheet
352Kb / 17P
   10 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXM2053 FREESCALE-MPXM2053 Datasheet
129Kb / 8P
   50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
logo
Motorola, Inc
MPX2050GP MOTOROLA-MPX2050GP Datasheet
130Kb / 8P
   50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2202 MOTOROLA-MPXM2202 Datasheet
245Kb / 8P
   200 KPA ON CHIP TEMPERATURE COMPENSATED & CALIBRATED SILICON PRESSURE SENSORS
MPX2053 MOTOROLA-MPX2053 Datasheet
191Kb / 12P
   50 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPX2053 FREESCALE-MPX2053 Datasheet
352Kb / 13P
   50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com