Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLQ5240B Datasheet(PDF) 2 Page - Dc Components

Part # DLQ5240B
Description  TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

DLQ5240B Datasheet(HTML) 2 Page - Dc Components

  DLQ5240B Datasheet HTML 1Page - Dc Components DLQ5240B Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R
DC COMPONENTS CO., LTD.
Breakdown characteristics
DLQ52 SERIES
mA
50
40
30
20
10
0
IZ
VZ
Test Current
IZ 20mA
changes in the power dissipation
due to the ambient temperature.
500
400
300
200
100
Ta(oC)
Ambient Temperature.
DLQ5221B
2.4
20
30
1200
0.25
100
1.0
-0.070
188
DLQ5222B
2.5
20
30
1250
0.25
100
1.0
-0.065
180
DLQ5223B
2.7
20
30
1300
0.25
75
1.0
-0.060
167
DLQ5225B
3.0
20
30
1600
0.25
50
1.0
-0.055
150
DLQ5226B
3.3
20
28
1600
0.25
25
1.0
0.030
136
DLQ5227B
3.6
20
24
1700
0.25
15
1.0
0.030
126
DLQ5228B
3.9
20
23
1900
0.25
10
1.0
+0.038
115
DLQ5229B
4.3
20
22
2000
0.25
5
1.0
+0.038
106
DLQ5230B
4.7
20
19
1900
0.25
5
2.0
+0.045
97
DLQ5231B
5.1
20
17
1600
0.25
5
2.0
+0.050
89
DLQ5232B
5.6
20
11
1600
0.25
5
3.0
+0.058
81
DLQ5233B
6.0
20
9
1600
0.25
5
3.5
+0.060
76
DLQ5234B
6.2
20
7
1000
0.25
5
4.0
+0.062
73
DLQ5235B
6.8
20
5
750
0.25
3
5.0
+0.065
67
DLQ5236B
7.5
20
6
500
0.25
3
6.0
+0.068
61
DLQ5237B
8.2
20
8
500
0.25
3
6.0
+0.075
55
DLQ5238B
8.7
20
9
600
0.25
3
6.5
+0.075
52
DLQ5239B
9.1
20
10
600
0.25
3
6.5
+0.076
50
DLQ5240B
10
20
17
600
0.25
3
8.0
+0.077
45
DLQ5241B
11
20
22
600
0.25
3
8.4
+0.079
41
DLQ5242B
12
20
30
600
0.25
2
9.1
+0.082
38
DLQ5243B
13
9.5
13
600
0.25
1
9.9
+0.082
35
DLQ5244B
14
9.0
14
600
0.25
0.5
10
+0.082
32
DLQ5245B
15
8.5
16
600
0.25
0.1
11
+0.083
30
DLQ5246B
16
7.8
17
600
0.25
0.1
12
+0.084
28
DLQ5247B
17
7.4
19
600
0.25
0.1
13
+0.084
27
DLQ5248B
18
7.0
21
600
0.25
0.1
14
+0.085
25
DLQ5249B
19
6.6
23
600
0.25
0.1
14
+0.085
24
DLQ5250B
20
6.2
25
600
0.25
0.1
15
+0.086
23
DLQ5251B
22
5.6
29
600
0.25
0.1
17
+0.086
21
DLQ5252B
24
5.2
33
600
0.25
0.1
18
+0.087
19.1
DLQ5253B
25
5.0
36
600
0.25
0.1
19
+0.087
18.2
DLQ5254B
27
4.6
41
600
0.25
0.1
21
+0.087
16.8
DLQ5255B
28
4.5
44
600
0.25
0.1
21
+0.089
16.2
DLQ5256B
30
4.2
49
600
0.25
0.1
23
+0.090
15.1
DLQ5257B
33
3.8
58
700
0.25
0.1
25
+0.091
13.8
DLQ5258B
36
3.4
70
700
0.25
0.1
27
+0.091
12.6
DLQ5259B
39
3.2
80
800
0.25
0.1
30
+0.092
11.6
TYPE
Maximum Reverse
Leakage Current
IR @ VR
µA
Volts
Maximum Zener
Impedance
ZZT@IZT ZZT@IZK
Ohms
Ohms
Nominal
Zener
Voltage
VZ@IZT
Volts
Zener
Test
Current
IZT
mA
IZK
mA
Typical
Temperature
Coefficient
% / oC
Max.
Zener
Current
IZM@TA
mA
RATING AND CHARACTERISTIC CURVES (DLQ5221B THRU DLQ5259B)
NOTE: Standard Zener Voltage Tolerance ± 5%
5V
10V
15V
20V
25V
30V
50
100
150
200
250


Similar Part No. - DLQ5240B

ManufacturerPart #DatasheetDescription
logo
Dc Components
DLQ103A DCCOM-DLQ103A Datasheet
246Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES VOLTAGE RANGE - 20 to 40 Volts
DLQ103B DCCOM-DLQ103B Datasheet
246Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES VOLTAGE RANGE - 20 to 40 Volts
DLQ103C DCCOM-DLQ103C Datasheet
246Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES VOLTAGE RANGE - 20 to 40 Volts
DLQ4148 DCCOM-DLQ4148 Datasheet
236Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SWITCHING DIODES
DLQ4448 DCCOM-DLQ4448 Datasheet
236Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SWITCHING DIODES
More results

Similar Description - DLQ5240B

ManufacturerPart #DatasheetDescription
logo
Dc Components
DL4728A DCCOM-DL4728A Datasheet
188Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZX55C2V4 DCCOM-BZX55C2V4 Datasheet
199Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZM55C2V4 DCCOM-BZM55C2V4 Datasheet
245Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
1N5221B DCCOM-1N5221B Datasheet
230Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZQ55C2V4 DCCOM-BZQ55C2V4 Datasheet
236Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
1N4728A DCCOM-1N4728A Datasheet
214Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
DL5221B DCCOM-DL5221B Datasheet
220Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZV55C2V4 DCCOM-BZV55C2V4 Datasheet
238Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
DLM5221B DCCOM-DLM5221B Datasheet
245Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
MMSZ5221BS DCCOM-MMSZ5221BS Datasheet
245Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com