Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZM6.2N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PZM6.2N
Description  Voltage regulator diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZM6.2N Datasheet(HTML) 3 Page - NXP Semiconductors

  PZM6.2N Datasheet HTML 1Page - NXP Semiconductors PZM6.2N Datasheet HTML 2Page - NXP Semiconductors PZM6.2N Datasheet HTML 3Page - NXP Semiconductors PZM6.2N Datasheet HTML 4Page - NXP Semiconductors PZM6.2N Datasheet HTML 5Page - NXP Semiconductors PZM6.2N Datasheet HTML 6Page - NXP Semiconductors PZM6.2N Datasheet HTML 7Page - NXP Semiconductors PZM6.2N Datasheet HTML 8Page - NXP Semiconductors PZM6.2N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1999 Jan 28
3
Philips Semiconductors
Product specification
Voltage regulator diodes
PZM-N series
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IF
continuous forward current
250
mA
IZSM
non-repetitive peak current
tp = 100 µs; square wave;
Tamb =25 °C prior to surge
see Tables 1 and 2
Ptot
total power dissipation
Tamb =25 °C
300
mW
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point Ts =60 °C
300
K/W
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 10 mA; see Fig.2
0.9
V
IF = 100 mA; see Fig.2
1.1
V
IR
reverse current
PZM2.4N
VR =1V
50
µA
PZM2.7N
VR =1V
20
µA
PZM3.0N
VR =1V
10
µA
PZM3.3N
VR =1V
5
µA
PZM3.6N
VR =1V
5
µA
PZM3.9N
VR =1V
3
µA
PZM4.3N
VR =1V
3
µA
PZM4.7N
VR =1V
3
µA
PZM5.1N
VR = 1.5 V
3
µA
PZM5.6N
VR = 2.5 V
2
µA
PZM6.2N
VR = 3.0 V
2
µA
PZM6.8N
VR = 3.5 V
2
µA
PZM7.5N
VR = 4.0 V
1
µA
PZM8.2N
VR = 5.0 V
700
nA
PZM9.1N
VR = 6.0 V
500
nA
PZM10N
VR = 7.0 V
200
nA
PZM11N
VR = 8.0 V
100
nA
PZM12N
VR = 9.0 V
100
nA
PZM13N
VR = 10.0 V
100
nA
PZM15N
VR = 11.0 V
70
nA
PZM16N
VR = 12.0 V
70
nA


Similar Part No. - PZM6.2N

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
PZM6.2N KEXIN-PZM6.2N Datasheet
1Mb / 5P
   Zener Diodes
logo
NXP Semiconductors
PZM6.2NB2A PHILIPS-PZM6.2NB2A Datasheet
59Kb / 12P
   Voltage regulator double diodes
1999 Jun 11
More results

Similar Description - PZM6.2N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com