Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B45198R6157M306 Datasheet(PDF) 9 Page - Kemet Corporation

Part # B45198R6157M306
Description  SpeedPower, Low ESR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

B45198R6157M306 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button B45198R6157M306 Datasheet HTML 5Page - Kemet Corporation B45198R6157M306 Datasheet HTML 6Page - Kemet Corporation B45198R6157M306 Datasheet HTML 7Page - Kemet Corporation B45198R6157M306 Datasheet HTML 8Page - Kemet Corporation B45198R6157M306 Datasheet HTML 9Page - Kemet Corporation B45198R6157M306 Datasheet HTML 10Page - Kemet Corporation B45198R6157M306 Datasheet HTML 11Page - Kemet Corporation B45198R6157M306 Datasheet HTML 12Page - Kemet Corporation B45198R6157M306 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Ordering code structure for SpeedPower series
B45
197A
1
157
+
4
0
*
Tantalum
capacitor
Series
197A = SpeedPower, Low ESR,
tinned terminals
198R = SpeedPower, Low ESR,
gold-plated terminals
Rated voltage
0 = 4 V, 1 = 6.3 V, 2 = 10 V, 3 = 16 V, 4 = 20 V,
5 = 25 V, 6 = 35 V, 7 = 50 V
Rated capacitance + exponent
C [pF]
10x
E.g.: 686 = 68 pF
106 = 68
µF, 157 = 15 pF 107 = 150 µF
Capacitance tolerance
M =
±20%, K = ±10%
Case size
1 = A
2 = B
3 = C
4 = D
5 = E
ESR quality
0 = standard
Reel diameter
9 = 180 mm, 6 = 330 mm
Tantalum chip capacitors
B45197A, B45198R, B450, B451
SpeedPower, Low ESR
Page 9 of 26
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B45198R6157M306

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45198RA4226+206 EPCOS-B45198RA4226+206 Datasheet
126Kb / 11P
   Tantalum Chip Capacitors
B45198RA4226+209 EPCOS-B45198RA4226+209 Datasheet
126Kb / 11P
   Tantalum Chip Capacitors
B45198RA4226+306 EPCOS-B45198RA4226+306 Datasheet
126Kb / 11P
   Tantalum Chip Capacitors
B45198RA4226+309 EPCOS-B45198RA4226+309 Datasheet
126Kb / 11P
   Tantalum Chip Capacitors
B45198RA4226+506 EPCOS-B45198RA4226+506 Datasheet
126Kb / 11P
   Tantalum Chip Capacitors
More results

Similar Description - B45198R6157M306

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSX157M010R0100 AVX-TPSX157M010R0100 Datasheet
146Kb / 11P
   Low ESR
TPSB226K016R0400 AVX-TPSB226K016R0400 Datasheet
146Kb / 11P
   Low ESR
TPSV107M020R0085 AVX-TPSV107M020R0085 Datasheet
159Kb / 11P
   Low ESR
TPSC107K002R0100V AVX-TPSC107K002R0100V Datasheet
137Kb / 11P
   Low ESR
logo
Nichicon corporation
RR7 NICHICON-RR7 Datasheet
652Kb / 2P
   Low ESR
logo
AVX Corporation
TPSC336M016R0225 AVX-TPSC336M016R0225 Datasheet
199Kb / 16P
   Low ESR
TPSA476K006R0800 AVX-TPSA476K006R0800 Datasheet
146Kb / 11P
   Low ESR
TPSE227M010R0100 AVX-TPSE227M010R0100 Datasheet
159Kb / 11P
   Low ESR
TPS AVX-TPS Datasheet
1Mb / 13P
   Low ESR
TPSD227K010R0100 AVX-TPSD227K010R0100 Datasheet
163Kb / 11P
   Low ESR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com