Electronic Components Datasheet Search |
|
B45196P1157K406 Datasheet(PDF) 8 Page - Kemet Corporation |
|
B45196P1157K406 Datasheet(HTML) 8 Page - Kemet Corporation |
8 / 15 page Technical data and ordering codes CR (20 °C, 120 Hz) µF Case size DFmax (20 °C, 120 Hz) % Ileak,max (20 °C, V R, 5 min) µA Zmax (20 °C, 100 kHz) Ω Ordering code q Preliminary Data * = Code number for reel diameter + = Capacitance tolerance 6 = 330-mm reel 9 = 180-mm reel M = ±20% K = ±10% VR,85 = 4 VDC, VR,125 = 2.5 VDC, VR,150 = 2 VDC 3.3 A 4.5 0.5 5.9 B45196P0335+10* 4.7 A 4.5 0.5 4.6 B45196P0475+10* 6.8 A 4.5 0.5 3.9 B45196P0685+10* 10 A 4.5 0.5 2.9 B45196P0106+10* 10 B 4.5 0.5 2.7 B45196P0106+20* 15 A 4.5 0.6 2.7 B45196P0156+10* 15 B 4.5 0.6 2.6 B45196P0156+20* 22 B 4.5 0.9 1.8 B45196P0226+20* 22 C 4.5 0.9 1.7 B45196P0226+30* 33 B 4.5 1.3 1.5 B45196P0336+20* 33 C 4.5 1.3 1.5 B45196P0336+30* 47 C 4.5 1.9 1.1 B45196P0476+30* 68 C 4.5 2.7 0.9 B45196P0686+30* 68 D 4.5 2.7 0.8 B45196P0686+40* 100 D 6 4.0 0.6 B45196P0107+40* 150 D 6 6.0 0.6 B45196P0157+40* VR,85 = 6.3 VDC, VR,125 = 4 VDC, VR,150 = 3.2 VDC 2.2 A 4.5 0.5 6.5 B45196P1225+10* 3.3 A 4.5 0.5 4.6 B45196P1335+10* 4.7 A 4.5 0.5 3.6 B45196P1475+10* 6.8 A 4.5 0.5 2.9 B45196P1685+10* 6.8 B 4.5 0.5 2.7 B45196P1685+20* 10 A 4.5 0.6 2.7 B45196P1106+10* 10 B 4.5 0.6 2.1 B45196P1106+20* 15 B 4.5 0.9 1.8 B45196P1156+20* 15 C 4.5 1.0 1.7 B45196P1156+30* 22 B 4.5 1.4 1.5 B45196P1226+20* 22 C 4.5 1.4 1.3 B45196P1226+30* 33 C 4.5 2.1 1.1 B45196P1336+30* 47 C 4.5 3.0 0.8 B45196P1476+30* 47 D 4.5 3.0 0.8 B45196P1476+40* 68 C 4.5 4.3 0.8 B45196P1686+30* Tantalum chip capacitors B45196P, B45198P Performance, High Reliability 150 °C Page 8 of 15 Please read Important notes and Cautions and warnings at the end of this document. |
Similar Part No. - B45196P1157K406 |
|
Similar Description - B45196P1157K406 |