Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXHZ6115A6T1 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXHZ6115A6T1
Description  Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXHZ6115A6T1 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXHZ6115A6T1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXHZ6115A6T1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXHZ6115A6T1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXHZ6115A6T1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXHZ6115A6T1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXHZ6115A6T1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXHZ6115A6T1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXHZ6115A6T1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXHZ6115A6T1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MPXAZ6115A
Rev 4, 01/2007
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2007. All rights reserved.
Media Resistant and
High Temperature Accuracy
Integrated Silicon Pressure Sensor
for Measuring Absolute Pressure,
On-Chip Signal Conditioned,
Temperature Compensated
and Calibrated
The MPXAZ6115A series sensor integrates on-chip, bipolar op amp circuitry
and thin film resistor networks to provide a high output signal and temperature
compensation. The sensor's packaging has been designed to provide resistance
to high humidity conditions as well as common automotive media. The small form
factor and high reliability of on-chip integration make the Freescale
Semiconductor, Inc. pressure sensor a logical and economical choice for the
system designer.
The MPXAZ6115A series piezoresistive transducer is a state-of-the-art,
monolithic, signal conditioned, silicon pressure sensor. This sensor combines
advanced micromachining techniques, thin film metallization, and bipolar
semiconductor processing to provide an accurate, high level analog output signal
that is proportional to applied pressure.
Figure 1 shows a block diagram of the internal circuitry integrated on a
pressure sensor chip.
Features
Resistant to High Humidity and Common Automotive Media
Improved Accuracy at High Temperature
1.5% Maximum Error over 0
° to 85°C
Ideally suited for Microprocessor or Microcontroller-Based Systems
Temperature Compensated from -40
° to +125°C
Durable Thermoplastic (PPS) Surface Mount Package
Typical Applications
Aviation Altimeters
Industrial Controls
Engine Control/Manifold Absolute Pressure (MAP)
Weather Station and Weather Reporting Devices
ORDERING INFORMATION
Device
Type
Options
Case
No.
MPX Series
Order No.
Packing
Options
Device
Marking
SMALL OUTLINE PACKAGE
Basic
Element
Absolute, Element Only
482
MPXAZ6115A6U
Rails
MPXAZ6115A
Absolute, Element Only
482
MPXAZ6115A6T1
Tape & Reel MPXAZ6115A
Ported
Element
Absolute, Axial Port
482A MPXAZ6115AC6U
Rails
MPXAZ6115A
Absolute, Axial Port
482A MPXAZ6115AC6T1 Tape & Reel MPXAZ6115A
Absolute, Side Port
1369
MPXAZ6115AP
Tray
MPXAZ6115A
Absolute, Side Port
1369
MPXAZ6115APT1
Tape & Reel MPXAZ6115A
SUPER SMALL OUTLINE PACKAGE
Basic
Element
Absolute, Element Only
1317
MPXHZ6115A6U
Rails
MPXHZ6115A
Absolute, Element Only
1317
MPXHZ6115A6T1
Tape & Reel MPXHZ6115A
Ported
Element
Absolute, Axial Port
1317A MPXHZ6115AC6U
Rails
MPXHZ6115A
Absolute, Axial Port
1317A MPXHZ6115AC6T1 Tape & Reel MPXHZ6115A
MPXAZ6115A
MPXHZ6115A
SERIES
INTEGRATED
PRESSURE SENSOR
15 TO 115 kPA (2.2 TO 16.7 psi)
0.2 TO 4.8 V OUTPUT
MPXAZ6115A6U
CASE 482-01
MPXAZ6115AC6U
CASE 482A-01
SMALL OUTLINE PACKAGE
SMALL OUTLINE PACKAGE
PIN NUMBERS(1)
1. Pins 1, 5, 6, 7, and 8 are internal device
connections. Do not connect to external
circuitry or ground. Pin 1 is denoted by the
notch in the lead.
1
N/C
5
N/C
2
VS
6
N/C
3
GND
7
N/C
4
VOUT
8
N/C
MPXHZ6115A6U
CASE 1317-04
MPXHZ6115AC6U
CASE 1317A-03
SUPER SMALL OUTLINE PACKAGE
SMALL OUTLINE PACKAGE
PIN NUMBERS(1)
1. Pins 1, 5, 6, 7, and 8 are internal device
connections. Do not connect to external
circuitry or ground. Pin 1 is denoted by the
notch in the lead.
1
N/C
5
N/C
2
VS
6
N/C
3
GND
7
N/C
4
VOUT
8
N/C
MPXAZ6115AP
CASE 1369-01


Similar Part No. - MPXHZ6115A6T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXHZ6115A6T1 MOTOROLA-MPXHZ6115A6T1 Datasheet
251Kb / 12P
   Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
Freescale Semiconductor...
MPXHZ6115A6T1 FREESCALE-MPXHZ6115A6T1 Datasheet
288Kb / 17P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXHZ6115A6T1 FREESCALE-MPXHZ6115A6T1 Datasheet
286Kb / 17P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
NXP Semiconductors
MPXHZ6115A6T1 NXP-MPXHZ6115A6T1 Datasheet
385Kb / 20P
   MPXxx6115A, 15 to 115 kPa, Absolute, Integrated Pressure Sensor
Rev. 7.3, 04/2015
More results

Similar Description - MPXHZ6115A6T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXAZ6115A MOTOROLA-MPXAZ6115A Datasheet
251Kb / 12P
   Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
Freescale Semiconductor...
MPXHZ6250A FREESCALE-MPXHZ6250A Datasheet
228Kb / 8P
   Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXHZ6400A FREESCALE-MPXHZ6400A Datasheet
229Kb / 8P
   Media Resistant and High Temperature Accuracy Intergrated Silicon Pressure Sensor
MPXA6400A FREESCALE-MPXA6400A Datasheet
189Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXA6115A FREESCALE-MPXA6115A_12 Datasheet
286Kb / 17P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
Motorola, Inc
MPXH6300A MOTOROLA-MPXH6300A Datasheet
303Kb / 8P
   HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
MPXH6250A MOTOROLA-MPXH6250A Datasheet
293Kb / 8P
   HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
logo
Freescale Semiconductor...
MPXV6115V FREESCALE-MPXV6115V Datasheet
97Kb / 8P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXH6300A FREESCALE-MPXH6300A_12 Datasheet
186Kb / 13P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXV5050V FREESCALE-MPXV5050V Datasheet
96Kb / 8P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com