Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXH6400AC6T1 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPXH6400AC6T1
Description  High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXH6400AC6T1 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPXH6400AC6T1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXH6400AC6T1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXH6400AC6T1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXH6400AC6T1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXH6400AC6T1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXH6400AC6T1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXH6400AC6T1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXH6400AC6T1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXH6400AC6T1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Sensors
Freescale Semiconductor
3
MPXH6400A
Table 2. Operating Characteristics (VS = 5.1 Vdc, TA = 25°C unless otherwise noted, P1 > P2.)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range
POP
20
400
kPa
Supply Voltage(1)
1. Device is ratiometric within this specified excitation range.
VS
4.64
5.0
5.36
Vdc
Supply Current
Io
6.0
10
mAdc
Minimum Pressure Offset
(0 to 85
°C)
@ VS = 5.1 Volts(2)
2. Offset (Voff) is defined as the output voltage at the minimum rated pressure.
Voff
0.133
0.2
0.267
Vdc
Full Scale Output
(0 to 85
°C)
@ VS = 5.1 Volts(3)
3. Full Scale Output (VFSO) is defined as the output voltage at the maximum or full rated pressure.
VFSO
4.733
4.8
4.866
Vdc
Full Scale Span
(0 to 85
°C)
@ VS = 5.1 Volts(4)
4. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum rated pressure.
VFSS
4.467
4.6
4.733
Vdc
Accuracy(5)
(0 to 85
°C)
5. Accuracy is the deviation in actual output from nominal output over the entire pressure range and temperature range as a percent of span
at 25
°C due to all sources of error including the following:
• Linearity:
Output deviation from a straight line relationship with pressure over the specified pressure range.
• Temperature Hysteresis: Output deviation at any temperature within the operating temperature range, after the temperature is cycled to
and from the minimum or maximum operating temperature points, with zero differential pressure applied.
• Pressure Hysteresis:
Output deviation at any pressure within the specified range, when this pressure is cycled to and from the
minimum or maximum rated pressure, at 25
°C.
• TcSpan:
Output deviation over the temperature range of 0 to 85
°C, relative to 25°C.
• TcOffset:
Output deviation with minimum rated pressure applied, over the temperature range of 0 to 85
°C, relative to 25°C.
• Variation from Nominal: The variation from nominal values, for Offset or Full Scale Span, as a percent of VFSS, at 25°C.
——
±1.5
%VFSS
Sensitivity
V/P
12.1
mV/kPa
Response Time(6)
6. Response Time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to a
specified step change in pressure.
tR
—1.0
ms
Warm-Up Time(7)
7. Warm-up Time is defined as the time required for the product to meet the specified output voltage after the Pressure has been stabilized.
——
20
ms
Offset Stability(8)
8. Offset Stability is the product's output deviation when subjected to 1000 hours of Pulsed Pressure, Temperature Cycling with Bias Test.
——
±0.25
%VFSS


Similar Part No. - MPXH6400AC6T1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXH6400AC6T1 FREESCALE-MPXH6400AC6T1 Datasheet
191Kb / 8P
   High Temperature Accuracy integrated Silicon Pressure Sensor
MPXH6400AC6T1 FREESCALE-MPXH6400AC6T1 Datasheet
189Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
NXP Semiconductors
MPXH6400AC6T1 NXP-MPXH6400AC6T1 Datasheet
303Kb / 15P
   MPXH6400A, 20 to 400 kPa, Absolute, Integrated Pressure Sensor
Rev. 6, 03/2017
More results

Similar Description - MPXH6400AC6T1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXH6300A FREESCALE-MPXH6300A Datasheet
263Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXH6250A FREESCALE-MPXH6250A Datasheet
254Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXH6250A FREESCALE-MPXH6250A_12 Datasheet
181Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXA6115A FREESCALE-MPXA6115A_11 Datasheet
304Kb / 16P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MP3H6115A FREESCALE-MP3H6115A_12 Datasheet
187Kb / 13P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXV6115V FREESCALE-MPXV6115V_12 Datasheet
111Kb / 9P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned
MP3H6115A FREESCALE-MP3H6115A Datasheet
270Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned
MP3H6115A FREESCALE-MP3H6115A Datasheet
180Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure On-Chip Signal Conditioned, Temperature Compensat
MPXA6400A FREESCALE-MPXA6400A Datasheet
189Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXA6115A FREESCALE-MPXA6115A_12 Datasheet
286Kb / 17P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com