Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXY8040A Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPXY8040A
Description  Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXY8040A Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPXY8040A Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Sensors
2
Freescale Semiconductor
MPXY8000
Figure 1. MPXY8000 Series Sensor Block Diagram
OPERATING MODES
The device has several operating modes dependent on
the applied voltages to the S1 and S0 pins as shown in
Table 1. In all the modes listed the channel multiplexers, D/A
Register, LFO, and the output pulse dividers will always be
powered up as long as there is a voltage source connected to
the VDD pin.
When only the S0 pin is at a logic one the pressure
measuring circuit in the device is powered up and the
pressure output signal is connected to the sample capacitor
through a multiplexer. When the S0 pin returns to the low
state the multiplexer will first turn off to store the signal on the
sample capacitor before powering down the measuring
circuitry.
When only the S1 pin is at a logic one the temperature
measuring circuit in the device is powered up and the
temperature output signal is connected to the sample
capacitor through a multiplexer. When the S1 pin returns to
the low state the multiplexer will first turn off to store the signal
on the sample capacitor before powering down the
measuring circuitry.
NOTE: All of the EEPROM trim bits will be powered up
regardless of whether the pressure or temperature
measuring circuitry is activated.
NOTE: If the voltage on the S1 pin exceeds 2.5 times the
voltage on the VDD pin the device will be placed into
its Trim/Test Mode.
NOTE: If the VDD supply source is switched off in order to
reduce current consumption, it is important that all
input pins be driven LOW to avoid powering up the
device.
If any input pin (S1, S0, DATA, or CLK) is driven HIGH
while the VDD supply is switched off, the device may be
powered up through an ESD protection diode. Such a case
should be avoided. The effective source voltage of the device
will be less than the applied voltage due to diode voltage
drop. In addition, the entire source current will be drawn from
the input pin.
8-Bit
Current
Source
+
-
f
LF
AVSS
AVSS
AVSS
Digital
Control
Power
Control
Clock
Gen
PX
PREF
P-Cell
C to V
Convert
AMP
fHF
Internal HF
OSC.
P-Off
Trim
P-Gain
Trim
P-TCO
Trim
P-TCS
Trim
T-Off
Trim
2-Chan
MUX
t
PTC
Res.
2-Chan
MUX
VDD
S1
S0
CLK
Data
RST
OUT
VSS
COMP
3-Chan
MUX
Lock
Internal LF
OSC.
14-Stage
Divider
Sample CAP
10-Stage
Divider
8-Bit
D/A
Register


Similar Part No. - MPXY8040A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXY8040A MOTOROLA-MPXY8040A Datasheet
142Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated
MPXY8040A6T1 MOTOROLA-MPXY8040A6T1 Datasheet
142Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated
MPXY8040A6U MOTOROLA-MPXY8040A6U Datasheet
142Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated
More results

Similar Description - MPXY8040A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXY8020A MOTOROLA-MPXY8020A Datasheet
283Kb / 16P
   TIRE PRESSURE MONITORING SENSOR TEMPERATURE COMPENSATED AND CALIBRATED FULLY INTEGRATED DIGITAL OUTPUT
logo
Freescale Semiconductor...
MPXY8020A FREESCALE-MPXY8020A_03 Datasheet
284Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8021A FREESCALE-MPXY8021A Datasheet
299Kb / 15P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated, Digital Output
logo
Motorola, Inc
MPXY8000 MOTOROLA-MPXY8000 Datasheet
142Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated
logo
List of Unclassifed Man...
SHT30 ETC2-SHT30 Datasheet
910Kb / 20P
   Fully calibrated, linearized, and temperature compensated digital output
logo
WOLFSPEED, INC.
AMS5612 WOLFSPEED-AMS5612 Datasheet
283Kb / 6P
   Calibrated and temperature compensated pressure sensor
March 2015 Rev. 1.4
logo
List of Unclassifed Man...
LPG10 ETC2-LPG10 Datasheet
354Kb / 5P
   Calibrated and temperature compensated digital output
logo
Amphenol Corporation
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
   Fully calibrated and temperature compensated
logo
Motorola, Inc
MPXY8021A MOTOROLA-MPXY8021A Datasheet
261Kb / 16P
   Tire Pressure Monitoring Sensor
logo
Amphenol Corporation
CHIPCAP2 AMPHENOL-CHIPCAP2 Datasheet
222Kb / 4P
   Fully Calibrated & Temperature Compensated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com