Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXY8020A Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPXY8020A
Description  Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXY8020A Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPXY8020A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 11Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 12Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 13Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 14Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MPXY8020A
11
Motorola Sensor Device Data
SENSOR CHARACTERISTICS (MPXY8020A)
Pressure Error
0.0
5.0
10.0
15.0
20.0
25.0
30.0
50
100
150
200
250
300
350
400
450
500
550
600
Pressure [kPa]
Figure 9. Pressure Error vs Pressure at T= 25
5C, 2.7 3 VDD 3 +3.3 V
Figure 10. Pressure Error vs VDD at 255C, 250 kPa 3 P 3 450 kPa
0
5
10
15
20
25
30
2.1
2.3
2.9
3.1
3.3
3.5
Vdd [V]
35
2.5
2.7
Figure 11. Pressure Error vs. Temperature at VDD = 3 V, 250 kPa 3 P 3 450 kPa
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
–40.0
–20.0
0.0
20.0
40.0
60.0
80.0
100.0
Temperature [C]
120
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPXY8020A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXY8020A MOTOROLA-MPXY8020A Datasheet
283Kb / 16P
   TIRE PRESSURE MONITORING SENSOR TEMPERATURE COMPENSATED AND CALIBRATED FULLY INTEGRATED DIGITAL OUTPUT
MPXY8020A MOTOROLA-MPXY8020A Datasheet
142Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated
logo
Freescale Semiconductor...
MPXY8020A FREESCALE-MPXY8020A Datasheet
303Kb / 17P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
logo
Motorola, Inc
MPXY8020A6T1 MOTOROLA-MPXY8020A6T1 Datasheet
283Kb / 16P
   TIRE PRESSURE MONITORING SENSOR TEMPERATURE COMPENSATED AND CALIBRATED FULLY INTEGRATED DIGITAL OUTPUT
MPXY8020A6T1 MOTOROLA-MPXY8020A6T1 Datasheet
142Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated
More results

Similar Description - MPXY8020A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXY8020A MOTOROLA-MPXY8020A Datasheet
283Kb / 16P
   TIRE PRESSURE MONITORING SENSOR TEMPERATURE COMPENSATED AND CALIBRATED FULLY INTEGRATED DIGITAL OUTPUT
logo
Freescale Semiconductor...
MPXY8020A FREESCALE-MPXY8020A Datasheet
303Kb / 17P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8021A FREESCALE-MPXY8021A Datasheet
299Kb / 15P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated, Digital Output
logo
Motorola, Inc
MPXY8000 MOTOROLA-MPXY8000 Datasheet
142Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated
logo
List of Unclassifed Man...
SHT30 ETC2-SHT30 Datasheet
910Kb / 20P
   Fully calibrated, linearized, and temperature compensated digital output
logo
WOLFSPEED, INC.
AMS5612 WOLFSPEED-AMS5612 Datasheet
283Kb / 6P
   Calibrated and temperature compensated pressure sensor
March 2015 Rev. 1.4
logo
List of Unclassifed Man...
LPG10 ETC2-LPG10 Datasheet
354Kb / 5P
   Calibrated and temperature compensated digital output
logo
Amphenol Corporation
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
   Fully calibrated and temperature compensated
logo
Motorola, Inc
MPXY8021A MOTOROLA-MPXY8021A Datasheet
261Kb / 16P
   Tire Pressure Monitoring Sensor
logo
Amphenol Corporation
CHIPCAP2 AMPHENOL-CHIPCAP2 Datasheet
222Kb / 4P
   Fully Calibrated & Temperature Compensated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com