Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASC7512M8 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ASC7512M8
Description  DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7512M8 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ASC7512M8 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASC7512M8 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASC7512M8 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASC7512M8 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASC7512M8 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASC7512M8 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASC7512M8 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASC7512M8 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASC7512M8 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
- 3 -
© Andigilog, Inc. 2006
www.andigilog.com
August 2006 - 70A05003
aSC7512
Absolute Maximum Ratings
1
Parameter
Rating
Supply Voltage, VDD
-0.5V to 6.0V
Voltage on Any Digital Input or
Output Pin
-0.5V to 6.0V
Voltage on Remote +
-0.5V to (VDD +
0.50V)
Current on Remote -
±1mA
Input Current on Any Pin
2
±5mA
Package Input Current
2
±20mA
Package Dissipation at TA = 25°C
See (Note 3)
Storage Temperature
-65
°C to +150°C
Human Body Model
2500 V
ESD
4
Machine Model
250 V
Operating Ratings
1
Parameter
Rating
aSC7512 Operating
Temperature Range
-40
°C ≤ TA ≤ +125°C
Remote Diode Temperature
Range
-55
°C ≤ TD ≤ +125°C
Supply Voltage (3.3V
nominal)
+3.0V to +3.6V
All Other Inputs
-0.05V to VDD + 0.05V
Typical Supply Current
TBDmA
Notes:
1. Absolute maximum ratings are limits beyond which
operation may cause permanent damage to the device.
These are stress ratings only; functional operation at or
above these limits is not implied.
2. When the input voltage (VIN) at any pin exceeds the
power supplies (VIN < GND or VIN > VDD), the current at
that pin should be limited to 5mA. The 20mA maximum
package input current rating limits the number of pins
that can safely exceed the power supplies with an input
current of 5mA to four. Parasitic components and/or
ESD protection circuitry are present on the aSC7512
pins. Care should be taken not to forward bias the
parasitic diode present on pins D+ and D-. Doing so by
more than 50mV may corrupt temperature
measurements.
3. Thermal resistance junction-to-ambient when attached to
a double-sided printed circuit board with 1oz. foil is
TBD
°C/W
4. Human Body Model: 100pF capacitor discharged
through a 1.5k
Ω resistor into each pin. Machine Model:
200pF capacitor discharged directly into each pin.


Similar Part No. - ASC7512M8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASC7511 ETC2-ASC7511 Datasheet
434Kb / 19P
   LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
ASC7511D8 ETC2-ASC7511D8 Datasheet
434Kb / 19P
   LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
ASC7511M8 ETC2-ASC7511M8 Datasheet
434Kb / 19P
   LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
More results

Similar Description - ASC7512M8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96063 TI1-LM96063_14 Datasheet
1Mb / 46P
[Old version datasheet]   Remote Diode Digital Temperature Sensor with Integrated Fan Control
LM96063 TI1-LM96063 Datasheet
495Kb / 44P
[Old version datasheet]   LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
National Semiconductor ...
LM63 NSC-LM63 Datasheet
339Kb / 28P
   짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
LM96163 NSC-LM96163 Datasheet
780Kb / 42P
   Remote Diode Digital Temperature Sensor with Integrated Fan Control and TruTherm짰 BJT Transistor Beta Fan Control and TruTherm짰 BJT Transistor Beta
logo
Texas Instruments
LM63 TI-LM63 Datasheet
1Mb / 41P
[Old version datasheet]   The LM63 is a remote diode temperature sensor with integrated fan control.
logo
Microchip Technology
TC652AEVUATR MICROCHIP-TC652AEVUATR Datasheet
431Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan
04/20/02
logo
Feature Integration Tec...
F75363 FINTEK-F75363 Datasheet
773Kb / 25P
   짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
logo
Microchip Technology
TC652AGVUA MICROCHIP-TC652AGVUA Datasheet
450Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller
04/20/02
logo
Feature Integration Tec...
F75386M FINTEK-F75386M Datasheet
878Kb / 28P
   Dual 짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
logo
National Semiconductor ...
LM96000 NSC-LM96000 Datasheet
695Kb / 28P
   Hardware Monitor with Integrated Fan Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com