Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS20 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ATS20
Description  LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS20 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ATS20 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 9Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Andigilog, Inc.
8380 S. Kyrene Rd., Suite 101
Tempe, Arizona 85284-2120
Tel: (480) 940-6200
Fax: (480) 940-4255
- 8 -
© Andigilog, Inc. 2003
www.andigilog.com
70A03201-004
aTS20
SC-70-5 Package Dimensions
1.15mm (min)
1.35mm (max)
1.80mm (min)
2.20mm (max)
0.00mm (min)
0.10mm (max)
0.10mm (min)
0.25mm (max)
0.80mm (min)
1.10mm (max)
0.10mm (min)
0.30mm (max)
2.00mm (min)
2.20mm (max)
0.30mm (min)
0.40mm (max)
0.65mm BSC
0.40mm (min)
0.65mm
0.65mm
1.9mm
0.50mm (min)
Tape and Reel Data
W
8.1 ± 0.20 mm
A0
2.25 ± 0.10 mm
B
B
0
2.70 ± 0.10 mm
K0
1.20 ± 0.10 mm
P0
4.00 ± 0.10 mm
P1
4.00 ± 0.10 mm
P2
2.00 ± 0.05 mm
T
0.30 ± 0.05 mm
F
3.50 ± 0.05 mm


Similar Part No. - ATS20

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
ATS200 CTS-ATS200 Datasheet
212Kb / 5P
   Leaded or Surface Mount Quartz Crystal
ATS200 CTS-ATS200 Datasheet
182Kb / 6P
   ATS/ATS-SM Series Quartz Crystal
ATS200 CTS-ATS200 Datasheet
182Kb / 6P
   ATS ATS-SM Series
ATS200 CTS-ATS200 Datasheet
181Kb / 6P
   Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS200 CTS-ATS200 Datasheet
182Kb / 6P
   Standard HC-49/US [thru-hole] and HC-49/US-SM surface mount Packages
More results

Similar Description - ATS20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM20 FAIRCHILD-FM20 Datasheet
357Kb / 9P
   Ultra-Low-Power Analog Temperature Sensor
logo
List of Unclassifed Man...
ATS45C ETC2-ATS45C Datasheet
242Kb / 8P
   LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
logo
Microchip Technology
MCP9700 MICROCHIP-MCP9700 Datasheet
265Kb / 18P
   Low-Power Voltage Output Temperature Sensor
2005
logo
STMicroelectronics
STTS22H STMICROELECTRONICS-STTS22H Datasheet
1Mb / 29P
   Low-voltage, ultra-low-power, 0.5 째C accuracy I짼C/SMBus 3.0 temperature sensor
Rev 4 - October 2019
logo
List of Unclassifed Man...
ASM121 ETC2-ASM121 Datasheet
282Kb / 8P
   SIMISTOR??TEMPERATURE SENSOR ULTRA-LOW-POWER SILICON THERMISTOR
logo
Semtech Corporation
XE8806A SEMTECH-XE8806A Datasheet
894Kb / 143P
   Ultra Low-Power Low-Voltage
logo
Texas Instruments
TMP102 TI1-TMP102 Datasheet
958Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor
TMP102-Q1 TI1-TMP102-Q1 Datasheet
921Kb / 29P
[Old version datasheet]   Low-Power Digital Temperature Sensor
TMP103 TI1-TMP103 Datasheet
992Kb / 30P
[Old version datasheet]   Low-Power, Digital Temperature Sensor
logo
Agilent(Hewlett-Packard...
ADNS-3040 HP-ADNS-3040 Datasheet
339Kb / 26P
   Ultra Low-Power Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com