Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS50 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ATS50
Description  LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS50 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  ATS50 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATS50 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS50 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS50 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS50 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS50 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS50 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS50 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS50 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Andigilog, Inc.
7404 W. Detroit St., Suite 100
Chandler, Arizona 85226-2422
Tel: (480) 940-6200
Fax: (480) 940-4255
- 8 -
© Andigilog, Inc. 2003
www.andigilog.com
70A03202-004
aTS50
Data Sheet Classifications
Preliminary Specification
This classification is shown on the heading of each page of a specification for products that are either under
development(design and qualification), or in the formative planning stages. Andigilog reserves the right to
change or discontinue these products without notice.
New Release Specification
This classification is shown on the heading of the first page only of a specification for products that are either
under the later stages of development(characterization and qualification), or in the early weeks of release
to production. Andigilog reserves the right to change the specification and information for these products
without notice.
Fully Released Specification
Fully released datasheets do not contain any classification in the first page header. These documents contain
specification on products that are in full production. Andigilog will not change any guaranteed limits without
written notice to the customers. Obsolete datasheets that were written prior to January 1, 2001 without
any header classification information should be considered as obsolete and non-active specifications, or in
the best case as Preliminary Specifications.


Similar Part No. - ATS50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATS51 ETC2-ATS51 Datasheet
298Kb / 9P
   LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
ATS51S3 ETC2-ATS51S3 Datasheet
298Kb / 9P
   LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
logo
Allegro MicroSystems
ATS535CSB ALLEGRO-ATS535CSB Datasheet
75Kb / 12P
   ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
April 8, 1998
ATS535JSB ALLEGRO-ATS535JSB Datasheet
75Kb / 12P
   ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
April 8, 1998
More results

Similar Description - ATS50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATS51 ETC2-ATS51 Datasheet
298Kb / 9P
   LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
logo
Texas Instruments
SM73710 TI-SM73710 Datasheet
374Kb / 12P
[Old version datasheet]   SM73710 2.7V, SOT-23 Temperature Sensor
LM50 TI-LM50_15 Datasheet
830Kb / 15P
[Old version datasheet]   SOT-23 Single-Supply Centigrade Temperature Sensor
logo
National Semiconductor ...
LM50 NSC-LM50 Datasheet
176Kb / 7P
   SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 NSC-LM50_06 Datasheet
603Kb / 9P
   SOT-23 Single-Supply Centigrade Temperature Sensor
LM50B NSC-LM50B Datasheet
165Kb / 8P
   SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Texas Instruments
LM50-Q1 TI1-LM50-Q1_14 Datasheet
854Kb / 16P
[Old version datasheet]   SOT-23 Single-Supply Centigrade Temperature Sensor
logo
National Semiconductor ...
LM60 NSC-LM60_05 Datasheet
637Kb / 11P
   2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LMT90 TI-LMT90 Datasheet
910Kb / 14P
[Old version datasheet]   LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
logo
National Semiconductor ...
LM60 NSC-LM60 Datasheet
221Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com