Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B45198R7157K506 Datasheet(PDF) 10 Page - Kemet Corporation

Part # B45198R7157K506
Description  SpeedPower, Low ESR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

B45198R7157K506 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button B45198R7157K506 Datasheet HTML 6Page - Kemet Corporation B45198R7157K506 Datasheet HTML 7Page - Kemet Corporation B45198R7157K506 Datasheet HTML 8Page - Kemet Corporation B45198R7157K506 Datasheet HTML 9Page - Kemet Corporation B45198R7157K506 Datasheet HTML 10Page - Kemet Corporation B45198R7157K506 Datasheet HTML 11Page - Kemet Corporation B45198R7157K506 Datasheet HTML 12Page - Kemet Corporation B45198R7157K506 Datasheet HTML 13Page - Kemet Corporation B45198R7157K506 Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Ordering code structure for SpeedPower II series and SpeedPower III series
B45
0
02
D
337
*
+
106
Tantalum
capacitor
Series
0 = SpeedPower, Low ESR; Low
Profile, Low ESR; tinned terminals
1 = SpeedPower, Low ESR;
gold-plated terminals
Rated voltage
02 = 2.5 V, 04 = 4 V, 06 = 6.3 V, 10 = 10 V,
16 = 16 V, 20 = 20 V, 25 = 25 V, 35 = 35 V, 50 = 50
V
Case size
A, B, C, D, E
Rated capacitance + exponent
C [pF]
10x
686 = 68 pF
106 = 68
µF, 157 = 15 pF 107 = 150 µF, 108 = 10 pF 108 = 1000
µF
Reel diameter
9 = 180 mm, 6 = 330 mm
Capacitance tolerance
M =
±20%, K = ±10%
ESR value + exponent
R [n
Ω] 10x
E.g.: 106 = 10 n
Ω 106 = 10 mΩ, 107 = 10 nΩ 107 = 100 mΩ, 108 = 10 nΩ 108 = 1000 mΩ, 109 = 10 nΩ 109 = 10000 mΩ,
Tantalum chip capacitors
B45197A, B45198R, B450, B451
SpeedPower, Low ESR
Page 10 of 26
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B45198R7157K506

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45198RA4226+206 EPCOS-B45198RA4226+206 Datasheet
126Kb / 11P
   Tantalum Chip Capacitors
B45198RA4226+209 EPCOS-B45198RA4226+209 Datasheet
126Kb / 11P
   Tantalum Chip Capacitors
B45198RA4226+306 EPCOS-B45198RA4226+306 Datasheet
126Kb / 11P
   Tantalum Chip Capacitors
B45198RA4226+309 EPCOS-B45198RA4226+309 Datasheet
126Kb / 11P
   Tantalum Chip Capacitors
B45198RA4226+506 EPCOS-B45198RA4226+506 Datasheet
126Kb / 11P
   Tantalum Chip Capacitors
More results

Similar Description - B45198R7157K506

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSX157M010R0100 AVX-TPSX157M010R0100 Datasheet
146Kb / 11P
   Low ESR
TPSB226K016R0400 AVX-TPSB226K016R0400 Datasheet
146Kb / 11P
   Low ESR
TPSV107M020R0085 AVX-TPSV107M020R0085 Datasheet
159Kb / 11P
   Low ESR
TPSC107K002R0100V AVX-TPSC107K002R0100V Datasheet
137Kb / 11P
   Low ESR
logo
Nichicon corporation
RR7 NICHICON-RR7 Datasheet
652Kb / 2P
   Low ESR
logo
AVX Corporation
TPSC336M016R0225 AVX-TPSC336M016R0225 Datasheet
199Kb / 16P
   Low ESR
TPSA476K006R0800 AVX-TPSA476K006R0800 Datasheet
146Kb / 11P
   Low ESR
TPSE227M010R0100 AVX-TPSE227M010R0100 Datasheet
159Kb / 11P
   Low ESR
TPS AVX-TPS Datasheet
1Mb / 13P
   Low ESR
TPSD227K010R0100 AVX-TPSD227K010R0100 Datasheet
163Kb / 11P
   Low ESR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com