Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A700V107M002ATE018 Datasheet(PDF) 5 Page - Kemet Corporation

Part # A700V107M002ATE018
Description  ALUMINUM ORGANIC CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A700V107M002ATE018 Datasheet(HTML) 5 Page - Kemet Corporation

  A700V107M002ATE018 Datasheet HTML 1Page - Kemet Corporation A700V107M002ATE018 Datasheet HTML 2Page - Kemet Corporation A700V107M002ATE018 Datasheet HTML 3Page - Kemet Corporation A700V107M002ATE018 Datasheet HTML 4Page - Kemet Corporation A700V107M002ATE018 Datasheet HTML 5Page - Kemet Corporation A700V107M002ATE018 Datasheet HTML 6Page - Kemet Corporation A700V107M002ATE018 Datasheet HTML 7Page - Kemet Corporation A700V107M002ATE018 Datasheet HTML 8Page - Kemet Corporation A700V107M002ATE018 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
23. Resistance to Soldering Heat
• Maximum Reflow
+245 ±5°C, 10 seconds
• Typical Reflow
+230 ±5°C, 30 seconds
Post Test Performance:
a. Capacitance: within ±10% of initial value
b. DF: within initial limit
c. DC Leakage: within initial limit
d. ESR: within initial limit
24. Solderability
• Mil-Std-202, Method 208
• ANSI/J-Std-002, Test B
25. Vibration
• Mil-Std-202, Method 204, Condition D, 10 Hz to
2,000 Hz, 20G Peak
Post Test Performance:
a. Capacitance: within ±10% of initial value
b. DF: within initial limit
c. DC Leakage: within initial limit
d. ESR: within initial limit
26. Shock
• Mil-Std-202, Method 213, Condition I, 100 G
Peak
Post Test Performance:
a. Capacitance: within ±10% of initial value
b. DF: within initial limit
c. DC Leakage: within initial limit
d. ESR: within initial limit
27. Terminal Strength
• Pull Force
• One Pound (454 grams), 30 Seconds
• Tensile Force
• Four Pounds (1.8 kilograms), 60 Seconds
Shear Force
Table 5 Maximum Shear Loads
Post Test Performance:
a. Capacitance: within ±5% of initial value
b. DF: within initial limit
c. DC Leakage: within initial limit
d. ESR within initial limit
28. Handling
Automatic handling of encapsulated components is
enhanced by the molded case which provides com-
patibility with all types of high speed pick and place
equipment. Manual handling of these devices pres-
ents no unique problems. Care should be taken with
your fingers, however, to avoid touching the solder-
coated terminations as body oils, acids and salts will
degrade the solderability of these terminations.
Finger cots should be used whenever manually han-
dling all solderable surfaces.
29. Termination Coating
The standard finish coating is 100% Sn solder
(Tin-solder coated) with nickel (Ni) underplating.
30. Recommended Mounting Pad Geometries
Proper mounting pad geometries are essential for
successful solder connections. These dimensions
are highly process sensitive and should be designed
to maximize the integrity of the solder joint, and to
minimize component rework due to unacceptable
solder joints.
Figure 5 illustrates pad geometry. The table provides
recommended pad dimensions for reflow soldering
techniques. These dimensions are intended to be a
starting point for circuit board designers, to be fine
tuned, if necessary, based upon the peculiarities of
the soldering process and/or circuit board design.
Contact KEMET for Engineering Bulletin Number
F-2100 entitled "Surface Mount Mounting Pad
Dimensions and Considerations" for further details
on this subject or visit our website at
www.kemet.com.
Case Code
Maximum Shear Loads
KEMET
EIA
Kilograms
Pounds
V
7343-20
5.0
11.0
D
7343-31
5.0
11.0
X
7343-43
5.0
11.0
C
X
Grid
Placement
Courtyard
G
Y
Z
Figure 5
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
ALUMINUM ORGANIC CAPACITORS
Performance Characteristics
62


Similar Part No. - A700V107M002ATE018

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A700V106M006ATE055 KEMET-A700V106M006ATE055 Datasheet
849Kb / 19P
   A700 Polymer Aluminum, 2 – 35 VDC
7/26/2022
A700V106M016ATE045 KEMET-A700V106M016ATE045 Datasheet
1Mb / 4P
   (Low ESR, Surge Robust) 10 pcs.
A700V106M016ATE045 KEMET-A700V106M016ATE045 Datasheet
849Kb / 19P
   A700 Polymer Aluminum, 2 – 35 VDC
7/26/2022
More results

Similar Description - A700V107M002ATE018

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
10SC22M SANYO-10SC22M Datasheet
92Kb / 2P
   Aluminum solid capacitors with Organic semiconductive electrolyte
logo
Vishay Siliconix
94SP VISHAY-94SP Datasheet
52Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 02-Jul-01
94SP VISHAY-94SP_07 Datasheet
118Kb / 4P
   Solid Aluminum Capacitors with Organic Semiconductor Electrolyte
Revision: 15-Jan-07
94SC VISHAY-94SC Datasheet
132Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision: 13-Sep-04
94SA156X0020CBP VISHAY-94SA156X0020CBP Datasheet
50Kb / 2P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 29-Jun-01
logo
AVX Corporation
ML03211R8PAT2A AVX-ML03211R8PAT2A Datasheet
127Kb / 1P
   Organic Passive Components Low ESR Microwave Capacitors
logo
Kemet Corporation
T527I107M004ATE200 KEMET-T527I107M004ATE200 Datasheet
840Kb / 15P
   KEMET Organic Capacitor
T529P226M006AAE200 KEMET-T529P226M006AAE200 Datasheet
861Kb / 15P
   KEMET Organic Capacitor
logo
Figaro Engineering Inc.
TGS823 FIGARO-TGS823 Datasheet
115Kb / 2P
   Organic Solvent Vapors
logo
Renesas Technology Corp
SGAS707 RENESAS-SGAS707 Datasheet
890Kb / 16P
   Industrial Organic Chemical Sensor
October 25, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com