Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AU5780D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # AU5780D
Description  SAE/J1850/VPW transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AU5780D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button AU5780D Datasheet HTML 2Page - NXP Semiconductors AU5780D Datasheet HTML 3Page - NXP Semiconductors AU5780D Datasheet HTML 4Page - NXP Semiconductors AU5780D Datasheet HTML 5Page - NXP Semiconductors AU5780D Datasheet HTML 6Page - NXP Semiconductors AU5780D Datasheet HTML 7Page - NXP Semiconductors AU5780D Datasheet HTML 8Page - NXP Semiconductors AU5780D Datasheet HTML 9Page - NXP Semiconductors AU5780D Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
AU5780
SAE/J1850/VPW transceiver
1998 Jun 30
6
CHARACTERISTICS
–40
°C < Tamb < +125°C; 6V < VBATT< 16V; V/LB> 3V; 0 < VBUS< +8.5V;
RS= 56 kW
Rd= 10 kW; Rf = 15 kW; Rb= 10W; 300 W< RL< 1.6 kW;
all voltages are referenced to pin 8 (GND); positive currents flow into the IC; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
IBATT.id
supply current; bus idle
TX low; Note 1
200
µA
IBATT.p
supply current; passive state
TX low
1.5
mA
IBATT.oc
supply current; no load
TX high
8
mA
IBATT.sc
supply current; bus short to GND
TX high, VBO = 0V
50
mA
Tsd
Thermal shutdown
155
°C
Thys
Thermal shutdown hysteresis
5
15
°C
Pins TX and /LB
Vih
High level input voltage
3
V
Vil
Low level input voltage
0.9
V
Vh
Input hysteresis
0.4
V
Iih2
TX high level input current
Vi = 5V
12
50
µA
Iih6
/LB high level input current
Vi = 5V
3
10
µA
Pin RX
Vol
Low level output voltage
Io = 1.6 mA
0.4
V
Iih
High level output leakage
Vo = 5V
–10
+10
µA
Irx
RX output current
Vo = 5V
4
20
mA
Pin BUS_OUT
Volb
BUS_OUT in loop-back mode; TX high or low
/LB low or floating;
0<VBATT < 24V; RL=1.6kΩ
0.1
V
Vol
BUS_OUT voltage; passive
TX low or floating;
0<VBATT < 24V; RL=1.6kΩ
0.1
V
Voh
BUS_OUT voltage; active
TX high; Note 2
9V<VBATT < 24V;
300
Ω < RL<1.6kΩ;
7.3
8
V
Vohb
BUS_OUT voltage; low battery
TX high;
6V<VBATT <9V;
300
Ω < RL< 1.6kΩ;
Note 2
VBATT – 1.7
8
V
– IBO.LIM
BUS_OUT source current; bus positive
TX high;
0V< Vbus <+8.5V
47
mA
– IBO.LIMn
BUS_OUT source current; bus negative
TX high;
–17V< Vbus < 0V
55
mA
– IBO.LK
BUS_OUT leakage current; TX low; bus positive
TX low; 0V<VBATT<24V;
0V< Vbus <+17V
–10
+10
µA
– IBO.N
BUS_OUT leakage current; TX low; bus negative
TX low; 0V<VBATT<24V;
–17V< Vbus < 0V
–10
+100
µA
– IBO.LOG
BUS_OUT leakage current with loss of ground
0V<VBATT<16V
–10
100
µA
Pin BUS_IN
Vih
Input high voltage
4.1
V
Vil
Input low voltage
3.65
V
Vh
Input hysteresis
100
mV
Vilk
Input leakage current
–17V < Vbus < +17V
–5
+5
µA


Similar Part No. - AU5780D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AU5780A PHILIPS-AU5780A Datasheet
83Kb / 12P
   SAE/J1850/VPW transceiver
2001 Jun 19
AU5780AD PHILIPS-AU5780AD Datasheet
83Kb / 12P
   SAE/J1850/VPW transceiver
2001 Jun 19
More results

Similar Description - AU5780D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AU5780A PHILIPS-AU5780A Datasheet
83Kb / 12P
   SAE/J1850/VPW transceiver
2001 Jun 19
AU5783 PHILIPS-AU5783 Datasheet
115Kb / 14P
   J1850/VPW transceiver with supply control function
1999 May 11
logo
OKI electronic componet...
MSM6636 OKI-MSM6636 Datasheet
109Kb / 11P
   SAE-J1850 Communication Protocol Conformity Transmission Controller for Automotive LAN
MSM6636B OKI-MSM6636B Datasheet
102Kb / 13P
   SAE-J1850 Multiplex Communication Protocol Conformity Transmission Controller for Automotive LAN
logo
NXP Semiconductors
TJA1021 NXP-TJA1021_10 Datasheet
564Kb / 25P
   LIN 2.1/SAE J2602 transceiver
Rev. 6-30 December 2010
TJA1021 NXP-TJA1021 Datasheet
500Kb / 25P
   LIN 2.1/SAE J2602 transceiver
Rev. 05-22 October 2009
logo
Intersil Corporation
HIP7020 INTERSIL-HIP7020 Datasheet
81Kb / 11P
   J1850 Bus Transceiver For Multiplex Wiring Systems
logo
Infineon Technologies A...
TLE7268 INFINEON-TLE7268 Datasheet
701Kb / 34P
   Dual LIN 2.2 / SAE J2602 Transceiver
Rev. 1.0 2017-09-14
logo
NXP Semiconductors
TJA1027 NXP-TJA1027 Datasheet
650Kb / 24P
   ISO 17987/LIN 2.x/SAE J2602 transceiver
Rev. 3-18 December 2018
logo
Intersil Corporation
HIP7010 INTERSIL-HIP7010 Datasheet
106Kb / 20P
   J1850 Byte Level Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com