Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A700V826M2R5ATE028 Datasheet(PDF) 11 Page - Kemet Corporation

Part # A700V826M2R5ATE028
Description  ALUMINUM ORGANIC CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A700V826M2R5ATE028 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button A700V826M2R5ATE028 Datasheet HTML 4Page - Kemet Corporation A700V826M2R5ATE028 Datasheet HTML 5Page - Kemet Corporation A700V826M2R5ATE028 Datasheet HTML 6Page - Kemet Corporation A700V826M2R5ATE028 Datasheet HTML 7Page - Kemet Corporation A700V826M2R5ATE028 Datasheet HTML 8Page - Kemet Corporation A700V826M2R5ATE028 Datasheet HTML 9Page - Kemet Corporation A700V826M2R5ATE028 Datasheet HTML 10Page - Kemet Corporation A700V826M2R5ATE028 Datasheet HTML 11Page - Kemet Corporation A700V826M2R5ATE028 Datasheet HTML 12Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
Performance Notes
1. Cover Tape Break Force: 1.0 Kg Minimum.
2. Cover Tape Peel Strength: The total peel strength of the cover tape from the carrier tape shall be:
Tape Width
Peel Strength
8 mm
0.1 Newton to 1.0 Newton (10g to 100g)
12 mm
0.1 Newton to 1.3 Newton (10g to 130g)
The direction of the pull shall be opposite the direction of the carrier tape travel. The pull angle of the carrier
tape shall be 165 to 180 from the plane of the carrier tape. During peeling, the carrier and/or cover tape
shall be pulled at a velocity of 300 ±10 mm/minute.
3. Reel Sizes: Molded tantalum capacitors are available on either 180 mm (7") reels (standard) or 330 mm (13")
reels (with C-7280). Note that 13” reels are preferred.
4. Labeling: Bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes.
Refer to EIA-556.
Embossed Carrier Tape Configuration: Figure 1
NOTES
1. B1 dimension is a reference dimension for tape feeder clearance only.
2. The embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. Dimensions of
embossment location and hole location shall be applied independent of each other.
3. Tape with components shall pass around radius “R” without damage (see sketch A). The minimum trailer length (Fig. 2) may require
additional length to provide R min. for 12 mm embossed tape for reels with hub diameters approaching N min. (Table 2)
4. The cavity defined by A
0
, B
0
, and K
0 shall be configured to surround the part with sufficient clearance such that the chip does not pro-
trude beyond the sealing plane of the cover tape, the chip can be removed from the cavity in a vertical direction without mechanical
restriction, rotation of the chip is limited to 20 degrees maximum in all 3 planes, and lateral movement of the chip is restricted to 0.5 mm
maximum in the pocket (not applicable to vertical clearance.)
Table 1 — EMBOSSED TAPE DIMENSIONS (Metric will govern)
Constant Dimensions — Millimeters (Inches)
Tape Size
D
0
EP
0
P
2
T Max
T
1 Max
8 mm
1.5
1.75 ±0.10
4.0 ±0.10
2.0 ±0.05
0.600
0.100
and
+0.10 -0.0
12 mm
(0.059
(0.069 ±0.004)
(0.157 ±0.004)
(0.079 ±0.002)
(0.024)
(0.004)
+0.004, -0.0)
Variable Dimensions — Millimeters (Inches)
Tape Size
Pitch
B
1 Max.
D
1 Min.
F
P
1
R Min.
T
2 Max
W
A
0B0K0
Note 1
Note 2
Note 3
Note 4
8 mm
Single
4.4
1.0
3.5 ±0.05
4.0 ±0.10
25.0
2.5
8.0 ±0.30
(4 mm)
(0.173)
(0.039)
(0.138 ±0.002)
(0.157 ±0.004) (0.984)
(0.098)
(.315 ±0.012)
12 mm
Double
8.2
1.5
5.5 ±0.05
8.0 ±0.10
30.0
4.6
12.0 ±0.30
(8 mm)
(0.323)
(0.059)
(0.217 ±0.002)
(0.315 ±0.004) (1.181)
(0.181) (0.472 ±0.012)
TANTALUM, CERAMIC AND
ALUMINUM CHIP CAPACITORS
Packaging Information
94


Similar Part No. - A700V826M2R5ATE028

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A700V106M006ATE055 KEMET-A700V106M006ATE055 Datasheet
849Kb / 19P
   A700 Polymer Aluminum, 2 – 35 VDC
7/26/2022
A700V106M016ATE045 KEMET-A700V106M016ATE045 Datasheet
1Mb / 4P
   (Low ESR, Surge Robust) 10 pcs.
A700V106M016ATE045 KEMET-A700V106M016ATE045 Datasheet
849Kb / 19P
   A700 Polymer Aluminum, 2 – 35 VDC
7/26/2022
A700V156M016ATE040 KEMET-A700V156M016ATE040 Datasheet
59Kb / 1P
   A700, Polymer Aluminum, 15 uF, 20%, 16 VDC, -55/125째C, Height Max = 2mm
3/01/2022
A700V226M016ATE018 KEMET-A700V226M016ATE018 Datasheet
59Kb / 1P
   A700, Polymer Aluminum, 22 uF, 20%, 16 VDC, -55/125째C, Height Max = 2mm
3/01/2022
More results

Similar Description - A700V826M2R5ATE028

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
10SC22M SANYO-10SC22M Datasheet
92Kb / 2P
   Aluminum solid capacitors with Organic semiconductive electrolyte
logo
Vishay Siliconix
94SP VISHAY-94SP Datasheet
52Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 02-Jul-01
94SP VISHAY-94SP_07 Datasheet
118Kb / 4P
   Solid Aluminum Capacitors with Organic Semiconductor Electrolyte
Revision: 15-Jan-07
94SC VISHAY-94SC Datasheet
132Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision: 13-Sep-04
94SA156X0020CBP VISHAY-94SA156X0020CBP Datasheet
50Kb / 2P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 29-Jun-01
logo
AVX Corporation
ML03211R8PAT2A AVX-ML03211R8PAT2A Datasheet
127Kb / 1P
   Organic Passive Components Low ESR Microwave Capacitors
logo
Kemet Corporation
T527I107M004ATE200 KEMET-T527I107M004ATE200 Datasheet
840Kb / 15P
   KEMET Organic Capacitor
T529P226M006AAE200 KEMET-T529P226M006AAE200 Datasheet
861Kb / 15P
   KEMET Organic Capacitor
logo
Figaro Engineering Inc.
TGS823 FIGARO-TGS823 Datasheet
115Kb / 2P
   Organic Solvent Vapors
logo
Renesas Technology Corp
SGAS707 RENESAS-SGAS707 Datasheet
890Kb / 16P
   Industrial Organic Chemical Sensor
October 25, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com