Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNPO471F025B2 Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # SNPO471F025B2
Description  Sharma Ceramic Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SNPO471F025B2 Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  SNPO471F025B2 Datasheet HTML 1Page - Sharma Electro Components,Inc SNPO471F025B2 Datasheet HTML 2Page - Sharma Electro Components,Inc SNPO471F025B2 Datasheet HTML 3Page - Sharma Electro Components,Inc SNPO471F025B2 Datasheet HTML 4Page - Sharma Electro Components,Inc SNPO471F025B2 Datasheet HTML 5Page - Sharma Electro Components,Inc SNPO471F025B2 Datasheet HTML 6Page - Sharma Electro Components,Inc SNPO471F025B2 Datasheet HTML 7Page - Sharma Electro Components,Inc SNPO471F025B2 Datasheet HTML 8Page - Sharma Electro Components,Inc SNPO471F025B2 Datasheet HTML 9Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
(EXAMPLE)
S
N
P
O
4
7
1
J
0
5
0
T
2
Series
Series Code: SNPO, SX7R, SZ5U, SY5V.
Note: SNPO indicates COG(NPO)
dielectric
Capacitance
3 Digit Capacitance Code (per EIA Standard):
First Two Digits Represent Significant Figures of Capacitance in pF.
Third Digit Indicates Number of Zeros
For Values Below 10 pF, R replaces second digit to indicate
a decimal point.
Example: 471 = 470 pF. , 1R5 = 1.5 pF.
Tolerance
Capacitance Tolerance Code:
Capacitance Tolerance
± .25 pF
± .5 pF ± 1%
± 2% ± 5%
±10%
±20% -20 + 80%
Code
C
D
F
G
J
K
M
Z
Rated Voltage
Packing Code
Code
Style
T
Tape & Reel
B
Bulk
Case Code
Example below indicates : SNPO series, 470 pF, 5%, 50 Volt,
Tape/Reel packed, 0805 case size.
2.0
4.0
P
B
A
φ 1.5
- 0.0
+ 0.10
± 0.1
± 0.1
E
F
W
Tmax
A
B
C
D
E
W
t
ø178 ±2.0
ø50 min.
13.0 ±0.5
21.0 ±0.8
2.0 ±0.8
8.8/12.8 ±1.5
2.0 ±0.5
ø330 ±2.0
ø100 min.
13.0 ±0.5
21.0 ±0.8
2.0 ±0.8
8.8/12.8 ±1.5
2.0 ±0.6
Tape/Reel & Packaging Specifications
Re
el Dimensions
Taping Dimensions
A
B
C
D
E
W
t
ø7 ±0.08
ø2.0 min.
5.0 ±0.02
0.83 ±0.03
0.08 ±0.3
0.35/0.50 ±0.06
0.08 ±0.02
ø13 ±0.08
ø4.0 min.
5.0 ±0.3
0.83 ±0.03
0.08 ±0.3
0.35/0.50 ±0.06
0.08 ±0.02
Reel Dimensions in Millimeters
Reel Dimensions in Inches
MULTILAYER
CERAMIC CHIP
CAPACITORS
Tolerance on Dimensions
'' L'' and ''W'': ± 0.
35mm(0.014'')max.
3 Digit Voltage Code
Rated Voltage(V)
6.3
10
16
25
50
100
200
250
500
1000
2000
3000
4000
Code
006
010
016
025
050
100
200
250
500
1KV
2KV
3KV
4KV
Case Code
0
1
2
3
4
56789
10
Case Size
0402
0603
0805
1206
1210
1808
1812
2220
2225
3012
3035
A
B
W
F
E
P
Tmax
SIZE
±0.1 mm or
±0.1 mm or
±0.3 mm or
±0.1 mm or
±0.1 mm or
±0.1 mm or
CODE
±0.004"
±0.004"
±0.012"
±0.004"
±0.004"
±0.004"
0402
0.7 (0.028)
1.3 (0.051)
8.0 (0.315)
3.5 (0.138)
1.75 (0.069)
4.0 (0.157)
1.7 (0.067)
0603
1.1 (0.043)
1.9 (0.075)
8.0 (0.315)
3.5 (0.138)
1.75 (0.069)
4.0 (0.157)
1.7 (0.067)
0805
1.7 (0.067)
2.4 (0.094)
8.0 (0.315)
3.5 (0.138)
1.75 (0.069)
4.0 (0.157)
1.7 (0.067)
1206
2 (0.079)
3.6 (0.142)
8.0 (0.315)
3.5 (0.138)
1.75 (0.069)
4.0 (0.157)
1.7 (0.067)
1210
2.8 (0.110)
3.7 (0.147)
8.0 (0.315)
3.5 (0.138)
1.75 (0.069)
4.0 (0.157)
1.7 (0.067)
1808
2.4 (0.094)
4.9 (0.193)
12.0 (0.472)
3.5 (0.138)
1.75 (0.069)
4.0 (0.157)
1.7 (0.067)
1812
3.6 (0.142)
4.9 (0.193)
12.0 (0.472)
3.5 (0.138)
1.75 (0.069)
4.0 (0.157)
1.7 (0.067)
2220
5.2 (0.205)
6.0 (0.236)
12.0 (0.472)
3.5 (0.138)
1.75 (0.069)
4.0 (0.157)
1.7 (0.067)
2225
6.6 (0.260)
6.0 (0.236)
12.0 (0.472)
3.5 (0.138)
1.75 (0.069)
4.0 (0.157)
1.7 (0.067)
Case
Code
L
W
T max.
e
0402
1.00(0.040)
0.50(0.020)
0.55(0.022)
0.20(0.008)
0603
1.60(0.063)
0.80(0.032)
0.90(0.035)
0.30(0.012)
0805
2.03(0.080)
1.27(0.050)
1.27(0.050)
0.50(0.020)
1206
3.20(0.125)
1.60(0.063)
1.35(0.053)
0.50(0.020)
1210
3.20(0.125)
2.50(0.098)
1.60(0.063)
0.50(0.020)
1808
4.50(0.177)
2.03(0.800)
1.80(0.071)
0.50(0.020)
1812
4.50(0.177)
3.20(0.125)
2.20(0.087)
0.60(0.027)
2220
5.70(0.224)
5.00(0.197)
2.80(0.110)
0.65(0.026)
2225
5.70(0.224)
6.30(0.248)
2.80(0.110)
0.65(0.026)
3012
7.60(0.299)
3.20(0.125)
5.70(0.224)
0.70(0.028)
3035
7.60(0.299)
8.90(0.350)
6.30(0.248)
0.70(0.028)
Case
Code
0402
0603
0805
1206
1210
1808
1812
2220
2225
3012
3035
and factory approval.
Bulk
STANDARD PACKAGING QUANTITIES
Special package quantity available upon request
1000 pcs/reel
1000 pcs/reel
500 pcs/reel
500 pcs/reel
1000 pcs
1000 pcs
1000 pcs
10000 pcs/reel
4000 pcs/reel
4000 pcs/reel
4000 pcs/reel
4000 pcs/reel
1000 pcs/reel
1000 pcs/reel
5000 pcs.
1000 pcs
1000 pcs
1000 pcs
10000 pcs.
5000 pcs.
5000 pcs.
5000 pcs.
Dimensions mm(inches)
CASE DIMENSIONS AND TOLERANCES
"L " & "W" tolerances: ±0.35mm(0.014)max.
Tape & Reel
Sharma Ceramic Capacitors
Page 2
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Part No. - SNPO471F025B2

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SNPO471F050B0 SHARMA-SNPO471F050B0 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SNPO471F050B1 SHARMA-SNPO471F050B1 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SNPO471F050B2 SHARMA-SNPO471F050B2 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SNPO471F050T0 SHARMA-SNPO471F050T0 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SNPO471F050T1 SHARMA-SNPO471F050T1 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
More results

Similar Description - SNPO471F025B2

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SCY1 SHARMA-SCY1 Datasheet
536Kb / 3P
   Sharma Ceramic Capacitors
SMT SHARMA-SMT Datasheet
857Kb / 6P
   Sharma Multilayer Ceramic Capacitors
MKT100 SHARMA-MKT100_1 Datasheet
318Kb / 2P
   Sharma Film Capacitors
MKT075 SHARMA-MKT075_1 Datasheet
315Kb / 1P
   Sharma Film Capacitors
MKTD05 SHARMA-MKTD05 Datasheet
315Kb / 4P
   Sharma Film Capacitors
TDA SHARMA-TDA Datasheet
447Kb / 2P
   Sharma Tantalum Capacitors
WIW1012 SHARMA-WIW1012 Datasheet
702Kb / 1P
   Sharma Potentiometers
SNPO471J050T2 SHARMA-SNPO471J050T2 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
logo
Vishay Siliconix
1C10Z5U103M050B VISHAY-1C10Z5U103M050B Datasheet
64Kb / 5P
   Ceramic Capacitors
Revision 25-Sep-00
logo
TDK Electronics
C4532X7R1E106MT TDK-C4532X7R1E106MT Datasheet
169Kb / 4P
   Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com