Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBK25M Datasheet(PDF) 2 Page - Dc Components

Part # GBK25M
Description  TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

GBK25M Datasheet(HTML) 2 Page - Dc Components

  GBK25M Datasheet HTML 1Page - Dc Components GBK25M Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R
Single Phase Half Wave
60Hz Inductive or
Resistive Load
CASE TEMPERATURE, (oC)
0
50
100
150
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
25
20
15
10
5
FIG. 1 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
2
5
10
20
50
100
0
350
300
200
100
50
8.3ms Single Half Sine-Wave
(JEDEC Mathod)
400
INSTANTANEOUS FORWARD VOLTAGE, (V)
.4
.6
.8
1.0
1.2
1.8
Pulse Width=300ms
1% Duty Cycle
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
100
10
1
.1
1.6
1.4
TJ=25oC
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
20
40
60
80
100
120
140
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
10
1.0
.1
.01
TJ=25oC
TJ=100oC
RATING AND CHARACTERISTIC CURVES (GBK25A THRU GBK25M)
DC COMPONENTS CO., LTD.


Similar Part No. - GBK25M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GBK201209T-102Y-N ETC1-GBK201209T-102Y-N Datasheet
717Kb / 14P
   SMD Chip Beads
GBK201209T-121Y-N ETC1-GBK201209T-121Y-N Datasheet
717Kb / 14P
   SMD Chip Beads
GBK201209T-151Y-N ETC1-GBK201209T-151Y-N Datasheet
717Kb / 14P
   SMD Chip Beads
GBK201209T-152Y-N ETC1-GBK201209T-152Y-N Datasheet
717Kb / 14P
   SMD Chip Beads
GBK201209T-202Y-N ETC1-GBK201209T-202Y-N Datasheet
717Kb / 14P
   SMD Chip Beads
More results

Similar Description - GBK25M

ManufacturerPart #DatasheetDescription
logo
Dc Components
D3KB3A DCCOM-D3KB3A Datasheet
33Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Yea Shin Technology Co....
KBP200 YEASHIN-KBP200 Datasheet
416Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIE
logo
Dc Components
D3KB6A DCCOM-D3KB6A Datasheet
33Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE RANGE
1N4001G DCCOM-1N4001G Datasheet
399Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
1N5400G DCCOM-1N5400G Datasheet
411Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
6A05G DCCOM-6A05G Datasheet
469Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
RL201G DCCOM-RL201G Datasheet
409Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
1N5391G DCCOM-1N5391G Datasheet
379Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
KBH2A DCCOM-KBH2A Datasheet
356Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC6005 DCCOM-KBPC6005 Datasheet
439Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com