Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C317C479G1G5TA Datasheet(PDF) 5 Page - Kemet Corporation

Part # C317C479G1G5TA
Description  MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C317C479G1G5TA Datasheet(HTML) 5 Page - Kemet Corporation

  C317C479G1G5TA Datasheet HTML 1Page - Kemet Corporation C317C479G1G5TA Datasheet HTML 2Page - Kemet Corporation C317C479G1G5TA Datasheet HTML 3Page - Kemet Corporation C317C479G1G5TA Datasheet HTML 4Page - Kemet Corporation C317C479G1G5TA Datasheet HTML 5Page - Kemet Corporation C317C479G1G5TA Datasheet HTML 6Page - Kemet Corporation C317C479G1G5TA Datasheet HTML 7Page - Kemet Corporation C317C479G1G5TA Datasheet HTML 8Page - Kemet Corporation C317C479G1G5TA Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
11
CERAMIC CONFORMALLY COATED/RADIAL
“STANDARD & HIGH VOLTAGE GOLDEN MAX”
CAPACITOR MARKINGS
Manufacturer
(KEMET)
Rated Voltage
5 - 50 volts
1 - 100 volts
2 - 200 volts
Capacitance
Tolerance
Manufacturer
(KEMET)
Capacitance
& Tolerance
Dielectric
C0G
X7R
Z5U
Rated
Voltage
Capacitance
Code
Date Code
Front
K1K
Back
102
C31X & C32X Size
KX7R
105K
100V
0212
C340 & C350 Size
Rated Voltage
5 - 50 volts
1 - 100 volts
2 - 200 volts
Manufacturer
(KEMET)
Capacitance
Tolerance
Capacitance
Code
Dielectric
G - C0G
R - X7R
U - Z5U
K5U
104M
C33X Size
RATINGS & PART NUMBER REFERENCE: ULTRA-STABLE TEMPERATURE CHARACTERISTICS – C0G/NPO
For packaging information, see pages 40 and 41.
K
Manufacturer
(KEMET)
50
100
200
500
1k
50
100
200
500
1k
1.5k
2k
50
100
200
500
1k
1.5k
2k
2.5k
3k
50
100
200
500
1k
2k
3k
50
100
200
500
1k
2k
3k
1.0pF
109
D
1.1
119
D
1.2
129
D
1.3
139
D
1.5
159
D
1.6
169
D
1.8
189
D
2.0
209
D
2.2
229
D
2.4
249
D
2.7
279
D
3.0
309
D
3.3
339
D
3.6
369
D
3.9
399
D
4.3
439
D
4.7
479
D
5.1
519
D
5.6
569
D
6.2
629
D
6.8
689
D
7.5
759
D
8.2
829
D
9.1
919
D
10
100
J,K
11
110
J,K
12
120
J,K
13
130
J,K
15
150
J,K
16
160
J,K
18
180
J,K
20
200
J,K
22
220
J,K
24
240
G,J,K
27
270
G,J,K
30
300
G,J,K
33
330
G,J,K
36
360
G,J,K
39
390
G,J,K
43
430
G,J,K
47
470
G,J,K
51
510
G,J,K
56
560
F,G,J
62
620
F,G,J
68
680
F,G,J
75
750
F,G,J
82
820
F,G,J
91
910
F,G,J
WVDC
WVDC
WVDC
WVDC
WVDC
C35X
C31X
C32X
C33X
C34X
Style
Cap
Cap
Code
Cap
Tol


Similar Part No. - C317C479G1G5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C317C470J1G5TA7301 KEMET-C317C470J1G5TA7301 Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 47 pF, 5%, 100 V, C0G, Lead Spacing = 5.08mm
C317C470J2G5TA91707303 KEMET-C317C470J2G5TA91707303 Datasheet
65Kb / 1P
   GoldMax 300 Auto C0G, Ceramic, 47 pF, 5%, 200 VDC, C0G, GoldMax, Automotive Grade, Lead Spacing = 5.08mm
C317C470K2G5TA KEMET-C317C470K2G5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm C0G, Ceramic, 47 pF, 10%, 200 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C317C471F1G5TA KEMET-C317C471F1G5TA Datasheet
55Kb / 1P
   Ceramic, GoldMax, 470 pF, 1%, 100 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C317C471K2G5TA KEMET-C317C471K2G5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm C0G, Ceramic, 470 pF, 10%, 200 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
More results

Similar Description - C317C479G1G5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C622C102MDR5TA KEMET-C622C102MDR5TA Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C320C102M1R5TA KEMET-C320C102M1R5TA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052G102J1G5CR KEMET-C052G102J1G5CR_10 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com