Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZM20N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PZM20N
Description  Voltage regulator diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZM20N Datasheet(HTML) 2 Page - NXP Semiconductors

  PZM20N Datasheet HTML 1Page - NXP Semiconductors PZM20N Datasheet HTML 2Page - NXP Semiconductors PZM20N Datasheet HTML 3Page - NXP Semiconductors PZM20N Datasheet HTML 4Page - NXP Semiconductors PZM20N Datasheet HTML 5Page - NXP Semiconductors PZM20N Datasheet HTML 6Page - NXP Semiconductors PZM20N Datasheet HTML 7Page - NXP Semiconductors PZM20N Datasheet HTML 8Page - NXP Semiconductors PZM20N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1999 Jan 28
2
Philips Semiconductors
Product specification
Voltage regulator diodes
PZM-N series
FEATURES
• Total power dissipation:
max. 300 mW
• Small plastic package suitable for
surface mounted design
• Wide working voltage range:
nom. 2.4 to 75 V (E24 range).
APPLICATIONS
• General regulation functions.
DESCRIPTION
Low power general purpose voltage
regulator diode in a SOT346 (SC59)
plastic package, suitable for surface
mounted design.
PINNING
PIN
DESCRIPTION
1
anode
2
not connected
3
cathode
Fig.1 Simplified outline (SOT346; SC59) and symbol.
handbook, halfpage
MAM378
Top view
2
1
3
2
n.c.
1
3
MARKING
TYPE
NUMBER
MARKING CODE
TYPE
NUMBER
MARKING CODE
B
B1
B2
B3
B
B1
B2
B3
PZM2.4N
2V4
−−−
PZM15N
15V
151
152
153
PZM2.7N
2V7
271
272
PZM16N
16V
161
162
163
PZM3.0N
3V0
301
302
PZM18N
18V
181
182
183
PZM3.3N
3V3
331
332
PZM20N
20V
201
202
203
PZM3.6N
3V6
361
362
PZM22N
22V
221
222
223
PZM3.9N
3V9
391
392
PZM24N
24V
241
242
243
PZM4.3N
4V3
431
432
433
PZM27N
27V
−−−
PZM4.7N
4V7
471
472
473
PZM30N
30V
−−−
PZM5.1N
5V1
511
512
513
PZM33N
33V
−−−
PZM5.6N
5V6
561
562
563
PZM36N
36V
−−−
PZM6.2N
6V2
621
622
623
PZM39N
39V
−−−
PZM6.8N
6V8
681
682
683
PZM43N
43V
−−−
PZM7.5N
7V5
751
752
753
PZM47N
47V
−−−
PZM8.2N
8V2
821
822
823
PZM51N
51V
−−−
PZM9.1N
9V1
911
912
913
PZM56N
56V
−−−
PZM10N
10V
101
102
103
PZM62N
62V
−−−
PZM11N
11V
111
112
113
PZM68N
68V
−−−
PZM12N
12V
121
122
123
PZM75N
75V
−−−
PZM13N
13V
131
132
133
−−−−


Similar Part No. - PZM20N

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
PZM20N KEXIN-PZM20N Datasheet
1Mb / 5P
   Zener Diodes
More results

Similar Description - PZM20N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com