Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1632C15112GAC Datasheet(PDF) 2 Page - Kemet Corporation

Part # C1632C15112GAC
Description  CERAMIC CAPACITOR ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1632C15112GAC Datasheet(HTML) 2 Page - Kemet Corporation

  C1632C15112GAC Datasheet HTML 1Page - Kemet Corporation C1632C15112GAC Datasheet HTML 2Page - Kemet Corporation C1632C15112GAC Datasheet HTML 3Page - Kemet Corporation C1632C15112GAC Datasheet HTML 4Page - Kemet Corporation C1632C15112GAC Datasheet HTML 5Page - Kemet Corporation C1632C15112GAC Datasheet HTML 6Page - Kemet Corporation C1632C15112GAC Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CERAMIC CHIP ARRAY
TABLE 2A
C0G DIELECTRIC – CAPACITANCE RANGE
(1) To complete the KEMET part number, insert the alpha code for the tolerance desired.
K = ±10% and M = ±20% – standard tolerance. Contact factory for any special requirements.
(2) To complete the KEMET part number, insert appropriate number for voltage desired:
"5" = 50 volts, "3" = 25 volts, "4" = 16 volts, and "8" = 10 volts.
Capacitance
Values (pF)
KEMET Part Number
Capacitance
Tolerance
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
C1632C100(1)(2)GAC
C1632C120(1)(2)GAC
C1632C150(1)(2)GAC
C1632C180(1)(2)GAC
C1632C220(1)(2)GAC
C1632C270(1)(2)GAC
C1632C330(1)(2)GAC
C1632C390(1)(2)GAC
C1632C470(1)(2)GAC
C1632C560(1)(2)GAC
C1632C680(1)(2)GAC
C1632C820(1)(2)GAC
C1632C101(1)(2)GAC
C1632C121(1)(2)GAC
C1632C151(1)(2)GAC
C1632C181(1)(2)GAC
C1632C221(1)(2)GAC
C1632C271(1)(2)GAC
C1632C331(1)(2)GAC
C1632C391(1)(2)GAC
C1632C471(1)(2)GAC
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
100
120
150
180
220
270
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
16V
25V
50V
100
120
150
180
220
270
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
100
120
150
180
220
270
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
LAND PATTERN DIMENSIONS - CERAMIC CHIP
CAPACITOR ARRAYS - MM
Z
2.80
G
0.40
X
0.52
Y(ref)
1.20
C(ref)
1.60
Reflow Solder
Calculation Formula
Z = Lmin + 2Jt + Tt
G = Smax - 2Jh -Th
X = Wmin + 2Js + Ts
Tt, Th, Ts = Combined
tolerances
3216
Dimension
1632 CERAMIC ARRAY
LAND PATTERN LAYOUT
G
8 Places
X
P
Z
Y
6 Places
C
Additional pad dimension information is available in
KEMET Technical Bulletin F-2100.
TABLE 2B
X7R DIELECTRIC – CAPACITANCE RANGE
(1) To complete the KEMET part number, insert the alpha code for the tolerance desired:
K = ±10% and M = ±20% – standard tolerances. Contact factory for any special requirements.
(2) To complete the KEMET part number, insert appropriate number for voltage desired:
"5" = 50 volts, "3" = 25 volts, "4" = 16 volts, and "8" = 10 volts.
Capacitance
Values (pF)
KEMET Part Number
Capacitance
Tolerance
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10,000
12,000
15,000
18,000
22,000
27,000
33,000
39,000
47,000
56,000
68,000
82,000
100,000
C1632C331(1)(2)RAC
C1632C391(1)(2)RAC
C1632C471(1)(2)RAC
C1632C561(1)(2)RAC
C1632C681(1)(2)RAC
C1632C821(1)(2)RAC
C1632C102(1)(2)RAC
C1632C122(1)(2)RAC
C1632C152(1)(2)RAC
C1632C182(1)(2)RAC
C1632C222(1)(2)RAC
C1632C272(1)(2)RAC
C1632C332(1)(2)RAC
C1632C392(1)(2)RAC
C1632C472(1)(2)RAC
C1632C562(1)(2)RAC
C1632C682(1)(2)RAC
C1632C822(1)(2)RAC
C1632C103(1)(2)RAC
C1632C123(1)(2)RAC
C1632C153(1)(2)RAC
C1632C183(1)(2)RAC
C1632C223(1)(2)RAC
C1632C273(1)(2)RAC
C1632C333(1)(2)RAC
C1632C393(1)(2)RAC
C1632C473(1)(2)RAC
C1632C563(1)(2)RAC
C1632C683(1)(2)RAC
C1632C823(1)(2)RAC
C1632C104(1)(2)RAC
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
331
391
471
561
681
821
102
122
152
182
222
272
332
392
472
562
682
822
103
123
153
183
223
273
333
393
473
563
683
823
104
16V
25V
50V
331
391
471
561
681
821
102
122
152
182
222
272
332
392
472
562
682
822
103
123
153
183
223
331
391
471
561
681
821
102
122
152
182
222
272
332
392
472
562
682
822
103
123
153
183
223
10V
10V
100V
100
120
150
180
220
270
330
390
470
560
680
820
101
121
151
181
200V
100
120
150
180
220
270
330
390
470
560
680
820
100V
331
391
471
561
200V
331
391
471
561
681
821
102
122
152
182
222
272
332
392
472
P(ref)
0.80
86


Similar Part No. - C1632C15112GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1632C15211RAC KEMET-C1632C15211RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
C1632C152RAC KEMET-C1632C152RAC Datasheet
938Kb / 7P
   Four individual capacitors inside one 1206 monolithic structure
C1632C15311RAC KEMET-C1632C15311RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
C1632C153RAC KEMET-C1632C153RAC Datasheet
938Kb / 7P
   Four individual capacitors inside one 1206 monolithic structure
More results

Similar Description - C1632C15112GAC

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
W2A43C106MAT2A AVX-W2A43C106MAT2A Datasheet
287Kb / 7P
   Capacitor Array(IPC)
W2A4ZC104KAT2A AVX-W2A4ZC104KAT2A Datasheet
283Kb / 6P
   Capacitor Array (IPC)
W3A4YC104K4T2A AVX-W3A4YC104K4T2A_17 Datasheet
164Kb / 3P
   Capacitor Array (IPC)
logo
Murata Manufacturing Co...
NFA31CC220S1E4D MURATA-NFA31CC220S1E4D Datasheet
62Kb / 2P
   EMIFILr (Capacitor type) Array
NFA31CC222R1E4D MURATA-NFA31CC222R1E4D Datasheet
62Kb / 2P
   EMIFIL (Capacitor type) Array
logo
Panasonic Semiconductor
EZANCE101M PANASONIC-EZANCE101M Datasheet
246Kb / 6P
   Chip 3-Terminal Capacitor Array
logo
Vishay Siliconix
CRCA12E VISHAY-CRCA12E Datasheet
141Kb / 3P
   Thick Film Array, Resistor/Capacitor
Revision: 15-Jan-07
logo
Panasonic Semiconductor
EZA-NCE221M PANASONIC-EZA-NCE221M Datasheet
244Kb / 7P
   Chip 3-Terminal Capacitor Array
logo
Kemet Corporation
C322C152K5R5TA KEMET-C322C152K5R5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
C052H104K5G5GAT500 KEMET-C052H104K5G5GAT500 Datasheet
53Kb / 1P
   Capacitor, ceramic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com