Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1206F152K1RAC Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1206F152K1RAC
Description  CERAMIC OPEN MODE CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206F152K1RAC Datasheet(HTML) 1 Page - Kemet Corporation

  C1206F152K1RAC Datasheet HTML 1Page - Kemet Corporation C1206F152K1RAC Datasheet HTML 2Page - Kemet Corporation C1206F152K1RAC Datasheet HTML 3Page - Kemet Corporation C1206F152K1RAC Datasheet HTML 4Page - Kemet Corporation C1206F152K1RAC Datasheet HTML 5Page - Kemet Corporation C1206F152K1RAC Datasheet HTML 6Page - Kemet Corporation C1206F152K1RAC Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CERAMIC OPEN MODE CAPACITORS
Applications:
Markets:
• Input side filtering (power plane/bus)
• Automotive
• High current applications (battery line)
-
All applications connected directly to the battery
• Circuits that cannot be fused to open when
-
Conversion to 42V power system
• Power Conversion
-
Raw power input side filtering
short circuits occur due to flex cracks
Metric
EIA Size
Size Code
Code
L - Length
W - Width
B - Bandwidth
Separation
2012
0805
2.00 (.079) ± .20 (.008) 1.25 (.049) ± .20 (.008)
0.50 (.02) ± .25 (.010)
0.75 (.030)
3216
1206
3.20 (.126) ± .20 (.008) 1.60 (.063) ± .20 (.008)
0.50 (.02) ± .25 (.010)
N/A
3225
1210
3.20 (.126) ± .20 (.008) 2.50 (.098) ± .20 (.008)
0.50 (.02) ± .25 (.010)
N/A
Note: For thickness dimensions, see Table 2.
C
1812
F
105
K
1
R
A
C
Style
C - Ceramic
Size Code
0805, 1206, 1210, 1812
Specification
F - Open-Mode
Capacitance Code, pF
First two digits represent significant figures.
Third digit specifies number of zeros. 100 pF = 101.
(Use “9” for 1.0 through 9.9 pF)
(Use “8” for 0.1 through .99 pF)
Capacitance Tolerance
K = ±10%
M = ±20%
Voltage
2 = 200V
5 = 50V
1 = 100V
3 = 25V
4 = 16V
Temperature Characteristic
Designated by Capacitance
Change over Temperature Range
R – X7R (±15%) (-55°C +125°C)
End Metallization
C = Standard
Failure Rate Level
A = Not Applicable
The open-mode dimension (OM)
exceeds the termination bandwidth
dimensions: OM >BW
FEATURES
OUTLINE DRAWING
TABLE 1 - DIMENSIONS - MILLIMETERS (INCHES)
CAPACITOR ORDERING INFORMATION
OPEN-MODE INTERNAL DESIGN
KEMET’s Open Mode Ceramic Surface Mount Capacitor is designed to significantly minimize the probability
of a low IR or Short Circuit Condition when forced to failure in a board flex situation. This reduces the poten-
tial for causing catastrophic failures. This product is RoHS Compliant.
Metric
Size Code
EIA Size
Code
L - Length
W - Width
B - Bandwidth
Separation
2012
0805
2.0 (.079) ± .20 (.008)
1.25 (.049) ± 0.2 (.008)
0.50 (.02) ± .25 (.010)
0.75 (.030)
3216
1206
3.2 (.126) ± .20 (.008)
1.6 (.063) ± 0.2 (.008)
0.50 (.02) ± .25 (.010)
N/A
3225
1210
3.2 (.126) ± .20 (.008)
2.5 (.098) ± 0.2 (.008)
0.50 (.02) ± .25 (.010)
N/A
4532
1812
4.5 (.177) ± 0.3 (.012)
3.2 (.126) ± 0.3 (.012)
0.60 (.024) ± .35 (.014)
N/A
W
L
T
B
S
TIN PLATE
NICKEL PLATE
CONDUCTIVE
METALLIZATION
ELECTRODES
79


Similar Part No. - C1206F152K1RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206F104K1RAC KEMET-C1206F104K1RAC Datasheet
125Kb / 4P
   Ceramic Capacitor
C1206F104K1RACAUTO KEMET-C1206F104K1RACAUTO Datasheet
72Kb / 1P
   Ceramic, Open Mode, AUTO-OpenMode-(CxxxxF-AUTO), 0.1 uF, 10%, 100 V, 1206, X7R, SMD, MLCC, Open Mode, Automotive Grade
C1206F104K1RACTU KEMET-C1206F104K1RACTU Datasheet
71Kb / 1P
   Ceramic, Open Mode, OpenMode-(CxxxxF), 0.1 uF, 10%, 100 V, 1206, X7R, SMD, MLCC, Open Mode, Temperature Stable
C1206F104K2RACAUTO KEMET-C1206F104K2RACAUTO Datasheet
59Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 0.1 uF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 1206
C1206F104K2RACTU KEMET-C1206F104K2RACTU Datasheet
59Kb / 1P
   SMD Comm X7R FO, Ceramic, Open Mode, 0.1 uF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Temperature Stable, 1206
More results

Similar Description - C1206F152K1RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812F105K1RAC KEMET-C1812F105K1RAC Datasheet
473Kb / 2P
   CERAMIC OPEN MODE CAPACITORS
logo
MERITEK ELECTRONICS COR...
OP0805XR101K500 MERITEK-OP0805XR101K500 Datasheet
117Kb / 1P
   Multilayer Ceramic Capacitors OPEN-MODE DESIGN
logo
Exxelia Group
OPSERIES EXXELIA-OPSERIES Datasheet
616Kb / 16P
   Open Mode Chips Capacitors
02/21
logo
Kemet Corporation
C0805F473M1RAC KEMET-C0805F473M1RAC Datasheet
95Kb / 2P
   Open Mode Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C0805F224M3RAC KEMET-C0805F224M3RAC Datasheet
196Kb / 2P
   Surface Mount Ceramic Chip Capacitors - Open Mode - X7R - Capacitance Extensions
logo
TDK Electronics
C5750X7R1C226KT5XXX TDK-C5750X7R1C226KT5XXX Datasheet
295Kb / 2P
   Open Mode Capacitor
logo
Kemet Corporation
C0805F104K5RACTU KEMET-C0805F104K5RACTU Datasheet
71Kb / 1P
   Ceramic, Open Mode, OpenMode-(CxxxxF), 0.1 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Open Mode, Temperature Stable
C1210F474K1RACTU KEMET-C1210F474K1RACTU Datasheet
71Kb / 1P
   Ceramic, Open Mode, OpenMode-(CxxxxF), 0.47 uF, 10%, 100 V, 1210, X7R, SMD, MLCC, Open Mode, Temperature Stable
C1206J154K1RACTU KEMET-C1206J154K1RACTU Datasheet
72Kb / 1P
   Ceramic, Open Mode, OpenModeFlexTerm-(CxxxxJ), 0.15 uF, 10%, 100 V, 1206, X7R, SMD, MLCC, Open Mode, Temperature Stable
C1210F105K5RACTU KEMET-C1210F105K5RACTU Datasheet
71Kb / 1P
   Ceramic, Open Mode, OpenMode-(CxxxxF), 1 uF, 10%, 50 V, 1210, X7R, SMD, MLCC, Open Mode, Temperature Stable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com