Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1632C27212RAC Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1632C27212RAC
Description  CERAMIC CAPACITOR ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1632C27212RAC Datasheet(HTML) 1 Page - Kemet Corporation

  C1632C27212RAC Datasheet HTML 1Page - Kemet Corporation C1632C27212RAC Datasheet HTML 2Page - Kemet Corporation C1632C27212RAC Datasheet HTML 3Page - Kemet Corporation C1632C27212RAC Datasheet HTML 4Page - Kemet Corporation C1632C27212RAC Datasheet HTML 5Page - Kemet Corporation C1632C27212RAC Datasheet HTML 6Page - Kemet Corporation C1632C27212RAC Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CERAMIC CAPACITOR ARRAY
Four individual capacitors inside
one 1206 monolithic structure
Saves board and inventory space
One placement instead of four - less costly
Easier to handle and solder than 4 smaller chips
Tape and reel per EIA 481-1
RoHS Compliant
FEATURES
W
BW
P/2
Ref
P
L
CL
BW1
T
CAPACITOR OUTLINE DRAWING
TABLE 1
EIA DIMENSIONS – MILLIMETERS (INCHES)
1632
3.2 (0.126)
± 0.2 (0.008)
1.6 (.063)
± 0.2 (.008)
0.7 - 1.35
(0.027 - 0.053)
0.40 (0.016)
± 0.2 (0.008)
0.1 - 0.5
(0.004 - 0.020)
Size
Code
Length
L
Width
W
Thickness
T (max.)
Bandwidth
BW
Bandwidth
BW1
0.8 (0.031)
± 0.1 (0.004)
Pitch
P
Notes:
1. Metric is controlling - English for reference only.
2. Pitch (P) tolerances are non-cumulative along the package.
3. Thickness (T) depends on capacitance.
END METALLIZATION
Expressed in Picofarads (pF)
First two digits represent significant figures.
Third digit specifies number of zeros. (Use 9
for 1.0 thru 9.9pF. (Example: 2.2pF = 229
CERAMIC
EIA SIZE CODE
SPECIFICATION
CAPACITANCE CODE
VOLTAGE
C - Standard
CAPACITANCE TOLERANCE
K – ±10%: M – ±20% Standard Tolerances
Contact factory for any special requirements.
C-Standard
(Tin-plated nickel barrier)
5 = 50v; 3 = 25v; 4 = 16v; 8=10v
C
1632
C
103
K
5
R
C
FAILURE RATE LEVEL
A
A- Not Applicable
TEMPERATURE CHARACTERISTIC
Designated by Capacitance
Change Over Temperature Range
G – C0G (NP0) (±30 PPM/°C)
R – X7R (±15%)
Ceramic chip array
CERAMIC ARRAY ORDERING INFORMATION
85


Similar Part No. - C1632C27212RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1632C27211RAC KEMET-C1632C27211RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
More results

Similar Description - C1632C27212RAC

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
W2A43C106MAT2A AVX-W2A43C106MAT2A Datasheet
287Kb / 7P
   Capacitor Array(IPC)
W2A4ZC104KAT2A AVX-W2A4ZC104KAT2A Datasheet
283Kb / 6P
   Capacitor Array (IPC)
W3A4YC104K4T2A AVX-W3A4YC104K4T2A_17 Datasheet
164Kb / 3P
   Capacitor Array (IPC)
logo
Murata Manufacturing Co...
NFA31CC220S1E4D MURATA-NFA31CC220S1E4D Datasheet
62Kb / 2P
   EMIFILr (Capacitor type) Array
NFA31CC222R1E4D MURATA-NFA31CC222R1E4D Datasheet
62Kb / 2P
   EMIFIL (Capacitor type) Array
logo
Panasonic Semiconductor
EZANCE101M PANASONIC-EZANCE101M Datasheet
246Kb / 6P
   Chip 3-Terminal Capacitor Array
logo
Vishay Siliconix
CRCA12E VISHAY-CRCA12E Datasheet
141Kb / 3P
   Thick Film Array, Resistor/Capacitor
Revision: 15-Jan-07
logo
Panasonic Semiconductor
EZA-NCE221M PANASONIC-EZA-NCE221M Datasheet
244Kb / 7P
   Chip 3-Terminal Capacitor Array
logo
Kemet Corporation
C322C152K5R5TA KEMET-C322C152K5R5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
C052H104K5G5GAT500 KEMET-C052H104K5G5GAT500 Datasheet
53Kb / 1P
   Capacitor, ceramic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com