Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95130M Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB95130M
Description  8-bit Proprietary Microcontrollers
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95130M Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB95130M Datasheet HTML 5Page - Fujitsu Component Limited. MB95130M Datasheet HTML 6Page - Fujitsu Component Limited. MB95130M Datasheet HTML 7Page - Fujitsu Component Limited. MB95130M Datasheet HTML 8Page - Fujitsu Component Limited. MB95130M Datasheet HTML 9Page - Fujitsu Component Limited. MB95130M Datasheet HTML 10Page - Fujitsu Component Limited. MB95130M Datasheet HTML 11Page - Fujitsu Component Limited. MB95130M Datasheet HTML 12Page - Fujitsu Component Limited. MB95130M Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
MB95130M Series
9
■ PIN DESCRIPTION
(Continued)
Pin no.
Pin name
I/O
circuit
type*
Function
1
P16
H
General-purpose I/O port
2PF0
K
General-purpose I/O port for large current
3PF1
4
MOD
B
Operating mode designation pin
5X0
A
Main clock oscillation input pin
6
X1
Main clock oscillation input/output pin
7VSS
Power supply pin (GND)
8VCC
Power supply pin
9C
Capacity connection pin
10
PG2/X1A
H/A
Single clock product is general-purpose port (PG2) .
Dual clock product is sub clock input/output oscillation pin (32 kHz) .
11
PG1/X0A
Single clock product is general-purpose port (PG1) .
Dual clock product is sub clock input oscillation pin (32 kHz) .
12
RST
B’
Reset pin
13
AVCC
A/D converter power supply pin
14
AVSS
A/D converter power supply pin (GND)
15
P00/INT00/
AN00/PPG00
D
General-purpose I/O port
Shared with external interrupt input (INT00), A/D converter analog
input (AN00) and 8/16-bit PPG ch.0 output (PPG00).
16
P01/INT01/
AN01/PPG01
General-purpose I/O port
Shared with external interrupt input (INT01), A/D converter analog
input (AN01) and 8/16-bit PPG ch.0 output (PPG01).
17
P02/INT02/
AN02/SCK
General-purpose I/O port
Shared with external interrupt input (INT02), A/D converter analog
input (AN02) and LIN-UART clock I/O (SCK).
18
P03/INT03/
AN03/SOT
General-purpose I/O port
Shared with external interrupt input (INT03), A/D converter analog
input (AN03) and LIN-UART data output (SOT).
19
P04/INT04/
AN04/SIN
E
General-purpose I/O port
Shared with external interrupt input (INT04), A/D converter analog
input (AN04) and LIN-UART data input (SIN).
20
P05/INT05/
AN05/TO00
D
General-purpose I/O port
Shared with external interrupt input (INT05 & INT06), A/D converter
analog input (AN05 & AN06) and 8/16-bit compound timer ch.0 out-
put (TO00 & TO01).
21
P06/INT06/
AN06/TO01
22
P07/INT07/
AN07
General-purpose I/O port
Shared with external interrupt input (INT07) and A/D converter
analog input (AN07).


Similar Part No. - MB95130M

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results

Similar Description - MB95130M

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
MB95110B FUJITSU-MB95110B_1 Datasheet
853Kb / 68P
   8-bit Proprietary Microcontrollers
MB89583B FUJITSU-MB89583B Datasheet
600Kb / 42P
   8-bit Proprietary Microcontrollers
MICONDUCTOR FUJITSU-MICONDUCTOR Datasheet
516Kb / 37P
   8-bit Proprietary Microcontrollers
MB89580B FUJITSU-MB89580B Datasheet
403Kb / 37P
   8-bit Proprietary Microcontrollers
MB89890 FUJITSU-MB89890 Datasheet
425Kb / 45P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com