Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT574TQCT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT574TQCT
Description  8-BIT REGISTERS WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT574TQCT Datasheet(HTML) 1 Page - Texas Instruments

  CY74FCT574TQCT Datasheet HTML 1Page - Texas Instruments CY74FCT574TQCT Datasheet HTML 2Page - Texas Instruments CY74FCT574TQCT Datasheet HTML 3Page - Texas Instruments CY74FCT574TQCT Datasheet HTML 4Page - Texas Instruments CY74FCT574TQCT Datasheet HTML 5Page - Texas Instruments CY74FCT574TQCT Datasheet HTML 6Page - Texas Instruments CY74FCT574TQCT Datasheet HTML 7Page - Texas Instruments CY74FCT574TQCT Datasheet HTML 8Page - Texas Instruments CY74FCT574TQCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CY54FCT374T, CY74FCT374T
8-BIT REGISTERS
WITH 3-STATE OUTPUTS
SCCS022A – MAY 1994 – REVISED OCTOBER 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Function, Pinout, and Drive Compatible
With FCT and F Logic
D Reduced VOH (Typically = 3.3 V) Versions
of Equivalent FCT Functions
D Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
D Ioff Supports Partial-Power-Down Mode
Operation
D Matched Rise and Fall Times
D Fully Compatible With TTL Input and
Output Logic Levels
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
D Edge-Triggered D-Type Inputs
D 250-MHz Typical Switching Rate
D CY54FCT374T
– 32-mA Output Sink Current
– 12-mA Output Source Current
D CY74FCT374T
– 64-mA Output Sink Current
– 32-mA Output Source Current
D 3-State Outputs
description
The ’FCT374T devices are high-speed, low-power, octal D-type flip-flops, featuring separate D-type inputs for
each flip-flop. These devices have 3-state outputs for bus-oriented applications. A buffered clock (CP) and
output-enable (OE) inputs are common to all flip-flops. The eight flip-flops in the ’FCT374T store the state of
their individual D inputs that meet the setup-time and hold-time requirements on the low-to-high CP transition.
When OE is low, the contents of the eight flip-flops are available at the outputs. When OE is high, the outputs
are in the high-impedance state. The state of OE does not affect the state of the flip-flops.
These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the device when it is powered down.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
CY54FCT374T ...D PACKAGE
CY74FCT374T ...P, Q, OR SO PACKAGE
(TOP VIEW)
CY54FCT374T ...L PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
O0
D0
D1
O1
O2
D2
D3
O3
GND
VCC
O7
D7
D6
O6
O5
D5
D4
O4
CP
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
D1
O1
O2
D2
D3
D7
D6
O6
O5
D5


Similar Part No. - CY74FCT574TQCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT574TQCT TI-CY74FCT574TQCT Datasheet
320Kb / 14P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
CY74FCT574TQCT TI-CY74FCT574TQCT Datasheet
313Kb / 12P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
CY74FCT574TQCTE4 TI-CY74FCT574TQCTE4 Datasheet
320Kb / 14P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
CY74FCT574TQCTE4 TI-CY74FCT574TQCTE4 Datasheet
313Kb / 12P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
CY74FCT574TQCTG4 TI-CY74FCT574TQCTG4 Datasheet
320Kb / 14P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - CY74FCT574TQCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT374T TI-CY54FCT374T_08 Datasheet
320Kb / 14P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
CY54FCT574T TI-CY54FCT574T Datasheet
313Kb / 12P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV595A RENESAS-HD74LV595A_15 Datasheet
135Kb / 16P
   8-bit Shift Registers with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV595A HITACHI-HD74LV595A Datasheet
82Kb / 19P
   8-bit Shift Registers with 3-state Outputs
logo
Renesas Technology Corp
HD74LV595A RENESAS-HD74LV595A Datasheet
109Kb / 14P
   8-bit Shift Registers with 3-state Outputs
logo
Advanced Micro Devices
AM25LS374A AMD-AM25LS374A Datasheet
313Kb / 5P
   8-Bit Registers with Three-State Outputs
logo
Texas Instruments
SN54ALS299 TI1-SN54ALS299_16 Datasheet
741Kb / 17P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54ALS299 TI-SN54ALS299 Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54F299 TI-SN54F299 Datasheet
108Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54F299 TI-SN54F299_08 Datasheet
519Kb / 13P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com