Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS6S0965R Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FS6S0965R
Description  Power Switch(SPS)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FS6S0965R Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FS6S0965R Datasheet HTML 1Page - Fairchild Semiconductor FS6S0965R Datasheet HTML 2Page - Fairchild Semiconductor FS6S0965R Datasheet HTML 3Page - Fairchild Semiconductor FS6S0965R Datasheet HTML 4Page - Fairchild Semiconductor FS6S0965R Datasheet HTML 5Page - Fairchild Semiconductor FS6S0965R Datasheet HTML 6Page - Fairchild Semiconductor FS6S0965R Datasheet HTML 7Page - Fairchild Semiconductor FS6S0965R Datasheet HTML 8Page - Fairchild Semiconductor FS6S0965R Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
FS6S-SERIES FS6S0965R/FS6S0965RT/FS6S1265R/FS6S15658R
4
Electrical Characteristics (SFET Part)
(Ta = 25
°C unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
FS6S0965RT/FS6S0965R
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=50
µA
650
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=Max., Rating, VGS=0V
-
-
200
µA
VDS=0.8Max., Rating,
VGS=0V, TC=125
°C
-
-
300
µA
Static Drain-Source On Resistance (1)
RDS(on)
VGS=10V, ID=4.5A
-
1.1
1.2
Forward transconductance(1)
gfs
VDS=50V, ID=4.5A
-
-
-
S
Input capacitance
Ciss
VGS=0V, VDS=25V,
f = 1MHz
-
1300
-
pF
Output capacitance
Coss
-
135
-
Reverse transfer capacitance
Crss
-
25
-
Turn on delay time
td(on)
VDD=0.5BVDSS, ID=9.0A
(MOSFET switching
time are essentially
independent of
operating temperature)
-25
-
nS
Rise time
tr
-
75
-
Turn off delay time
td(off)
-
130
-
Fall time
tf
-
70
-
Total gate charge
(gate-source+gate-drain)
Qg
VGS=10V, ID=9.0A,
VDS=0.5BVDSS(MOSFET
Switching time are
Essentially independent of
Operating temperature)
-45
-
nC
Gate-source charge
Qgs
-
8
-
Gate-drain (Miller) charge
Qgd
-
22
-
FS6S1265R
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=50
µA
650
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=Max., Rating, VGS=0V
-
-
200
µA
VDS=0.8Max., Rating,
VGS=0V, TC=125
°C
-
-
300
µA
Static Drain-Source On Resistance (1)
RDS(on)
VGS=10V, ID=4.5A
-
0.7
0.9
Forward transconductance(1)
gfs
VDS=50V, ID=4.5A
-
-
-
S
Input capacitance
Ciss
VGS=0V, VDS=25V,
f = 1MHz
-
1820
-
pF
Output capacitance
Coss
-
185
-
Reverse transfer capacitance
Crss
-
32
-
Turn on delay time
td(on)
VDD=0.5BVDSS, ID=12.0A
(MOSFET switching
time are essentially
independent of
operating temperature)
-38
-
nS
Rise time
tr
-
120
-
Turn off delay time
td(off)
-
200
-
Fall time
tf
-
100
-
Total gate charge
(gate-source+gate-drain)
Qg
VGS=10V, ID=12.0A,
VDS=0.5BVDSS(MOSFET
Switching time are
Essentially independent of
Operating temperature)
-60
-
nC
Gate-source charge
Qgs
-
10
-
Gate-drain (Miller) charge
Qgd
-
30
-


Similar Part No. - FS6S0965R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FS6S0965RC FAIRCHILD-FS6S0965RC Datasheet
135Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965RC-TU FAIRCHILD-FS6S0965RC-TU Datasheet
135Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965RC-YDTU FAIRCHILD-FS6S0965RC-YDTU Datasheet
135Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
FS6S0965RCBTU FAIRCHILD-FS6S0965RCBTU Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
More results

Similar Description - FS6S0965R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5M0765RQC FAIRCHILD-KA5M0765RQC Datasheet
755Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0680B FAIRCHILD-KA2S0680B Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0880B FAIRCHILD-KA2S0880B Datasheet
85Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0765R FAIRCHILD-KA3S0765R Datasheet
120Kb / 14P
   Fairchild Power Switch(SPS)
KA1L0380B FAIRCHILD-KA1L0380B Datasheet
75Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965RC FAIRCHILD-FS6S0965RC Datasheet
135Kb / 12P
   Fairchild Power Switch(SPS)
KA2S1265 FAIRCHILD-KA2S1265 Datasheet
86Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0880RB FAIRCHILD-KA3S0880RB Datasheet
100Kb / 14P
   Fairchild Power Switch(SPS)
KA5M0965Q FAIRCHILD-KA5M0965Q Datasheet
636Kb / 14P
   Fairchild Power Switch(SPS)
KA2S0965 FAIRCHILD-KA2S0965 Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com