Electronic Components Datasheet Search |
|
C062C829G1G5TA Datasheet(PDF) 3 Page - Kemet Corporation |
|
C062C829G1G5TA Datasheet(HTML) 3 Page - Kemet Corporation |
3 / 10 page CERAMIC MOLDED/AXIAL & RADIAL - STANDARD © KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 22 K 102 052 C 5 C A R 2 C CERAMIC *CASE SIZE (See Table Below) SPECIFICATION Standard C — Standard CAPACITANCE In picofarad code: First two digits are significant figures and third is number of zeroes following (except 9 indicates division by 10). Examples: 0.1 F = 100,000 pF = 104 and 9.1 pF = 919. See tables for Standard Values. FAILURE RATE INTERNAL CONSTRUCTION CAPACITANCE TOLERANCE Standard M — ±20% K — ±10% J — ±5% A — Not Applicable (Std.) LEAD MATERIAL C — Standard 5 — Standard WORKING VOLTAGE 1 — 100 2 — 200 5 — 50 Others H — ±3% G — ±2% F — ±1% D — ±.5 pF TEMPERATURE CHARACTERISTIC Cap. Change With Temp. Measured Without KEMET EIA Temp. DC Bias Designator Equivalent Range, °C Voltage G C0G -55 to ±30 (Ultra (NPO) +125 ppm/ °C Stable) R X7R -55 to ±15% (Stable) +125 Standard tolerances for each Series are shown in the repetitive parts lists. *CASE SIZES RADIAL AXIAL C052 C114 C062 C124 C512 C192 C522 C202 C222 ** **Part Number Example: C052C102K2R5CA (14 digits – no spaces) ORDERING INFORMATION AXIAL CAPACITOR MARKING STANDARD C114C, C124C, C192C, C202C & C222C KC0G 101J 200V 0512 KEMET, Temperature Characteristic Capacitance, Capacitance Tolerance Voltage Date Code RADIAL CAPACITOR MARKING C052C & C062C STANDARD MARKING 100V K 0511 Voltage KEMET Date Code BACK C062 X7R 104K FRONT Style Temperature Characteristic Capacitance, Capacitance Tolerance C512 & C522 STANDARD MARKING KEMET C512X7R 105K 50V 0532 KEMET SIZE and Temperature Characteristic Capacitance, Capacitance Tolerance, Voltage Date Code T — 100% Tin plated (C052, C062 only) |
Similar Part No. - C062C829G1G5TA |
|
Similar Description - C062C829G1G5TA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |