Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMB1505 Datasheet(PDF) 1 Page - Dc Components

Part # MMB1505
Description  TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

MMB1505 Datasheet(HTML) 1 Page - Dc Components

  MMB1505 Datasheet HTML 1Page - Dc Components MMB1505 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
* Diffused Junction
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts
CURRENT - 15 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MMB1505
THRU
MMB1510
MMB-25
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
FEATURES
* Surge overload ratings - 300 Amperes
* Case: Metal case, electrically isolated
MECHANICAL DATA
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: Plated .25"(6.35mm) Faston lugs, Solderable per
MIL-STD-202E, Method 208 guaranteed
* Polarity: As marked
* Mounting position: Any
* Weight: 25 grams approx.
Dimensions in inches and (millimeters)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
SYMBOL
VRRM
VDC
IO
IFSM
VRMS
Volts
Volts
Amps
15
300
UNITS
Maximum Average Forward Rectified Output Current at Tc = 55
oC
50
200
400
100
600
800
1000
35
140
280
70
420
560
700
50
200
400
100
600
800
1000
Volts
Amps
DC Blocking Voltage per element
VF
IR
1.1
500
µAmps
Maximum DC Reverse Current at Rated
Maximum Forward Voltage Drop per element at 7.5A DC
Volts
10
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
0 C
NOTES : 1.Measured at 1 MHZ and applied reverse voltage of 4.0 volts
2.Thermal Resistance from Junction to Ambient and from Junction to Lead mounted on P.C.B. with 0.47 x 0.47" (12 x 12mm) copper pads.
I2t Rating for Fusing (t<8.3ms)
I2t
374
A2Sec
Typical Junction Capacitance (Note1)
CJ
40
pF
Typical Thermal Resistance (Note 2)
R
θJA
19
0
C/W
MMB1505 MMB151 MMB152 MMB154 MMB156 MMB158 MMB1510
@TA = 25
oC
@TA = 100
oC
* Metal case for Maximum Heat Dissipation
* Low forward voltage drop
* High Reliability
* High current capability
.480(12.2)
.425(10.8)
.673(17.1)
.633(16.1)
.732(18.6)
.692(17.6)
.673(17.1)
.633(16.1)
1.181(30.0)
1.102(28.0)
TYP.
AC
AC
1.181(30.0)
1.102(28.0)
.582(14.8)
.543(13.8)
.033 x .250
(0.8 x 6.4)
HOLE FOR
NO. 8 SCREW
.310(7.9)
.290(7.4)
.500
(12.7)


Similar Part No. - MMB1505

ManufacturerPart #DatasheetDescription
logo
Dc Components
MMB1505W DCCOM-MMB1505W Datasheet
267Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - MMB1505

ManufacturerPart #DatasheetDescription
logo
Dc Components
KBH2A DCCOM-KBH2A Datasheet
356Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC6005 DCCOM-KBPC6005 Datasheet
439Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR3505L DCCOM-BR3505L Datasheet
186Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR1505 DCCOM-MBR1505 Datasheet
288Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR2505W DCCOM-MBR2505W Datasheet
263Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR2505 DCCOM-BR2505 Datasheet
433Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR5005 DCCOM-BR5005 Datasheet
430Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
DB151 DCCOM-DB151 Datasheet
377Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBK25A DCCOM-KBK25A Datasheet
453Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBU10A DCCOM-KBU10A Datasheet
392Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR1505L DCCOM-BR1505L Datasheet
186Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com