Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A700D686M008ATE018 Datasheet(PDF) 8 Page - Kemet Corporation

Part # A700D686M008ATE018
Description  ALUMINUM ORGANIC CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A700D686M008ATE018 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button A700D686M008ATE018 Datasheet HTML 4Page - Kemet Corporation A700D686M008ATE018 Datasheet HTML 5Page - Kemet Corporation A700D686M008ATE018 Datasheet HTML 6Page - Kemet Corporation A700D686M008ATE018 Datasheet HTML 7Page - Kemet Corporation A700D686M008ATE018 Datasheet HTML 8Page - Kemet Corporation A700D686M008ATE018 Datasheet HTML 9Page - Kemet Corporation A700D686M008ATE018 Datasheet HTML 10Page - Kemet Corporation A700D686M008ATE018 Datasheet HTML 11Page - Kemet Corporation A700D686M008ATE018 Datasheet HTML 12Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
ALUMINUM ORGANIC CAPACITORS
A700 Series
A700 RATINGS & PART NUMBER REFERENCE
65
KEMET Part Number
Case Size
Cap
µF
DCL
@VR
DF @
120 Hz
ESR
100 kHz
(mΩ)
Ripple Current
(Arms) @ 100kHz
w/ΔT=+20°C
@
-55°C to 125°C
A700V107M002ATE018
V/7343-20
100.0
12.0 µA
6%
18
3.9
A700V107M002ATE025
V/7343-20
100.0
12.0 µA
6%
25
3.3
A700V107M002ATE028
V/7343-20
100.0
12.0 µA
6%
28
3.1
A700V127M002ATE018
V/7343-20
120.0
14.4 µA
6%
18
3.9
A700V127M002ATE025
V/7343-20
120.0
14.4 µA
6%
25
3.3
A700V127M002ATE028
V/7343-20
120.0
14.4 µA
6%
28
3.1
A700V157M002ATE009
V/7343-20
150.0
18.0 µA
6%
9
5.4
A700V157M002ATE018
V/7343-20
150.0
18.0 µA
6%
18
3.9
A700V157M002ATE025
V/7343-20
150.0
18.0 µA
6%
25
3.3
A700V157M002ATE028
V/7343-20
150.0
18.0 µA
6%
28
3.1
A700D187M002ATE015
D/7343-31
180.0
21.6 µA
6%
15
4.1
A700D187M002ATE018
D/7343-31
180.0
21.6 µA
6%
18
3.7
A700V227M002ATE009
V/7343-20
220.0
26.4µA
6%
9
5.5
A700D227M002ATE015
D/7343-31
220.0
26.4 µA
6%
15
4.1
A700D227M002ATE018
D/7343-31
220.0
26.4 µA
6%
18
3.7
A700X277M002ATE010
X/7343-43
270.0
32.4 µA
6%
10
4.7
A700X277M002ATE012
X/7343-43
270.0
32.4µA
6%
12
4.3
A700X277M002ATE015
X/7343-43
270.0
32.4 µA
6%
15
3.9
A700D337M002ATE007
D/7343-31
330.0
39.6µA
6%
7
6.0
A700X337M002ATE010
X/7343-43
330.0
39.6 µA
6%
10
4.7
A700X337M002ATE015
X/7343-43
330.0
39.6 µA
6%
15
3.9
A700X397M002ATE010
X/7343-43
390.0
46.8 µA
6%
10
4.7
A700X397M002ATE015
X/7343-43
390.0
46.8 µA
6%
15
3.9
A700X477M002ATE010
X/7343-43
470.0
56.4 µA
6%
10
4.7
A700X477M002ATE015
X/7343-43
470.0
56.4 µA
6%
15
3.9
A700V826M2R5ATE018
V/7343-20
82.0
12.3 µA
6%
18
3.9
A700V826M2R5ATE025
V/7343-20
82.0
12.3 µA
6%
25
3.3
A700V826M2R5ATE028
V/7343-20
82.0
12.3 µA
6%
28
3.1
A700D157M2R5ATE015
D/7343-31
150.0
22.5 µA
6%
15
4.1
A700D157M2R5ATE018
D/7343-31
150.0
22.5 µA
6%
18
3.7
A700D187M2R5ATE015
D/7343-31
180.0
27.0 µA
6%
15
4.1
A700D187M2R5ATE018
D/7343-31
180.0
27.0 µA
6%
18
3.7
A700X227M2R5ATE010
X/7343-43
220.0
33.0 µA
6%
10
4.7
A700X227M2R5ATE015
X/7343-43
220.0
33.0 µA
6%
15
3.9
A700X337M2R5ATE010
X/7343-43
330.0
49.5 µA
6%
10
4.7
A700X337M2R5ATE015
X/7343-43
330.0
49.5 µA
6%
15
3.9
A700V826M004ATE018
V/7343-20
82.0
19.7 µA
6%
18
3.9
A700V826M004ATE025
V/7343-20
82.0
19.7 µA
6%
25
3.3
A700V826M004ATE028
V/7343-20
82.0
19.7 µA
6%
28
3.1
A700D127M004ATE015
D/7343-31
120.0
28.8 µA
6%
15
4.1
A700D127M004ATE018
D/7343-31
120.0
28.8 µA
6%
18
3.7
A700D157M004ATE015
D/7343-31
150.0
36.0 µA
6%
15
4.1
A700D157M004ATE018
D/7343-31
150.0
36.0 µA
6%
18
3.7
A700D187M004ATE015
D/7343-31
180.0
43.2 µA
6%
15
4.1
A700D187M004ATE018
D/7343-31
180.0
43.2 µA
6%
18
3.7
A700X187M004ATE010
X/7343-43
180.0
43.2 µA
6%
10
4.7
A700X187M004ATE015
X/7343-43
180.0
43.2µA
6%
15
3.9
A700D227M004ATE009
X/7343-43
220.0
52.8 µA
6%
9
5.3
A700X227M004ATE009
X/7343-43
220.0
52.8 µA
6%
9
5.3
A700X227M004ATE010
X/7343-43
220.0
52.8 µA
6%
10
4.7
A700X227M004ATE015
X/7343-43
220.0
52.8 µA
6%
15
3.9
A700X277M004ATE010
X/7343-43
270.0
64.8 µA
6%
10
4.7
A700X277M004ATE015
X/7343-43
270.0
64.8 µA
6%
15
3.9
A700X337M004ATE010
X/7343-43
330.0
79.2 µA
6%
10
4.7
A700X337M004ATE015
X/7343-43
330.0
79.2 µA
6%
15
3.9
2 Volt Rating @ 125°C
2.5 Volt Rating @ 125°C
4 Volt Rating @ 125°C


Similar Part No. - A700D686M008ATE018

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A700D107M006ATE015 KEMET-A700D107M006ATE015 Datasheet
1Mb / 4P
   (Low ESR, Surge Robust) 10 pcs.
A700D157M006ATE010 KEMET-A700D157M006ATE010 Datasheet
79Kb / 1P
   Polymer Aluminum, 125C, A700, 150 uF, 20%, 6.3 V, -55/125C
A700D226M016ATE018 KEMET-A700D226M016ATE018 Datasheet
80Kb / 1P
   Polymer Aluminum, 125C, A700, 22 uF, 20%, 16 V, -55/125C
A700D226M016ATE018 KEMET-A700D226M016ATE018 Datasheet
849Kb / 19P
   A700 Polymer Aluminum, 2 – 35 VDC
7/26/2022
A700D226M016ATE030 KEMET-A700D226M016ATE030 Datasheet
80Kb / 1P
   Polymer Aluminum, 125C, A700, 22 uF, 20%, 16 V, -55/125C
More results

Similar Description - A700D686M008ATE018

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
10SC22M SANYO-10SC22M Datasheet
92Kb / 2P
   Aluminum solid capacitors with Organic semiconductive electrolyte
logo
Vishay Siliconix
94SP VISHAY-94SP Datasheet
52Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 02-Jul-01
94SP VISHAY-94SP_07 Datasheet
118Kb / 4P
   Solid Aluminum Capacitors with Organic Semiconductor Electrolyte
Revision: 15-Jan-07
94SC VISHAY-94SC Datasheet
132Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision: 13-Sep-04
94SA156X0020CBP VISHAY-94SA156X0020CBP Datasheet
50Kb / 2P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 29-Jun-01
logo
AVX Corporation
ML03211R8PAT2A AVX-ML03211R8PAT2A Datasheet
127Kb / 1P
   Organic Passive Components Low ESR Microwave Capacitors
logo
Kemet Corporation
T527I107M004ATE200 KEMET-T527I107M004ATE200 Datasheet
840Kb / 15P
   KEMET Organic Capacitor
T529P226M006AAE200 KEMET-T529P226M006AAE200 Datasheet
861Kb / 15P
   KEMET Organic Capacitor
logo
Figaro Engineering Inc.
TGS823 FIGARO-TGS823 Datasheet
115Kb / 2P
   Organic Solvent Vapors
logo
Renesas Technology Corp
SGAS707 RENESAS-SGAS707 Datasheet
890Kb / 16P
   Industrial Organic Chemical Sensor
October 25, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com