Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6S15658R Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 6S15658R
Description  Power Switch(SPS)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6S15658R Datasheet(HTML) 3 Page - Fairchild Semiconductor

  6S15658R Datasheet HTML 1Page - Fairchild Semiconductor 6S15658R Datasheet HTML 2Page - Fairchild Semiconductor 6S15658R Datasheet HTML 3Page - Fairchild Semiconductor 6S15658R Datasheet HTML 4Page - Fairchild Semiconductor 6S15658R Datasheet HTML 5Page - Fairchild Semiconductor 6S15658R Datasheet HTML 6Page - Fairchild Semiconductor 6S15658R Datasheet HTML 7Page - Fairchild Semiconductor 6S15658R Datasheet HTML 8Page - Fairchild Semiconductor 6S15658R Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
FS6S-SERIES FS6S0965R/FS6S0965RT/FS6S1265R/FS6S15658R
3
Absolute Maximum Ratings (Continued)
(Ta=25
°C, unless otherwise specified)
Notes :
1. Repetitive rating : Pulse width limited by maximum junction temperature
2. L = 10mH, VDD =50V, RG = 27
Ω, starting Tj = 25°C
3. L = 13uH, starting Tj = 25
°C
Characteristic
Symbol
Value
Unit
FS6S15658R
Maximum Drain Voltage
VD,MAX
650
V
Drain-Gate Voltage(RGS=1M
Ω)
VDGR
650
V
Gate-Source(GND) Voltage
VGS
±30
V
Drain Current Pulsed(1)
IDM
60
ADC
Continuous Drain Current (Tc = 25
°C)
ID
15
ADC
Continuous Drain Current (Tc = 100
°C)
ID
12.0
ADC
Single Pulsed Avalanch Current(Energy (2))IAS(EAS)
37(--)
A(mJ)
Maximum Supply Voltage
VCC,MAX
35
V
Input Voltage Range
VFB
-0.3 to VCC
V
VSS
-0.3 to 10
V
Total Power Dissipation
PD (Watt H/S)
280
W
Derating
2.22
W /
°C
Operating Junction Temperature.
TJ
+160
°C
Operating Ambient Temperature.
TA
-25 to +85
°C
Storage Temperature Range.
TSTG
-55 to +150
°C


Similar Description - 6S15658R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5M0765RQC FAIRCHILD-KA5M0765RQC Datasheet
755Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0680B FAIRCHILD-KA2S0680B Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0880B FAIRCHILD-KA2S0880B Datasheet
85Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0765R FAIRCHILD-KA3S0765R Datasheet
120Kb / 14P
   Fairchild Power Switch(SPS)
KA1L0380B FAIRCHILD-KA1L0380B Datasheet
75Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965RC FAIRCHILD-FS6S0965RC Datasheet
135Kb / 12P
   Fairchild Power Switch(SPS)
KA2S1265 FAIRCHILD-KA2S1265 Datasheet
86Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0880RB FAIRCHILD-KA3S0880RB Datasheet
100Kb / 14P
   Fairchild Power Switch(SPS)
KA5M0965Q FAIRCHILD-KA5M0965Q Datasheet
636Kb / 14P
   Fairchild Power Switch(SPS)
KA2S0965 FAIRCHILD-KA2S0965 Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com