Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6S0965R Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 6S0965R
Description  Power Switch(SPS)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6S0965R Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 6S0965R Datasheet HTML 2Page - Fairchild Semiconductor 6S0965R Datasheet HTML 3Page - Fairchild Semiconductor 6S0965R Datasheet HTML 4Page - Fairchild Semiconductor 6S0965R Datasheet HTML 5Page - Fairchild Semiconductor 6S0965R Datasheet HTML 6Page - Fairchild Semiconductor 6S0965R Datasheet HTML 7Page - Fairchild Semiconductor 6S0965R Datasheet HTML 8Page - Fairchild Semiconductor 6S0965R Datasheet HTML 9Page - Fairchild Semiconductor 6S0965R Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
FS6S-SERIES FS6S0965R/FS6S0965RT/FS6S1265R/FS6S15658R
6
Electrical Characteristics (CONTROL Part)
(VCC=16V, Tamb = 25°C unless otherwise specified)
Note:
1. These parameters is the Current Flowing in the Control IC.
2. These parameters, although guaranteed, are not 100% tested in production
3. These parameters, although guaranteed, are tested in EDS(wafer test) process
4. These parameters are indicated Inductor Current.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
UVLO SECTION
Start Threshold Voltage
VSTART
VFB=GND
14
15
16
V
Stop Threshold Voltage
VSTOP
VFB=GND
8
9
10
V
OSCILLATOR SECTION
Initial Frequency
FOSC
-22
25
28
kHz
Voltage Stability
FSTABLE
12V
≤ VCC ≤ 23V
0
1
3%
Temperature Stability (Note2)
∆FOSC
-25
°C ≤ Τa≤ 85°C0
±5
±10
%
Maximum Duty Cycle
DMAX
-92
95
98
%
Minimum Duty Cycle
DMIN
--
-
0
%
FEEDBACK SECTION
Feedback Source Current
IFB
VFB=GND
0.7
0.9
1.1
mA
Shutdown Feedback Voltage
VSD
VFB
≥ 6.9V
6.9
7.5
8.1
V
Shutdown Delay Current
IDELAY
VFB=5V
1.6
2.0
2.4
µA
SYNC. & SOFTSTART SECTION
Softstart Voltage
VSS
VFB=2V
4.7
5.0
5.3
V
Softstart Current
ISS
VSS=0V
0.8
1.0
1.2
mA
Sync High Threshold Voltage(Note3)
VSYNCH
VCC=16V , VFB=5V
-
7.2
-
V
Sync Low Threshold Voltage(Note3)
VSYNCL
VCC=16V , VFB=5V
-
5.8
-
V
BURST MODE SECTION
Burst Mode Low Threshold Voltage
VBURL
VFB=0V
10.4
11.0
11.6
V
Burst Mode High Threshold Voltage
VBURH
VFB=0V
11.4
12.0
12.6
V
Burst Mode Enable Feedback Voltage
VBEN
VCC=10.5V
0.7
1.0
1.3
V
Burst Mode Peak Current Limit(Note4)
IBURPK
VCC=10.5V , VFB=0V
0.6
0.85
1.1
A
Burst Mode Freqency
FBUR
VCC=10.5V , VFB=0V
40
50
60
kHz
CURRENT LIMIT(SELF-PROTECTION)SECTION
Peak Current Limit (Note4)
IOVER
FS6S0965R
5.28
6.0
6.72
A
FS6S1265R
7.04
8.0
8.96
FS6S15658R
7.04
8.0
8.96
PROTECTION SECTION
Over Voltage Protcetion
VOVP
VCC
≥ 27V
27
30
33
V
Over Current Latch voltage(Note3)
VOCL
-0.9
1.0
1.1
V
Thermal Shutdown Tempature(Note2)
TSD
-
140
160
-
°C
TOTAL DEVICE SECTION
Start Up Current
ISTART
VFB=GND, VCC=14V
-
0.1
0.17
mA
Operating Supply Current(Note1)
IOP
VFB=GND, VCC=16V
-10
15
mA
IOP(MIN)
VFB=GND, VCC=12V
IOP(MAX)
VFB=GND, VCC=30V


Similar Description - 6S0965R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5M0765RQC FAIRCHILD-KA5M0765RQC Datasheet
755Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0680B FAIRCHILD-KA2S0680B Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0880B FAIRCHILD-KA2S0880B Datasheet
85Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0765R FAIRCHILD-KA3S0765R Datasheet
120Kb / 14P
   Fairchild Power Switch(SPS)
KA1L0380B FAIRCHILD-KA1L0380B Datasheet
75Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965RC FAIRCHILD-FS6S0965RC Datasheet
135Kb / 12P
   Fairchild Power Switch(SPS)
KA2S1265 FAIRCHILD-KA2S1265 Datasheet
86Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0880RB FAIRCHILD-KA3S0880RB Datasheet
100Kb / 14P
   Fairchild Power Switch(SPS)
KA5M0965Q FAIRCHILD-KA5M0965Q Datasheet
636Kb / 14P
   Fairchild Power Switch(SPS)
KA2S0965 FAIRCHILD-KA2S0965 Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com