Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A700X107M008ATE015 Datasheet(PDF) 3 Page - Kemet Corporation

Part # A700X107M008ATE015
Description  ALUMINUM ORGANIC CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A700X107M008ATE015 Datasheet(HTML) 3 Page - Kemet Corporation

  A700X107M008ATE015 Datasheet HTML 1Page - Kemet Corporation A700X107M008ATE015 Datasheet HTML 2Page - Kemet Corporation A700X107M008ATE015 Datasheet HTML 3Page - Kemet Corporation A700X107M008ATE015 Datasheet HTML 4Page - Kemet Corporation A700X107M008ATE015 Datasheet HTML 5Page - Kemet Corporation A700X107M008ATE015 Datasheet HTML 6Page - Kemet Corporation A700X107M008ATE015 Datasheet HTML 7Page - Kemet Corporation A700X107M008ATE015 Datasheet HTML 8Page - Kemet Corporation A700X107M008ATE015 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
RL - Capacitor Leakage Resistance. Typically it can
be 35 K to 2.5 MOhms depending on voltage -
capacitance. It can exceed 1012 ohms in monolithic
ceramics and in film capacitors.
Rd - The dielectric loss contributed by dielectric
absorption and molecular polarization. It becomes
very significant in high frequency measurements and
applications. Its value varies with frequency.
Cd - The inherent dielectric absorption of the solid
aluminum capacitor.
As frequency increases, Xc continues to decrease
according to its equation. There is unavoidable
inductance as well as resistance in all capacitors,
and at some point in frequency, the reactance ceas-
es to be capacitive and becomes inductive. This fre-
quency is call the self-resonant point.
Figure 4 compares the frequency response of an
AO-CAP to a Tantalum chip. Maximum limits for 100
kHz ESR are listed in the part number tables for
each series.
Figure 4.
9. AC Power Dissipation
Power dissipation is a function of capacitor size and
materials. Maximum power ratings have been estab-
lished for all case sizes to prevent overheating. In
actual use, the capacitor's ability to dissipate the
heat generated at any given power level may be
affected by a variety of circuit factors. These include
board density, pad size, heat sinks and air circulation.
Power capability is determined based on a 20°C tem-
perature rise. A higher temperature rise and therefore
higher power capability is allowable as long as the
ambient temperature plus temperature rise due to rip-
ple current does not exceed the rated temperature of
the part.
Table 3 - AO Capacitor Power Dissipation Ratings
10. Ripple Current/Voltage
Permissible AC ripple voltage and current are related
to equivalent series resistance (ESR) and power dis-
sipation capability.
Permissible ripple current which may be applied
is limited by two criteria:
a. The resulting voltage across the capacitor with the
summation of DC bias and peak voltage of the
AC portion must not exceed the rated voltage of
the capacitor.
b. The negative peak AC voltage, in combination
with bias voltage, if any, must not exceed the per-
missible reverse voltage ratings presented in
Section 5.
Actual power dissipated may be calculated from the
following:
Where:
I = rms ripple current (Amperes)
E = rms ripple voltage (Volts)
P = power (Watts)
Z = impedance at specified frequency (ohms)
R = ESR(Ohms)
Using P max from Table 3, maximum allowable rms
ripple current or voltage may be determined as fol-
lows:
Where:
Imax = Maximum rupple current (ARMS)
Pmax = Maximum Power @ allowable ∆T normally
+20°C
Emax = Maximum ripple voltage (VRMS)
Refer to part number listings for permittable Arms
limits.
Case Code
Maximum Power Dissipation mWatts
@ +25°C with 20° Temperature Rise
KEMET
EIA
V
7343-20
270
D
7343-31
250
X
7343-43
225
P= I2R
Substituting I = E ; P = E2R
Z
Z2
Pmax
ESR
Imax =
Pmax
R
Emax = Z
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
ALUMINUM ORGANIC CAPACITORS
Performance Characteristics
60


Similar Part No. - A700X107M008ATE015

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A700X107M12RATE015 KEMET-A700X107M12RATE015 Datasheet
80Kb / 1P
   Polymer Aluminum, 125C, A700, 100 uF, 20%, 12.5 V, -55/125C
More results

Similar Description - A700X107M008ATE015

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
10SC22M SANYO-10SC22M Datasheet
92Kb / 2P
   Aluminum solid capacitors with Organic semiconductive electrolyte
logo
Vishay Siliconix
94SP VISHAY-94SP Datasheet
52Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 02-Jul-01
94SP VISHAY-94SP_07 Datasheet
118Kb / 4P
   Solid Aluminum Capacitors with Organic Semiconductor Electrolyte
Revision: 15-Jan-07
94SC VISHAY-94SC Datasheet
132Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision: 13-Sep-04
94SA156X0020CBP VISHAY-94SA156X0020CBP Datasheet
50Kb / 2P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 29-Jun-01
logo
AVX Corporation
ML03211R8PAT2A AVX-ML03211R8PAT2A Datasheet
127Kb / 1P
   Organic Passive Components Low ESR Microwave Capacitors
logo
Kemet Corporation
T527I107M004ATE200 KEMET-T527I107M004ATE200 Datasheet
840Kb / 15P
   KEMET Organic Capacitor
T529P226M006AAE200 KEMET-T529P226M006AAE200 Datasheet
861Kb / 15P
   KEMET Organic Capacitor
logo
Figaro Engineering Inc.
TGS823 FIGARO-TGS823 Datasheet
115Kb / 2P
   Organic Solvent Vapors
logo
Renesas Technology Corp
SGAS707 RENESAS-SGAS707 Datasheet
890Kb / 16P
   Industrial Organic Chemical Sensor
October 25, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com