Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSQ321L Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSQ321L
Description  Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ321L Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSQ321L Datasheet HTML 1Page - Fairchild Semiconductor FSQ321L Datasheet HTML 2Page - Fairchild Semiconductor FSQ321L Datasheet HTML 3Page - Fairchild Semiconductor FSQ321L Datasheet HTML 4Page - Fairchild Semiconductor FSQ321L Datasheet HTML 5Page - Fairchild Semiconductor FSQ321L Datasheet HTML 6Page - Fairchild Semiconductor FSQ321L Datasheet HTML 7Page - Fairchild Semiconductor FSQ321L Datasheet HTML 8Page - Fairchild Semiconductor FSQ321L Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0365, FSQ0265, FSQ0165, FSQ321, FSQ311 Rev. 1.0.4
5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. TA = 25°C, unless otherwise specified.
Notes:
6. Repetitive rating: Pulse width limited by maximum junction temperature.
7. L=51mH, starting TJ=25°C.
8. Meets JEDEC standards JESD22-A114 and JESD22-A115.
Thermal Impedance(9)
Notes:
9. All items are tested with the standards JESD 51-2 and 51-10 (DIP).
10. Free-standing, with no heat-sink, under natural convection.
11. Infinite cooling condition - refer to the SEMI G30-88.
12. Measured on the package top surface.
Symbol
Characteristic
Min.
Max.
Unit
VSTR
Vstr Pin Voltage
500
V
VDS
Drain Pin Voltage
650
V
VCC
Supply Voltage
20
V
VFB
Feedback Voltage Range
-0.3
9.0
V
VSync
Sync Pin Voltage Range
-0.3
9.0
V
IDM
Drain Current Pulsed(6)
FSQ0365
12
A
FSQ0265
8
FSQ0165
4
FSQ321/311
1.5
EAS
Single Pulsed Avalanche Energy(7)
FSQ0365
230
mJ
FSQ0265
140
FSQ0165
50
FSQ321/311
10
PD
Total Power Dissipation
1.5
W
TJ
Recommended Operating Junction Temperature
-40
Internally limited
°C
TA
Operating Ambient Temperature
-40
85
°C
TSTG
Storage Temperature
-55
150
°C
ESD
Human Body Model(8)
CLASS1 C
Machine Model(8)
CLASS B
Symbol
Parameter
Value
Unit
8-DIP
θ
JA
(10)
Junction-to-Ambient Thermal Resistance
80
°C/W
θ
JC
(11)
Junction-to-Case Thermal Resistance
20
θ
JT
(12)
Junction-to-Top Thermal Resistance
35


Similar Part No. - FSQ321L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ321L FAIRCHILD-FSQ321L Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter - Low EMI and High Efficiency
FSQ321L FAIRCHILD-FSQ321L Datasheet
892Kb / 21P
   Green Mode Fairchild Power Switch (FPS)
FSQ321LX FAIRCHILD-FSQ321LX Datasheet
892Kb / 21P
   Green Mode Fairchild Power Switch (FPS)
More results

Similar Description - FSQ321L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0365_0709 FAIRCHILD-FSQ0365_0709 Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter - Low EMI and High Efficiency
FSQ510MX FAIRCHILD-FSQ510MX Datasheet
1Mb / 14P
   Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
FSQ510 FAIRCHILD-FSQ510_08 Datasheet
534Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
FSCQ0765RT FAIRCHILD-FSCQ0765RT Datasheet
726Kb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
FSCQ1565RP FAIRCHILD-FSCQ1565RP Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com