Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A700X107M010ATE010 Datasheet(PDF) 2 Page - Kemet Corporation

Part # A700X107M010ATE010
Description  ALUMINUM ORGANIC CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A700X107M010ATE010 Datasheet(HTML) 2 Page - Kemet Corporation

  A700X107M010ATE010 Datasheet HTML 1Page - Kemet Corporation A700X107M010ATE010 Datasheet HTML 2Page - Kemet Corporation A700X107M010ATE010 Datasheet HTML 3Page - Kemet Corporation A700X107M010ATE010 Datasheet HTML 4Page - Kemet Corporation A700X107M010ATE010 Datasheet HTML 5Page - Kemet Corporation A700X107M010ATE010 Datasheet HTML 6Page - Kemet Corporation A700X107M010ATE010 Datasheet HTML 7Page - Kemet Corporation A700X107M010ATE010 Datasheet HTML 8Page - Kemet Corporation A700X107M010ATE010 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DC Leakage Current is the current that flows
through the capacitor dielectric after a five minute
charging period at rated voltage. Leakage is meas-
ured at 25°C with full rated voltage applied to the
capacitor through a 1000 ohm resistor in series with
the capacitor.
DC Leakage Current does increase with tempera-
ture. The limits for 85°C @ Rated Voltage and
125°C are both 2 times the 25°C limit.
7.
Dissipation Factor (DF)
Refer to part number tables for maximum DF limits.
Dissipation factor is measured at 120 Hz, up to 1.0
volt rms maximum. Dissipation factor is the ratio of
the equivalent series resistance (ESR) to the capaci-
tive reactance, (Xc) and is usually expressed as a
percentage. It is directly proportional to both capaci-
tance and frequency. Dissipation factor loses its
importance at higher frequencies, (above about 1
kHz), where impedance (Z) and equivalent series
resistance (ESR) are the normal parameters of con-
cern.
DF is also referred to as tan
δ or "loss tangent."
The "Quality Factor," "Q", is the reciprocal of DF.
8.
Equivalent Series Resistance (ESR) and
Impedance (Z)
The Equivalent Series Resistance (ESR) of the AO-
CAP is much lower than standard Tantalum caps
because the polymer cathode has much higher con-
ductivity. ESR is not a pure resistance, and it
decreases with increasing frequency.
Total impedance of the capacitor is the vector sum of
capacitive reactance (Xc) and ESR below reso
nance; above resonance total impedance is the vec-
tor sum of inductive reactance (XL) and ESR.
To understand the many elements of a capacitor,
see Figure 3.
Figure 3 The Real Capacitor
A capacitor has a complex impedance consisting of
many series and parallel elements, each adding to
the complexity of the measurement system.
ESL - Represents inductance. In most instances it is
significant at the basic measurement frequencies of
120 and 1000 Hz.
ESR - Represents the ohmic resistance in series
with the capacitance. Lead attachment and capacitor
electrodes are contributing sources.
DF = X
c
= 2
πfCR
Where:
DF = Dissipation Factor
R
= Equivalent Series Resistance (Ohms)
Xc = Capacitive Reactance(Ohms)
f
= Frequency (Hertz)
C
= Capacitance (Farads)
R
Xc
ESR
δδ
θθ
Xc =
2
πfC
(Ohms)
Where:
f = frequency (Hertz)
C = capacitance (Farad)
1
Figure 2a Total Impedance of the Capacitor
Below Resonance
XL = 2πfL (Ohms)
Where:
f = frequency (Hertz)
L = inductance (Henries)
δδ
θθ
XL
Z
Figure 2b Total Impedance of the Capacitor
Above Resonance
ESL
ESR
C
RL
Cd
Rd
ESR
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
ALUMINUM ORGANIC CAPACITORS
Performance Characteristics
59


Similar Part No. - A700X107M010ATE010

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A700X107M12RATE015 KEMET-A700X107M12RATE015 Datasheet
80Kb / 1P
   Polymer Aluminum, 125C, A700, 100 uF, 20%, 12.5 V, -55/125C
More results

Similar Description - A700X107M010ATE010

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
10SC22M SANYO-10SC22M Datasheet
92Kb / 2P
   Aluminum solid capacitors with Organic semiconductive electrolyte
logo
Vishay Siliconix
94SP VISHAY-94SP Datasheet
52Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 02-Jul-01
94SP VISHAY-94SP_07 Datasheet
118Kb / 4P
   Solid Aluminum Capacitors with Organic Semiconductor Electrolyte
Revision: 15-Jan-07
94SC VISHAY-94SC Datasheet
132Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision: 13-Sep-04
94SA156X0020CBP VISHAY-94SA156X0020CBP Datasheet
50Kb / 2P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 29-Jun-01
logo
AVX Corporation
ML03211R8PAT2A AVX-ML03211R8PAT2A Datasheet
127Kb / 1P
   Organic Passive Components Low ESR Microwave Capacitors
logo
Kemet Corporation
T527I107M004ATE200 KEMET-T527I107M004ATE200 Datasheet
840Kb / 15P
   KEMET Organic Capacitor
T529P226M006AAE200 KEMET-T529P226M006AAE200 Datasheet
861Kb / 15P
   KEMET Organic Capacitor
logo
Figaro Engineering Inc.
TGS823 FIGARO-TGS823 Datasheet
115Kb / 2P
   Organic Solvent Vapors
logo
Renesas Technology Corp
SGAS707 RENESAS-SGAS707 Datasheet
890Kb / 16P
   Industrial Organic Chemical Sensor
October 25, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com