Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MML1225 Datasheet(PDF) 1 Page - Dc Components

Part # MML1225
Description  TECHNICAL SPECIFICATIONS OF SENSITIVE GATE SILICON CONTROLLED RECTIFIERS VOLTAGE RANGE - 300 to 380 Volts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

MML1225 Datasheet(HTML) 1 Page - Dc Components

  MML1225 Datasheet HTML 1Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MML1225
MXL1225
DISCRETE SEMICONDUCTORS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
VOLTAGE RANGE - 300 to 380 Volts
CURRENT - 0.8 Ampere
Description
These Silicon Controlled Rectifiers are high
performance planar diffused PNPN devices.
They are intended for low cost, high volume
applications.
Pinning
1 = Gate
2 = Anode
3 = Cathode
Characteristic
Symbol
Rating
Unit
Peak Repetitive Off-State
MML1225
VDRM
300
V
Voltage(RGK=1K
Ω)
MXL1225
380
On-State RMS Current(TC=40oC)
IT(RMS)
0.8
A
Peak Gate Current(10
µs Max)
IGM
1
A
Gate Power Dissipation(20ms Max)
PG(AV)
0.1
W
Reverse Peak Gate Voltage
VGRM
8
V
Operating Junction Temperature
TJ
-40 to +125
o
C
Storage Temperature
TSTG
-40 to +125
o
C
Absolute Maximum Ratings(TA=25oC)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Peak Repetitive Forward
TA=25oC
IDRM
-
-
5
µA
VAK=Rated VDRM or VRRM
Off-State Blocking Current
TA=125oC
-
-
100
RGK=1K
Peak Forward On-State Voltage
VTM
-
-
1.4
V
ITM=0.4A Peak, TJ=25oC
-
-
2.2
ITM=0.8A Peak, TJ=25oC
Continuous DC Gate Trigger Current
IGT
-
-
200
µA
VAK=7V DC, RL=100
Continuous DC Gate Trigger Voltage
VGT
-
-
0.8
V
VAK=7V DC, RL=100
DC Holding Current
IH
-
-
5
mA
RGK=1K
Ω, Gate Open
DC Latching Current
IL
-
-
6
mA
RGK=1K
Ω, Gate Open
Critical Rate-of-Rise of Off-State Voltage
dv/dt
25
-
-
V/
µS
VD=0.67VDRM, RGK=1K
Ω, TJ=125oC
Critical Rate-of-Rise of Off-State Current
di/dt
30
-
-
A/
µS
IG=10mA, diG/dt=0.1A/
µS, TJ=125oC
Gate Controlled Delay Time
Tgd
-
-
0.5
µsec
IG=10mA, diG/dt=0.1A/
µS
Thermal Resistance, Junction to Case
R
θJC
100
-
-
o
C/W
-
Electrical Characteristics
(Ratings at 25oC ambient temperature unless otherwise specified)
SOT-89
Dimensions in inches and (millimeters)
.063(1.60)
.055(1.40)
.066(1.70)
.059(1.50)
.167(4.25)
.159(4.05)
.016(0.41)
.014(0.35)
.120(3.04)
.117(2.96)
.181(4.60)
.173(4.40)
.060(1.52)
.058(1.48)
.020(0.51)
.014(0.36)
.102(2.60)
.095(2.40)
1
2
3


Similar Part No. - MML1225

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MML09211H NXP-MML09211H Datasheet
566Kb / 20P
   Low Noise Amplifier
Rev. 1, 9/2014
MML09211HT1 NXP-MML09211HT1 Datasheet
566Kb / 20P
   Low Noise Amplifier
Rev. 1, 9/2014
MML09212H NXP-MML09212H Datasheet
709Kb / 27P
   Low Noise Amplifier
Rev. 3, 01/2018
MML09212HT1 NXP-MML09212HT1 Datasheet
709Kb / 27P
   Low Noise Amplifier
Rev. 3, 01/2018
MML09231H NXP-MML09231H Datasheet
307Kb / 12P
   Low Noise Amplifier
Rev. 1, 9/2014
More results

Similar Description - MML1225

ManufacturerPart #DatasheetDescription
logo
Dc Components
DCR06C DCCOM-DCR06C Datasheet
50Kb / 1P
   TECHNICAL SPECIFICATIONS OF SENSITIVE GATE SILICON CONTROLLED RECTIFIERS VOLTAGE RANGE - 300 to 600 Volts
DCR100-3 DCCOM-DCR100-3 Datasheet
216Kb / 1P
   TECHNICAL SPECIFICATIONS OF SENSITIVE GATE SILICON CONTROLLED RECTIFIERS VOLTAGE RANGE - 100 to 600 Volts
DCR506-3 DCCOM-DCR506-3 Datasheet
35Kb / 1P
   TECHNICAL SPECIFICATIONS OF SENSITIVE GATE SILICON CONTROLLED RECTIFIERS VOLTAGE RANGE - 100 to 600 Volts
DCR150-4 DCCOM-DCR150-4 Datasheet
50Kb / 1P
   TECHNICAL SPECIFICATIONS OF SENSITIVE GATE SILICON CONTROLLED RECTIFIERS VOLTAGE RANGE - 200 to 600 Volts
DCR72-3 DCCOM-DCR72-3 Datasheet
35Kb / 1P
   TECHNICAL SPECIFICATIONS OF SENSITIVE GATE SILICON CONTROLLED RECTIFIERS VOLTAGE RANGE - 100 to 600 Volts
DCR106-3 DCCOM-DCR106-3 Datasheet
53Kb / 1P
   TECHNICAL SPECIFICATIONS OF SENSITIVE GATE SILICON CONTROLLED RECTIFIERS VOLTAGE RANGE - 100 to 600 Volts
DCR03B DCCOM-DCR03B Datasheet
49Kb / 1P
   TECHNICAL SPECIFICATIONS OF SENSITIVE GATE SILICON CONTROLLED RECTIFIERS VOLTAGE RANGE - 200 to 600 Volts
2N6395 DCCOM-2N6395 Datasheet
34Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON CONTROLLED RECTIFIERS
SMA1EZ6.2 DCCOM-SMA1EZ6.2 Datasheet
49Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES VOLTAGE RANGE - 6.2 to 300 Volts
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com