Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2420 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA2420
Description  Low voltage RF transceiver . 2.45GHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA2420 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA2420 Datasheet HTML 3Page - NXP Semiconductors SA2420 Datasheet HTML 4Page - NXP Semiconductors SA2420 Datasheet HTML 5Page - NXP Semiconductors SA2420 Datasheet HTML 6Page - NXP Semiconductors SA2420 Datasheet HTML 7Page - NXP Semiconductors SA2420 Datasheet HTML 8Page - NXP Semiconductors SA2420 Datasheet HTML 9Page - NXP Semiconductors SA2420 Datasheet HTML 10Page - NXP Semiconductors SA2420 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Philips Semiconductors
Product specification
SA2420
Low voltage RF transceiver — 2.45 GHz
1997 May 23
7
TEMPERATURE (
°C)
–50
0
50
10
20
30
40
50
100
R
T
X
X
SR01458
Vcc = 3V
Figure 3.
Rx & Tx Currents VS Temperature
SR01459
VOLTS (V)
23
5
10
20
30
40
50
6
R
T
X
X
4
T = 25
°C
Figure 4.
Rx & Tx Currents VS Voltage Supply
SR01460
TEMPERATURE (
°C)
–50
0
50
2.0
2.4
2.6
2.8
3.0
100
NF
GAIN
2.2
12.8
13.6
14.0
14.4
14.8
13.2
Vcc = 3V
Figure 5.
LNA Gain & 50
W NF VS Temperature
SR01461
FREQUENCY (GHz)
2.400
2.425
2.450
2.0
2.4
2.6
2.8
3.0
2.475
NF
GAIN
2.2
2.500
12.8
13.6
14.0
14.4
14.8
13.2
Vcc = 3V
Figure 6.
LNA Gain & 50
W NF VS Frequency


Similar Part No. - SA2420

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA2421 PHILIPS-SA2421 Datasheet
101Kb / 12P
   2.45 GHz low voltage RF transceiver
2000 Mar 13
SA2421DH PHILIPS-SA2421DH Datasheet
101Kb / 12P
   2.45 GHz low voltage RF transceiver
2000 Mar 13
More results

Similar Description - SA2420

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450BL07A0050 JOHANSON-2450BL07A0050 Datasheet
312Kb / 3P
   Miniature 2.45GHz 1:1 RF Balun
logo
NXP Semiconductors
SA2421 PHILIPS-SA2421 Datasheet
101Kb / 12P
   2.45 GHz low voltage RF transceiver
2000 Mar 13
SA2410 PHILIPS-SA2410 Datasheet
47Kb / 6P
   2.45GHz RF power amplifier and T/R switch
1997 Sep 09
logo
Allied Components Inter...
ABAL05,10 ALLIED-ABAL05,10 Datasheet
1Mb / 4P
   Low Temperature Cofired, Central frequency 2.45Ghz
logo
Johanson Technology Inc...
2450BP15N0100 JOHANSON-2450BP15N0100 Datasheet
120Kb / 2P
   2.45GHz Low Profile Band Pass Filter
2450CF15A0100 JOHANSON-2450CF15A0100 Datasheet
125Kb / 4P
   2.45GHz Directional Coupler/ Low Pass Filter Combination
logo
HOKURIKU ELECTRIC INDUS...
HRF-400A0-001A HOKURIKU-HRF-400A0-001A Datasheet
62Kb / 2P
   Low Power RF Transceiver Module
logo
Texas Instruments
CC1100E TI1-CC1100E_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver
CC1201 TI1-CC1201 Datasheet
1Mb / 37P
[Old version datasheet]   Low-Power, High-Performance RF Transceiver
CC1121 TI1-CC1121 Datasheet
897Kb / 29P
[Old version datasheet]   High Performance Low Power RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com