Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70-06 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BAS70-06
Description  General-purpose Schottky diodes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS70-06 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BAS70-06 Datasheet HTML 4Page - NXP Semiconductors BAS70-06 Datasheet HTML 5Page - NXP Semiconductors BAS70-06 Datasheet HTML 6Page - NXP Semiconductors BAS70-06 Datasheet HTML 7Page - NXP Semiconductors BAS70-06 Datasheet HTML 8Page - NXP Semiconductors BAS70-06 Datasheet HTML 9Page - NXP Semiconductors BAS70-06 Datasheet HTML 10Page - NXP Semiconductors BAS70-06 Datasheet HTML 11Page - NXP Semiconductors BAS70-06 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
BAS70_1PS7XSB70_SER_8
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 08 — 4 May 2006
8 of 20
Philips Semiconductors
BAS70 series; 1PS7xSB70 series
General-purpose Schottky diodes
8.
Package outline
Fig 5.
Package outline SOD323 (SC-76)
Fig 6.
Package outline SOD523 (SC-79)
Fig 7.
Package outline SOT23 (TO-236AB)
Fig 8.
Package outline SOD123F
Fig 9.
Package outline SOD882
Fig 10. Package outline SOT323 (SC-70)
03-12-17
Dimensions in mm
0.25
0.10
0.45
0.15
2.7
2.3
1.8
1.6
0.40
0.25
1.1
0.8
1.35
1.15
1
2
02-12-13
Dimensions in mm
1.65
1.55
1.25
1.15
0.17
0.11
0.34
0.26
0.65
0.58
0.85
0.75
1
2
04-11-04
Dimensions in mm
0.45
0.15
1.9
1.1
0.9
3.0
2.8
2.5
2.1
1.4
1.2
0.48
0.38
0.15
0.09
12
3
04-11-29
Dimensions in mm
1.2
1.0
0.25
0.10
3.6
3.4
2.7
2.5
0.55
0.35
0.70
0.55
1.7
1.5
1
2
03-04-17
Dimensions in mm
0.55
0.47
0.65
0.62
0.55
0.50
0.46
cathode marking on top side
1.02
0.95
0.30
0.22
0.30
0.22
2
1
04-11-04
Dimensions in mm
0.45
0.15
1.1
0.8
2.2
1.8
2.2
2.0
1.35
1.15
1.3
0.4
0.3
0.25
0.10
12
3


Similar Part No. - BAS70-06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70-06 PHILIPS-BAS70-06 Datasheet
61Kb / 8P
   Schottky barrier double diodes
1999 Jun 01
logo
Vishay Siliconix
BAS70-06 VISHAY-BAS70-06 Datasheet
323Kb / 4P
   Small Signal Schottky Diodes
Rev. 2.0, 25-Feb-13
logo
TRANSYS Electronics Lim...
BAS70-06 TEL-BAS70-06 Datasheet
66Kb / 1P
   SCHOTTKY DIODE
logo
SHENZHEN KOO CHIN ELECT...
BAS70-06 KOOCHIN-BAS70-06 Datasheet
245Kb / 2P
   SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS70-06 TSC-BAS70-06 Datasheet
114Kb / 2P
   200m Watts Surface Mount Schottky Barrier Diode
More results

Similar Description - BAS70-06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS40 NXP-BAS40_13 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS70SB40 NXP-1PS70SB40 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
BAS40 PHILIPS-BAS40_15 Datasheet
359Kb / 22P
   General-purpose Schottky diodes
Rev. 9-18 March 2015
BAS70 PHILIPS-BAS70_15 Datasheet
235Kb / 20P
   General-purpose Schottky diodes
Rev. 09-13 January 2010
BAS40-06 NXP-BAS40-06 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS70SB40 PHILIPS-1PS70SB40 Datasheet
136Kb / 21P
   General-purpose Schottky diodes
Rev. 07-12 May 2006
1PS76SB70 NXP-1PS76SB70 Datasheet
224Kb / 20P
   General-purpose Schottky diodes
Rev. 09-13 January 2010
logo
Skyworks Solutions Inc.
SMS3922 SKYWORKS-SMS3922 Datasheet
1Mb / 12P
   Surface Mount General Purpose Schottky Diodes
logo
Microsemi Corporation
GC9700 MICROSEMI-GC9700 Datasheet
130Kb / 2P
   SCHOTTKY BARRIER DIODES General Purpose TM
logo
Agilent(Hewlett-Packard...
1N5711 HP-1N5711 Datasheet
56Kb / 6P
   Schottky Barrier Diodes for General Purpose Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com