Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL8069DCZQ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # ICL8069DCZQ
Description  Low-Voltage Reference
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL8069DCZQ Datasheet(HTML) 2 Page - Maxim Integrated Products

  ICL8069DCZQ Datasheet HTML 1Page - Maxim Integrated Products ICL8069DCZQ Datasheet HTML 2Page - Maxim Integrated Products ICL8069DCZQ Datasheet HTML 3Page - Maxim Integrated Products ICL8069DCZQ Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low-Voltage Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(TA = +25°C, unless otherwise noted.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 2: If circuit strays in excess of 200pF are anticipated, a 4.7µF shunt capacitor will ensure stability under all operating condi-
tions.
Note 3: For military devices, measurements are made at +25°C, -55°C, and +125°C, while for commercial devices measurements
are made at +25°C, 0°C, and +70°C. The units are then classified as a function of the worst-case TC. Sample tested to 0.1%
AQL.
Reverse Voltage ..............................................................(Note 1)
Forward Current ..................................................................10mA
Reverse Current ..................................................................10mA
Power Dissipation.......Limited by Max Forward/Reverse Current
Storage Temperature Range .............................-65°C to +150°C
Operating Temperature Ranges
ICL8069C .............................................................0°C to +70°C
ICL8069E ..........................................................-40°C to +85°C
ICL8069M .......................................................-55°C to +125°C
Lead Temperature (soldering, 10s) .................................+300°C
IR = 50µA,
IR = 500µA
IR = 500µA,
TA = operating
temperature range
(Note 3)
IR = 500µA
IF = 500µA
10Hz
≤ f ≤ 10kHz,
IR = 500µA
CONDITIONS
12
Reverse Dynamic Impedance
ppm/°C
10
V
1.20
1.23
1.25
Output Voltage
Output Voltage
Temperature Coefficient
V
0.7
1
Forward Voltage Drop
µV
5
RMS Noise Voltage
mA
0.050
5
Reverse Current Range
UNITS
MIN
TYP
MAX
PARAMETER
0.6
2
50µA
≤ IR ≤ 5mA
mV
15
20
Output Voltage Change
50
25
100
ICL8069A
ICL8069D
ICL8069C
ICL8069B
Note 1: In normal use, the reverse voltage cannot exceed the reference voltage. However, when plugging units into a powered-up
test fixture, an instantaneous voltage equal to the compliance of the test circuit will be seen. This should not exceed 20V.


Similar Part No. - ICL8069DCZQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL8069DCZQ MAXIM-ICL8069DCZQ Datasheet
177Kb / 5P
   Low-Voltage Reference
19-0944; Rev 2; 6/05
ICL8069DCZQ2 MAXIM-ICL8069DCZQ2 Datasheet
102Kb / 4P
   Low-Voltage Reference
19-0944; Rev 1; 3/99
More results

Similar Description - ICL8069DCZQ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
127Kb / 8P
   Low Voltage Reference
logo
Maxim Integrated Produc...
MAX8069 MAXIM-MAX8069 Datasheet
147Kb / 4P
   Low-Voltage Reference
Rev 1; 9/06
logo
ON Semiconductor
MC1403 ONSEMI-MC1403_05 Datasheet
91Kb / 8P
   Low Voltage Reference
March, 2005 ??Rev. 4
logo
Renesas Technology Corp
ICL8069 RENESAS-ICL8069 Datasheet
365Kb / 6P
   Low Voltage Reference
Jan 2004
logo
Maxim Integrated Produc...
ICL8069BCSA MAXIM-ICL8069BCSA Datasheet
102Kb / 4P
   Low-Voltage Reference
19-0944; Rev 1; 3/99
logo
Renesas Technology Corp
ICL7665S RENESAS-ICL7665S Datasheet
765Kb / 6P
   Low Voltage Reference
Jan 2004
logo
Intersil Corporation
ICL8069 INTERSIL-ICL8069 Datasheet
19Kb / 4P
   Low Voltage Reference
logo
Maxim Integrated Produc...
ICL8069 MAXIM-ICL8069 Datasheet
177Kb / 5P
   Low-Voltage Reference
19-0944; Rev 2; 6/05
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
   PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
Catalyst Semiconductor
CAT431L CATALYST-CAT431L Datasheet
146Kb / 11P
   Low-Voltage Adjustable Precision Voltage Reference
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com