Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA3601 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA3601
Description  Low voltage dual-band RF front-end
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA3601 Datasheet(HTML) 1 Page - NXP Semiconductors

  SA3601 Datasheet HTML 1Page - NXP Semiconductors SA3601 Datasheet HTML 2Page - NXP Semiconductors SA3601 Datasheet HTML 3Page - NXP Semiconductors SA3601 Datasheet HTML 4Page - NXP Semiconductors SA3601 Datasheet HTML 5Page - NXP Semiconductors SA3601 Datasheet HTML 6Page - NXP Semiconductors SA3601 Datasheet HTML 7Page - NXP Semiconductors SA3601 Datasheet HTML 8Page - NXP Semiconductors SA3601 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Philips
Semiconductors
SA3601
Low voltage dual-band RF front-end
Preliminary specification
1999 Nov 09
INTEGRATED CIRCUITS


Similar Part No. - SA3601

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SA360(C)-G COMCHIP-SA360(C)-G Datasheet
145Kb / 7P
   Axial Lead Transient Voltage Suppressor
logo
NXP Semiconductors
SA3600 PHILIPS-SA3600 Datasheet
172Kb / 30P
   Low voltage dual-band RF front-end
1999 Nov 02
logo
Synology Inc.
SA3600 SYNOLOGY-SA3600 Datasheet
771Kb / 9P
   SA3600 & SA3400 Series
logo
NXP Semiconductors
SA3603 PHILIPS-SA3603 Datasheet
49Kb / 8P
   Cellular-band low voltage front-end
1999 Dec 17
SA3603DH PHILIPS-SA3603DH Datasheet
49Kb / 8P
   Cellular-band low voltage front-end
1999 Dec 17
More results

Similar Description - SA3601

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA3600 PHILIPS-SA3600 Datasheet
172Kb / 30P
   Low voltage dual-band RF front-end
1999 Nov 02
SA1920 PHILIPS-SA1920 Datasheet
215Kb / 36P
   Dual-band RF front-end
1999 Mar 02
SA3603 PHILIPS-SA3603 Datasheet
49Kb / 8P
   Cellular-band low voltage front-end
1999 Dec 17
SA3604 PHILIPS-SA3604 Datasheet
49Kb / 8P
   PCS-band low voltage front-end
1999 Dec 14
SA1921 PHILIPS-SA1921 Datasheet
507Kb / 36P
   Satellite and cellular dual-band RF front-end
1999 Mar 02
logo
Skyworks Solutions Inc.
SKY85812-11 SKYWORKS-SKY85812-11 Datasheet
176Kb / 2P
   Dual-Band 802.11ac Front-End Module
logo
RF Micro Devices
RF5388 RFMD-RF5388 Datasheet
510Kb / 14P
   3.3V, DUAL-BAND FRONT-END MODULE
RF5389 RFMD-RF5389 Datasheet
632Kb / 14P
   3.3V, DUAL-BAND FRONT-END MODULE
RF3388 RFMD-RF3388 Datasheet
93Kb / 2P
   3.7V, DUAL-BAND FRONT-END MODULE
logo
Analog Devices
ADF9010 AD-ADF9010 Datasheet
481Kb / 28P
   900 MHz ISM Band Analog RF Front End
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com