Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD1020 Datasheet(PDF) 1 Page - Dc Components

Part # SD1020
Description  TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SD1020 Datasheet(HTML) 1 Page - Dc Components

  SD1020 Datasheet HTML 1Page - Dc Components SD1020 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SD1020
THRU
SD10100
TO-251
Dimensions in inches and (millimeters)
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE - 20 to 100 Volts
CURRENT - 10 Amperes
FEATURES
MECHANICAL DATA
* Metal to silicon rectifier majority carrier conduction
* Low power loss, High efficiency
* High current capability
* Low forward voltage drop
* High surge capacity
* For use in low voltage high frequency inverters, free
wheeling, and polarity protection applications
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TC=75
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Typical Thermal Resistance (Note1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TJ, TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
10
150
Amps
Storage Operating Temperature Range
R
θJA
IO
-55 to + 125
pF
Maximum DC Reverse Current at
Rated DC Blocking Voltage
mAmps
Maximum Instantaneous Forward Voltage at 5.0A DC for "C suffixed",
2.0
50
@TA = 25
oC
@TA = 100
oC
80
700
30
21
30
0.65
Volts
0 C/ W
0 C
SD1020
SD1030
VF
IR
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
* Mounting position: Any
* Weight: 0.4 grams Approx.
SD1040
SD1050
SD1060
SD1080 SD10100
20
14
20
40
28
40
50
35
50
60
42
60
80
56
80
100
70
100
0.75
0.85
.284(7.2)
.268(6.8)
.217(5.5)
.205(5.2)
.268(6.8)
.252(6.4)
.256
(6.5)
Min
.035
(0.9)
Max
.032
(0.8)
Max
.181
(4.6)
Typ
.095(2.4)
.087(2.2)
.059(1.5)
.035(0.9)
.024(0.6)
.018(0.4)
.022(0.6)
.018(0.5)
.063(1.6)
.055(1.4)
1
2
3
2
Note : 1. Mounted on PC Board with 14mm2(0.013mm thick) copper pad areas.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
and at 10A DC for "Y suffixed" & "no suffix"
no suffix
2
3
2
1
3
"C" suffixed
"Y" suffixed
2
3
1


Similar Part No. - SD1020

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD1020CS PANJIT-SD1020CS Datasheet
34Kb / 2P
   DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes)
logo
Won-Top Electronics
SD1020CS WTE-SD1020CS Datasheet
46Kb / 3P
   10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SD1020CS PANJIT-SD1020CS Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SD1020CS PANJIT-SD1020CS Datasheet
124Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SD1020CS-T3 WTE-SD1020CS-T3 Datasheet
46Kb / 3P
   10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SD1020

ManufacturerPart #DatasheetDescription
logo
Dc Components
SD820 DCCOM-SD820 Datasheet
252Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts
SD520 DCCOM-SD520 Datasheet
248Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts
SQ1030 DCCOM-SQ1030 Datasheet
41Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 30 to 100 Volts
SD1020D DCCOM-SD1020D Datasheet
288Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE RANGE - 20 to 100 Volts
SD820D DCCOM-SD820D Datasheet
291Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE RANGE - 20 to 100 Volts
SD1620D DCCOM-SD1620D Datasheet
291Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE RANGE - 20 to 100 Volts
SM5817S DCCOM-SM5817S Datasheet
618Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 40 Volts
SK22FL DCCOM-SK22FL Datasheet
68Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 50 to 100 Volts
DLM103A DCCOM-DLM103A Datasheet
107Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES VOLTAGE RANGE - 20 to 40 Volts
DLQ103A DCCOM-DLQ103A Datasheet
246Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES VOLTAGE RANGE - 20 to 40 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com