Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0805N12031G4C Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0805N12031G4C
Description  CERAMIC CHIP CAPACITORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805N12031G4C Datasheet(HTML) 1 Page - Kemet Corporation

  C0805N12031G4C Datasheet HTML 1Page - Kemet Corporation C0805N12031G4C Datasheet HTML 2Page - Kemet Corporation C0805N12031G4C Datasheet HTML 3Page - Kemet Corporation C0805N12031G4C Datasheet HTML 4Page - Kemet Corporation C0805N12031G4C Datasheet HTML 5Page - Kemet Corporation C0805N12031G4C Datasheet HTML 6Page - Kemet Corporation C0805N12031G4C Datasheet HTML 7Page - Kemet Corporation C0805N12031G4C Datasheet HTML 8Page - Kemet Corporation C0805N12031G4C Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CERAMIC CHIP CAPACITORS
INTRODUCTION
Ceramic chips consist of formulated ceramic
dielectric materials which have been fabricated into thin
layers, interspersed with metal electrodes alternately
exposed on opposite edges of the laminated structure.
The entire structure is then fired at high temperature to
produce a monolithic block which provides high capaci-
tance values in a small physical volume. After firing, con-
ductive terminations are applied to opposite ends of the
chip to make contact with the exposed electrodes.
Standard end terminations use a nickel barrier layer and
a tin overplate to provide excellent solderability for the
customer.
KEMET multilayer ceramic chip capacitors are
produced in plants designed specifically for chip capa-
citor manufacture. The process features a high degree
of mechanization as well as precise controls over raw
materials and process conditions. Manufacturing is
supplemented by extensive Technology, Engineering
and Quality Assurance programs.
KEMET ceramic chip capacitors are offered in the
five most popular temperature characteristics. These
are designated by the Electronics Industies Association
(EIA) as the ultra-stable C0G (also known as NP0,
military version BP), the stable X7R (military BX or
BR), the stable X5R, and the general purpose Z5U and
Y5V. A wide range of sizes are available. KEMET multi-
layer ceramic chip capacitors are available in KEMET's
tape and reel packaging, compatible with automatic
placement equipment. Bulk cassette packaging is also
available (0805,0603 and 0402 only) for those pick and
place machines requiring its use.
ELECTRICAL CHARACTERISTICS
1.
Working Voltage:
Refers to the maximum continuous DC working
voltage permissible across the entire operating
temperature range. The reliability of multilayer
ceramic capacitors is not extremely sensitive to
voltage, and brief applications of voltage above
rated will not result in immediate failure. However,
reliability will be degraded by sustained exposure
to voltages above rated.
2.
Temperature Characteristics:
Within the EIA classifications, various tempera-
ture characteristics are identified by a three-symbol
code; for example: C0G, X7R, X5R, Z5U and Y5V.
For Class I temperature compensating
dielectrics (includes C0G), the first symbol desig-
nates the significant figures of the temperature
coefficient in PPM per degree Celsius, the second
designates the multiplier to be applied, and the
third designates the tolerance in PPM per
degrees Celsius. EIA temperature characteristic
codes for Class I dielectrics are shown in Table 1.
For Class II and III dielectrics (including X7R,
X5R, Z5U & Y5V), the first symbol indicates the
lower limit of the operating temperature range, the
second indicates the upper limit of the operating
temperature range, and the third indicates the
maximum capacitance change allowed over the
operating temperature range. EIA type designa-
tion codes for Class II and III dielectrics are
shown in Table 2.
3.
Capacitance Tolerance:
See tables on pages
73-76.
4.
Capacitance:
Within specified tolerance when measured per
Table 3.
The standard unit of capacitance is the farad.
For practical capacitors, capacitance is usually
expressed in microfarads (10
-6 farad), nanofarads
(10
-9 farad), or picofarads (10 -12 farad). Standard
measurement conditions are listed in Table 3 -
Specified Electrical Limits.
Like all other practical capacitors, multilayer
ceramic capacitors also have resistance and
inductance. A simplified schematic for the single
frequency equivalent circuit is shown in Figure 1.
At high frequency more complex models apply -
see KEMET SPICE models at www.kemet.com for
details.
Table 1 – EIA Temperature Characteristic
Codes for Class I Dielectrics
Significant Figure
of Temperature
Coefficient
Multiplier Applied
to Temperature
Coefficient
Tolerance of
Temperature
Coefficient
PPM per
Degree C
Letter
Symbol
Multi-
plier
Number
Symbol
Letter
Symbol
PPM per
Degree C
0.0
0.3
0.9
1.0
1.5
C
B
A
M
P
-1
-10
-100
-1000
-10000
0
1
2
3
4
± 30
± 60
± 120
± 250
± 500
G
H
J
K
L
Table 2 – EIA Temperature Characteristic Codes for
Class II & III Dielectrics
Low Temperature
Rating
High Temperature
Rating
Maximum Capacitance
Shift
Degree
Celsius
Letter
Symbol
Degree
Celsius
Number
Symbol
Letter
Symbol
Percent
+10C
-30C
-55C
Z
Y
X
+45C
+65C
+85C
+105C
+125C
+150C
+200C
2
4
5
6
7
8
9
± 1.0%
± 1.5%
± 2.2%
± 3.3%
± 4.7%
± 7.5%
± 10.0%
± 15.0%
± 22.0%
+ 22/-33%
+22/-56%
+22/-82%
A
B
C
D
E
F
P
R
S
T
U
V
EIA
Class
II
II
II
II
II
II
II
II
III
III
III
III
KEMET supplies the C0G characteristic.
KEMET supplies the X7R, X5R, Z5U and Y5V characteristics.
67


Similar Part No. - C0805N12031G4C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805N101K1MC KEMET-C0805N101K1MC Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805N101K1MH KEMET-C0805N101K1MH Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805N101K1ML KEMET-C0805N101K1ML Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805N101K1PC KEMET-C0805N101K1PC Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805N101K1PH KEMET-C0805N101K1PH Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
More results

Similar Description - C0805N12031G4C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com