Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T496 Datasheet(PDF) 3 Page - Kemet Corporation

Part # T496
Description  SOLID TANTALUM CHIP CAPACITORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T496 Datasheet(HTML) 3 Page - Kemet Corporation

  T496 Datasheet HTML 1Page - Kemet Corporation T496 Datasheet HTML 2Page - Kemet Corporation T496 Datasheet HTML 3Page - Kemet Corporation T496 Datasheet HTML 4Page - Kemet Corporation T496 Datasheet HTML 5Page - Kemet Corporation T496 Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
SOLID TANTALUM CHIP CAPACITORS
T496 SERIES—Fail-Safe Fused
T496 SERIES CONSTRUCTION
T496 RATINGS & PART NUMBER REFERENCE
(1) To complete KEMET Part Number, insert M for ±20% tolerance or K for
±10% tolerance.
(2) To complete KEMET Part Number, insert lead material designation for
Ordering Information on page 36.
Higher voltage ratings and tighter capacitance tolerance product may
be substituted within the same size at KEMET’s option. Voltage substi-
tutions will be marked with the higher voltage rating.
38
Capaci-
tance µF
Case
Size
KEMET
Part Number
DCL µA
@ 25°C
Max.
DF%
@ +25°C
120 Hz.
Max.
ESR
Ω
@ +25°C
100 kHz
Max.
1.5
B
T496B155(1)020A(2) E5K0
0.5
6.0
5.0
2.2
B
T496B225(1)020A(2) E3K5
0.5
6.0
3.5
2.2
B
T496B225(1)020A(2) E1K6
0.5
6.0
1.6
3.3
B
T496B335(1)020A(2) E3K5
0.7
6.0
3.5
4.7
C
T496C475(1)020A(2) E2K0
1.0
6.0
2.0
6.8
C
T496C685(1)020A(2) E2K0
1.4
6.0
2.0
6.8
C
T496C685(1)020A(2) E600
1.4
6.0
0.6
10.0
C
T496C106(1)020A(2) E2K0
2.0
6.0
2.0
10.0
C
T496C106(1)020A(2) E800
2.0
6.0
0.8
15.0
D
T496D156(1)020A(2) E1K0
3.0
6.0
1.0
15.0
D
T496D156(1)020A(2) E500
3.0
6.0
0.5
15.0
C
T496C156(1)020A(2) E500
3.0
6.0
0.5
22.0
D
T496D226(1)020A(2) E1K0
4.4
6.0
1.0
22.0
D
T496D226(1)020A(2) E500
4.4
6.0
0.5
33.0
X
T496X336(1)020A(2) E900
6.6
6.0
0.9
33.0
X
T496X336(1)020A(2) E400
6.6
6.0
0.4
33.0
D
T496D336(1)020A(2) E400
6.6
6.0
0.4
47.0
X
T496X476(1)020A(2) E300
9.4
6.0
0.3
47.0
D
T496D476(1)020A(2) E300
9.4
6.0
0.3
0.68
B
T496B684(1)025A(2) E6K5
0.5
4.0
6.5
1.0
B
T496B105(1)025A(2) E5K0
0.5
4.0
5.0
1.0
B
T496B105(1)025A(2) E3K5
0.5
4.0
3.5
1.5
B
T496B155(1)025A(2) E5K0
0.5
6.0
5.0
1.5
B
T496B155(1)025A(2) E1K6
0.5
6.0
1.6
2.2
C
T496C225(1)025A(2) E3K5
0.6
6.0
3.5
3.3
C
T496C335(1)025A(2) E2K5
0.9
6.0
2.5
3.3
C
T496C335(1)025A(2) E2K1
0.9
6.0
2.1
4.7
C
T496C475(1)025A(2) E2K5
1.2
6.0
2.5
4.7
C
T496C475(1)025A(2) E1K3
1.2
6.0
1.3
6.8
C
T496C685(1)025A(2) E2K0
1.7
6.0
2.0
6.8
C
T496C685(1)025A(2) E600
1.7
6.0
0.6
10.0
C
T496C106(1)025A(2) E600
2.5
6.0
0.6
10.0
D
T496D106(1)025A(2) E1K2
2.5
6.0
1.2
10.0
D
T496D106(1)025A(2) E600
2.5
6.0
0.6
15.0
D
T496D156(1)025A(2) E1K0
3.8
6.0
1.0
15.0
D
T496D156(1)025A(2) E500
3.8
6.0
0.5
22.0
X
T496X226(1)025A(2) E900
5.5
6.0
0.9
22.0
X
T496X226(1)025A(2) E400
5.5
6.0
0.4
22.0
D
T496D226(1)025A(2) E800
5.5
6.0
0.8
22.0
D
T496D226(1)025A(2) E400
5.5
6.0
0.4
25 Volt Rating at +85°C (17 Volt Rating at +125°C)
20 Volt Rating at +85°C (13 Volt Rating at +125°C)
Capaci-
tance µF
Case
Size
KEMET
Part Number
DCL µA
@ 25°C
Max.
DF%
@ +25°C
120 Hz.
Max.
ESR
Ω
@ +25°C
100 kHz
Max.
0.47
B
T496B474(1)035A(2)E8K0
0.5
4.0
8.0
0.47
B
T496B474(1)035A(2)E2K6
0.5
4.0
2.6
0.68
B
T496B684(1)035A(2) E6K5
0.5
4.0
6.5
1.0
B
T496B105(1)035A(2) E5K0
0.5
4.0
5.0
1.0
B
T496B105(1)035A(2) E3K1
0.5
4.0
3.1
1.5
C
T496C155(1)035A(2) E4K5
0.5
6.0
4.5
1.5
C
T496C155(1)035A(2) E2K6
0.5
6.0
2.6
2.2
C
T496C225(1)035A(2) E3K5
0.8
6.0
3.5
2.2
C
T496C225(1)035A(2) E1K6
0.8
6.0
1.6
3.3
C
T496C335(1)035A(2) E2K5
1.2
6.0
2.5
3.3
C
T496C335(1)035A(2) E900
1.2
6.0
0.9
4.7
D
T496D475(1)035A(2) E1K5
1.7
6.0
1.5
4.7
D
T496D475(1)035A(2) E700
1.7
6.0
0.7
6.8
D
T496D685(1)035A(2) E1K3
2.4
6.0
1.3
6.8
D
T496D685(1)035A(2) E750
2.4
6.0
0.75
10.0
X
T496X106(1)035A(2) E1K0
3.5
6.0
1.0
10.0
X
T496X106(1)035A(2) E500
3.5
6.0
0.5
10.0
D
T496D106(1)035A(2) E400
3.5
6.0
0.5
15.0
X
T496X156(1)035A(2) E900
5.3
6.0
0.9
15.0
X
T496X156(1)035A(2) E500
5.3
6.0
0.5
15.0
D
T496D156(1)035A(2) E500
5.3
6.0
0.5
22.0
X
T496X226(1)035A(2) E300
7.7
6.0
0.3
0.15
B
T496B154(1)050A(2) E16K
0.5
4.0
16.0
0.22
B
T496B224(1)050A(2) E14K
0.5
4.0
14.0
0.22
B
T496B224(1)050A(2) E10K
0.5
4.0
10.0
0.33
B
T496B334(1)050A(2) E10K
0.5
4.0
10.0
0.33
B
T496B334(1)050A(2) E2K6
0.5
4.0
2.6
0.47
C
T496C474(1)050A(2) E8K0
0.5
4.0
8.0
0.47
C
T496C474(1)050A(2) E1K9
0.5
4.0
1.9
0.68
C
T496C684(1)050A(2) E7K0
0.5
4.0
7.0
0.68
C
T496C684(1)050A(2) E1K7
0.5
4.0
1.7
1.0
C
T496C105(1)050A(2) E5K5
0.5
4.0
5.5
1.0
C
T496C105(1)050A(2) E2K7
0.5
4.0
2.7
1.5
C
T496C155(1)050A(2) E5K0
0.8
6.0
5.0
1.5
C
T496C155(1)050A(2) E2K0
0.8
6.0
2.0
2.2
D
T496D225(1)050A(2) E2K5
1.1
6.0
2.5
2.2
D
T496D225(1)050A(2) E900
1.1
6.0
0.9
3.3
D
T496D335(1)050A(2) E2K0
1.7
6.0
2.0
3.3
D
T496D335(1)050A(2) E1K0
1.7
6.0
1.0
4.7
X
T496X475(1)050A(2) E1K5
2.4
6.0
1.5
4.7
X
T496X475(1)050A(2) E400
2.4
6.0
0.4
4.7
D
T496D475(1)050A(2) E400
2.4
6.0
0.4
35 Volt Rating at +85°C (23 Volt Rating at +125°C)
50 Volt Rating at +85°C (33 Volt Rating at +125°C)


Similar Part No. - T496

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T496B105K035ATE5K0 KEMET-T496B105K035ATE5K0 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, Fused, T496, 1 uF, 10%, 35 V, 3528, SMD, MnO2, Molded, Fused, N/A, 5 Ohms, 2.1mm
T496B105M025AH4095 KEMET-T496B105M025AH4095 Datasheet
422Kb / 3P
   Fail-Safe Fused Tantalum Surface Mount Capacitor
T496B105M035AH4095 KEMET-T496B105M035AH4095 Datasheet
422Kb / 3P
   Fail-Safe Fused Tantalum Surface Mount Capacitor
T496B106K016ATE3K5 KEMET-T496B106K016ATE3K5 Datasheet
82Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, Fused, 10 uF, 3528, /-10% Tol, -55/125C, 16 VDC (85C)
T496B106M006AH4095 KEMET-T496B106M006AH4095 Datasheet
422Kb / 3P
   Fail-Safe Fused Tantalum Surface Mount Capacitor
More results

Similar Description - T496

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com