Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5204A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA5204A
Description  Wide-band high-frequency amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5204A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA5204A Datasheet HTML 2Page - NXP Semiconductors SA5204A Datasheet HTML 3Page - NXP Semiconductors SA5204A Datasheet HTML 4Page - NXP Semiconductors SA5204A Datasheet HTML 5Page - NXP Semiconductors SA5204A Datasheet HTML 6Page - NXP Semiconductors SA5204A Datasheet HTML 7Page - NXP Semiconductors SA5204A Datasheet HTML 8Page - NXP Semiconductors SA5204A Datasheet HTML 9Page - NXP Semiconductors SA5204A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Philips Semiconductors
Product specification
SA5204A
Wide-band high-frequency amplifier
1997 Nov 07
6
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
FREQUENCY—MHz
TA = 25
oC
VCC = 6V
ZO = 75Ω
ZO = 50Ω
.
1012
4
6 8
2
4
6 8
102
103
SR00203
Figure 11. Input VSWR vs Frequency
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
FREQUENCY—MHz
Tamb = 25
oC
VCC = 6V
ZO = 75Ω
ZO = 50Ω
1012
4
6 8
2
4
6
8
102
103
SR00205
Figure 12. Output VSWR vs Frequency
40
35
30
25
20
15
10
OUTPUT
INPUT
FREQUENCY—MHz
VCC = 6V
ZO = 50Ω
TA = 25
oC
1012
4
6 8
2
4
6
8
102
103
SR00207
Figure 13. Input (S11) and Output (S22) Return Loss
vs Frequency
FREQUENCY—MHz
ZO = 50Ω
TA = 25
oC
VCC = 6V
10
–15
–20
–25
–30
1012
4
6 8
2
4
6
8
102
103
SR00204
Figure 14. Isolation vs Frequency (S12)
15
10
25
20
ZO = 75Ω
TA = 25
oC
vcc = 8v
vcc = 7v
vcc = 6v
vcc = 5v
FREQUENCY—MHz
1012
4
6 8
2
4
6
8
102
103
SR00206
Figure 15. Insertion Gain vs Frequency (S21)
25
20
15
10
ZO = 75Ω
VCC = 6V
TA = –55
oC
TA = 25
oC
TA = 85
oC
TA =
125oC
FREQUENCY—MHz
1012
4
6
8
2
4
6
8
102
103
SR00208
Figure 16. Insertion Gain vs Frequency (S21)


Similar Part No. - SA5204A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5204A PHILIPS-SA5204A Datasheet
190Kb / 14P
   Wide-band high-frequency amplifier
1992 Feb 25
SA5204AD PHILIPS-SA5204AD Datasheet
190Kb / 14P
   Wide-band high-frequency amplifier
1992 Feb 25
SA5204AN PHILIPS-SA5204AN Datasheet
190Kb / 14P
   Wide-band high-frequency amplifier
1992 Feb 25
More results

Similar Description - SA5204A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5205A PHILIPS-NE5205A Datasheet
190Kb / 14P
   Wide-band high-frequency amplifier
1992 Feb 24
SA5205A PHILIPS-SA5205A Datasheet
114Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
NE5204A PHILIPS-NE5204A Datasheet
190Kb / 14P
   Wide-band high-frequency amplifier
1992 Feb 25
logo
Toshiba Semiconductor
2SC1199 TOSHIBA-2SC1199 Datasheet
65Kb / 2P
   HIGH FREQUENCY WIDE BAND AMPLIFIER APPLICATIONS.
logo
OKI electronic componet...
KGF2701 OKI-KGF2701 Datasheet
100Kb / 7P
   Wide-Band Amplifier
logo
NEC
UPG103B NEC-UPG103B Datasheet
47Kb / 8P
   WIDE-BAND AMPLIFIER
logo
Mini-Circuits
SIM-83 MINI-SIM-83 Datasheet
275Kb / 2P
   Frequency Mixer WIDE BAND
MCA1-80H MINI-MCA1-80H Datasheet
162Kb / 2P
   Frequency Mixer WIDE BAND
MCA-50MH MINI-MCA-50MH Datasheet
211Kb / 2P
   Frequency Mixer WIDE BAND
MCA1-12GL MINI-MCA1-12GL Datasheet
171Kb / 2P
   Frequency Mixer WIDE BAND
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com