Electronic Components Datasheet Search |
|
XC6112C538 Datasheet(PDF) 1 Page - Torex Semiconductor |
|
XC6112C538 Datasheet(HTML) 1 Page - Torex Semiconductor |
1 / 26 page 1/26 XC6101_07_XC6111_17 ETR0207_009 Preliminary ◆ CMOS Voltage Detector ◆ Manual Reset Input ◆ Watchdog Functions ◆ Built-in Delay Circuit ◆ Detect Voltage Range: 1.6~5.0V, ± 2% ◆ Reset Function is Selectable VDFL (Low When Detected) VDFH (High When Detected) ■ GENERAL DESCRIPTION The XC6101~XC6107, XC6111~XC6117 series are groups of high-precision, low current consumption voltage detectors with manual reset input function and watchdog functions incorporating CMOS process technology. The series consist of a reference voltage source, delay circuit, comparator, and output driver. With the built-in delay circuit, the XC6101 ~ XC6107, XC6111 ~ XC6117 series’ ICs do not require any external components to output signals with release delay time. Moreover, with the manual reset function, reset can be asserted at any time. The ICs produce two types of output; VDFL (low when detected) and VDFH (high when detected). With the XC6101 ~ XC6105, XC6111 ~ XC6115 series’ ICs, the WD pin can be left open if the watchdog function is not used. Whenever the watchdog pin is opened, the internal counter clears before the watchdog timeout occurs. Since the manual reset pin is internally pulled up to the VIN pin voltage level, the ICs can be used with the manual reset pin left unconnected if the pin is unused. The detect voltages are internally fixed 1.6V ~ 5.0V in increments of 100mV, using laser trimming technology. Six watchdog timeout period settings are available in a range from 6.25msec to 1.6sec. Seven release delay time 1 are available in a range from 3.13msec to 1.6sec. ■ APPLICATIONS ● Microprocessor reset circuits ● Memory battery backup circuits ● System power-on reset circuits ● Power failure detection ■ TYPICAL APPLICATION CIRCUIT * Not necessary with CMOS output products. ■ FEATURES Detect Voltage Range : 1.6V ~ 5.0V, +2% (100mV increments) Hysteresis Range : VDF x 5%, TYP. (XC6101~XC6107) VDF x 0.1%, TYP. (XC6111~XC6117) Operating Voltage Range : 1.0V ~ 6.0V Detect Voltage Temperature Characteristics : +100ppm/OC (TYP.) Output Configuration : N-channel open drain, CMOS Watchdog Pin : Watchdog input If watchdog input maintains ‘H’ or ‘L’ within the watchdog timeout period, a reset signal is output to the RESET output pin Manual Reset Pin : When driven ‘H’ to ‘L’ level signal, the MRB pin voltage asserts forced reset on the output pin. Release Delay Time : 1.6sec, 400msec, 200msec, 100msec, 50msec, 25msec, 3.13msec (TYP.) can be selectable. Watchdog Timeout Period : 1.6sec, 400msec, 200msec, 100msec, 50msec, 6.25msec (TYP.) can be selectable. ■ TYPICAL PERFORMANCE CHARACTERISTICS ● Supply Current vs. Input Voltage * ‘x’ represents both ‘0’ and ‘1’. (ex. XC61x1⇒XC6101 and XC6111) 0 5 10 15 20 25 30 012 3456 Input Voltage: VIN (V) XC61X1~XC61X5 (2.7V) Ta=85℃ Ta=-40℃ Ta=25℃ |
Similar Part No. - XC6112C538 |
|
Similar Description - XC6112C538 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |